Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2CC810OI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY2CC810OI
Description  1:10 Clock Fanout Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2CC810OI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY2CC810OI Datasheet HTML 1Page - Cypress Semiconductor CY2CC810OI Datasheet HTML 2Page - Cypress Semiconductor CY2CC810OI Datasheet HTML 3Page - Cypress Semiconductor CY2CC810OI Datasheet HTML 4Page - Cypress Semiconductor CY2CC810OI Datasheet HTML 5Page - Cypress Semiconductor CY2CC810OI Datasheet HTML 6Page - Cypress Semiconductor CY2CC810OI Datasheet HTML 7Page - Cypress Semiconductor CY2CC810OI Datasheet HTML 8Page - Cypress Semiconductor CY2CC810OI Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1:10 Clock Fanout Buffer
CY2CC810
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-07056 Rev. *E
Revised September 5, 2006
Features
• Low-voltage operation
•VDD range from 2.5V to 3.3V
• 1:10 fanout
• Over voltage tolerant input hot swappable
• Drives either a 50-Ohm or 75-Ohm transmission line
• Low-input capacitance
• 250 ps typical output-to-output skew
• 19 ps typical DJ jitter
• Typical propagation delay < 3.5 ns
• High-speed operation > 500 MHz
• Industrial versions available
• Available packages include: SOIC, SSOP
Description
The Cypress series of network circuits are produced using
advanced 0.35-micron CMOS technology, achieving the
industry’s fastest logic and buffers.
The Cypress CY2CC810 fanout buffer features one input and
ten outputs. Designed for data communications clock
management applications, the large fanout from a single input
reduces loading on the input clock.
AVCMOS-type
outputs
dynamically
adjust
for
variable
impedance matching and reduce noise overall.
.
Block Diagram
Pin Configuration
OUTPUT
(AVCMOS)
IN
Q1
Q5
Q7
Q6
Q4
Q3
Q2
Q8
Q9
Q10
GND
VDD
INPUT
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
20 pin SOIC/SSOP
VDD
Q10
Q9
GND
Q8
VDD
Q7
GND
Q6
Q5
IN
GND
Q1
VDD
Q2
GND
Q3
VDD
Q4
GND
Pin Description
Pin Number
Pin Name
Description
1
IN
Input
LVCMOS
2, 6, 10, 13, 17
GND
Ground
Power
4, 8, 15, 20
VDD
Power Supply
Power
3, 5, 7, 9, 11, 12, 14, 16, 18, 19
Q1... Q10
Output
AVCMOS


Similar Part No. - CY2CC810OI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2CC810OI CYPRESS-CY2CC810OI Datasheet
115Kb / 7P
   1:10 Clock Fanout Buffer
CY2CC810OIT CYPRESS-CY2CC810OIT Datasheet
115Kb / 7P
   1:10 Clock Fanout Buffer
More results

Similar Description - CY2CC810OI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2CC910 CYPRESS-CY2CC910_05 Datasheet
217Kb / 9P
   1:10 Clock Fanout Buffer
CY2CC810 CYPRESS-CY2CC810 Datasheet
115Kb / 7P
   1:10 Clock Fanout Buffer
CY2CC910 CYPRESS-CY2CC910_08 Datasheet
472Kb / 11P
   1:10 Clock Fanout Buffer
CY2CC910 CYPRESS-CY2CC910 Datasheet
133Kb / 8P
   1:10 Clock Fanout Buffer
CY2CC1910 CYPRESS-CY2CC1910 Datasheet
129Kb / 8P
   1:10 Clock Fanout Buffer with Output Enable
logo
Asahi Kasei Microsystem...
AK8180A AKM-AK8180A Datasheet
580Kb / 12P
   2.5V, 3.3V LVCMOS 1:10 Clock Fanout Buffer
logo
Cypress Semiconductor
CY2CC1810 CYPRESS-CY2CC1810 Datasheet
128Kb / 8P
   1:10 Clock Fanout Buffer with Output Enable
CY2PP3220 CYPRESS-CY2PP3220 Datasheet
190Kb / 9P
   Dual 1:10 Differential Clock / Data Fanout Buffer
logo
Asahi Kasei Microsystem...
AK8180D AKM-AK8180D Datasheet
832Kb / 12P
   2.5V, 3.3V LVCMOS 1:10 Clock Fanout Buffer
AK8181H AKM-AK8181H Datasheet
542Kb / 12P
   2.5V, 3.3V LVPECL 1:10 Clock Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com