Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C9530 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # C9530
Description  PCIX I/O System Clock Generator with EMI Control Features
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

C9530 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button C9530 Datasheet HTML 3Page - Cypress Semiconductor C9530 Datasheet HTML 4Page - Cypress Semiconductor C9530 Datasheet HTML 5Page - Cypress Semiconductor C9530 Datasheet HTML 6Page - Cypress Semiconductor C9530 Datasheet HTML 7Page - Cypress Semiconductor C9530 Datasheet HTML 8Page - Cypress Semiconductor C9530 Datasheet HTML 9Page - Cypress Semiconductor C9530 Datasheet HTML 10Page - Cypress Semiconductor C9530 Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
C9530
Document #: 38-07033 Rev. *C
Page 10 of 11
© Cypress Semiconductor Corporation, 2005. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use
of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be
used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its
products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress
products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges.
Package Diagrams
All product and company names mentioned in this document may be the trademarks of their respective holders.
48-lead Shrunk Small Outline Package O48
51-85061-*C
1.100[0.043]
0.051[0.002]
0.851[0.033]
SEATING
PLANE
1
24
0.508[0.020]
0.500[0.019]
7.950[0.313]
0.25[0.010]
6.198[0.244]
12.395[0.488]
8.255[0.325]
5.994[0.236]
0.950[0.037]
0.500[0.020]
BSC
12.598[0.496]
0.152[0.006]
0.762[0.030]
0°-8°
DIMENSIONS IN MM[INCHES] MIN.
MAX.
MAX.
0.170[0.006]
0.279[0.011]
GAUGE PLANE
0.20[0.008]
25
48
0.100[0.003]
0.200[0.008]
REFERENCE JEDEC MO-153
PACKAGE WEIGHT 0.33gms
PART #
Z4824 STANDARD PKG.
ZZ4824 LEAD FREE PKG.
48-lead (240-mil) TSSOP II Z4824
51-85059-*C


Similar Part No. - C9530

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C9530 SILABS-C9530 Datasheet
154Kb / 10P
   PCIX I/O System Clock Generator with EMI Control Features
More results

Similar Description - C9530

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
C9531 CYPRESS-C9531 Datasheet
115Kb / 10P
   PCIX I/O System Clock Generator with EMI Control Features
logo
Silicon Laboratories
C9530 SILABS-C9530 Datasheet
154Kb / 10P
   PCIX I/O System Clock Generator with EMI Control Features
logo
Cypress Semiconductor
C9531 CYPRESS-C9531_04 Datasheet
234Kb / 10P
   PCIX I/O System Clock Generator with EMI Control Features
logo
Silicon Laboratories
C9531 SILABS-C9531 Datasheet
1Mb / 10P
   PCIX I/O System Clock Generator with EMI Control Features
logo
SpectraLinear Inc
CY28510 SPECTRALINEAR-CY28510 Datasheet
161Kb / 12P
   Peripheral I/O Clock Generator
logo
Cypress Semiconductor
CY28510 CYPRESS-CY28510 Datasheet
99Kb / 13P
   Peripheral I/O Clock Generator
logo
Renesas Technology Corp
6P41505 RENESAS-6P41505 Datasheet
561Kb / 27P
   System Clock Generator
MAY 1, 2019
logo
List of Unclassifed Man...
FDC37N958FR ETC1-FDC37N958FR Datasheet
999Kb / 316P
   Notebook I/O Controller with Enhanced Keyboard and System Control
logo
SMSC Corporation
FDC37M707 SMSC-FDC37M707_07 Datasheet
690Kb / 194P
   Super I/O Controller with Wake-Up Features
FDC37M707 SMSC-FDC37M707 Datasheet
810Kb / 194P
   SUPER I/O CONTROLLER WITH WAKE UP FEATURES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com