Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST39WF400A-100-4I-C1QE Datasheet(PDF) 3 Page - Silicon Storage Technology, Inc

Part # SST39WF400A-100-4I-C1QE
Description  4 Mbit (x16) Multi-Purpose Flash
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39WF400A-100-4I-C1QE Datasheet(HTML) 3 Page - Silicon Storage Technology, Inc

  SST39WF400A-100-4I-C1QE Datasheet HTML 1Page - Silicon Storage Technology, Inc SST39WF400A-100-4I-C1QE Datasheet HTML 2Page - Silicon Storage Technology, Inc SST39WF400A-100-4I-C1QE Datasheet HTML 3Page - Silicon Storage Technology, Inc SST39WF400A-100-4I-C1QE Datasheet HTML 4Page - Silicon Storage Technology, Inc SST39WF400A-100-4I-C1QE Datasheet HTML 5Page - Silicon Storage Technology, Inc SST39WF400A-100-4I-C1QE Datasheet HTML 6Page - Silicon Storage Technology, Inc SST39WF400A-100-4I-C1QE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST39WF400A-100-4I-C1QE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST39WF400A-100-4I-C1QE Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Data Sheet
4 Mbit Multi-Purpose Flash
SST39WF400A
3
©2003 Silicon Storage Technology, Inc.
S71220-04-000
11/03
Data# Polling (DQ7)
When the SST39WF400A is in the internal Program oper-
ation, any attempt to read DQ7 will produce the comple-
ment of the true data. Once the Program operation is
completed, DQ7 will produce true data. Note that even
though DQ7 may have valid data immediately following the
completion of an internal Write operation, the remaining
data outputs may still be invalid: valid data on the entire
data bus will appear in subsequent successive Read
cycles after an interval of 1 µs. During internal Erase oper-
ation, any attempt to read DQ7 will produce a ‘0’. Once the
internal Erase operation is completed, DQ7 will produce a
‘1’. The Data# Polling is valid after the rising edge of fourth
WE# (or CE#) pulse for Program operation. For Sector-,
Block- or Chip-Erase, the Data# Polling is valid after the
rising edge of sixth WE# (or CE#) pulse. See Figure 6 for
Data# Polling timing diagram and Figure 17 for a flowchart.
Toggle Bit (DQ6)
During the internal Program or Erase operation, any con-
secutive attempts to read DQ6 will produce alternating 1s
and 0s, i.e., toggling between 1 and 0. When the internal
Program or Erase operation is completed, the DQ6 bit will
stop toggling. The device is then ready for the next opera-
tion. The Toggle Bit is valid after the rising edge of fourth
WE# (or CE#) pulse for Program operation. For Sector-,
Block- or Chip-Erase, the Toggle Bit is valid after the rising
edge of sixth WE# (or CE#) pulse. See Figure 7 for Toggle
Bit timing diagram and Figure 17 for a flowchart.
Data Protection
The SST39WF400A provides both hardware and software
features to protect nonvolatile data from inadvertent writes.
Hardware Data Protection
Noise/Glitch Protection: A WE# or CE# pulse of less than 5
ns will not initiate a write cycle.
VDD Power Up/Down Detection: The Write operation is
inhibited when VDD is less than 1.0V.
Write Inhibit Mode: Forcing OE# low, CE# high, or WE#
high will inhibit the Write operation. This prevents inadvert-
ent writes during power-up or power-down.
Software Data Protection (SDP)
The SST39WF400A provides the JEDEC approved Soft-
ware Data Protection scheme for all data alteration opera-
tions, i.e., Program and Erase. Any Program operation
requires the inclusion of the three-byte sequence. The
three-byte load sequence is used to initiate the Program
operation, providing optimal protection from inadvertent
Write operations, e.g., during the system power-up or
power-down. Any Erase operation requires the inclusion of
six-byte sequence. This group of devices are shipped with
the Software Data Protection permanently enabled. See
Table 4 for the specific software command codes. During
SDP command sequence, invalid commands will abort the
device to Read mode within TRC. The contents of DQ15-
DQ8 can be VIL or VIH, but no other value, during any SDP
command sequence.
Common Flash Memory Interface (CFI)
The SST39WF400A also contains the CFI information to
describe the characteristics of the device. In order to enter
the CFI Query mode, the system must write three-byte
sequence, same as Software ID Entry command with 98H
(CFI Query command) to address 5555H in the last byte
sequence. Once the device enters the CFI Query mode,
the system can read CFI data at the addresses given in
Tables 5 through 7. The system must write the CFI Exit
command to return to Read mode from the CFI Query
mode.


Similar Part No. - SST39WF400A-100-4I-C1QE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39WF400A-100-4I-C1QE SST-SST39WF400A-100-4I-C1QE Datasheet
462Kb / 26P
   4 Mbit (x16) Multi-Purpose Flash
More results

Similar Description - SST39WF400A-100-4I-C1QE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39WF400A SST-SST39WF400A Datasheet
462Kb / 26P
   4 Mbit (x16) Multi-Purpose Flash
logo
Microchip Technology
SST39LF200A MICROCHIP-SST39LF200A_11 Datasheet
4Mb / 37P
   Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
2011 Silicon
SST39VF401C MICROCHIP-SST39VF401C Datasheet
486Kb / 38P
   4 Mbit (x16) Multi-Purpose Flash Plus
04/14
SST39VF800A-70-4I-B3KE-T MICROCHIP-SST39VF800A-70-4I-B3KE-T Datasheet
4Mb / 37P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
03/11
logo
Silicon Storage Technol...
SST39LF200A SST-SST39LF200A_10 Datasheet
862Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39LF200A SST-SST39LF200A_07 Datasheet
843Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39LF200A SST-SST39LF200A Datasheet
340Kb / 30P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39VF320 SST-SST39VF320 Datasheet
384Kb / 24P
   32 Mbit (x16) Multi-Purpose Flash
SST39WF800A SST-SST39WF800A_07 Datasheet
659Kb / 27P
   8 Mbit (x16) Multi-Purpose Flash
SST39LF160 SST-SST39LF160 Datasheet
306Kb / 26P
   16 Mbit (x16) Multi-Purpose Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com