Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

40HFR1200 Datasheet(PDF) 8 Page - International Rectifier

Part # 40HFR1200
Description  STANDARD RECOVERY DIODES
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

40HFR1200 Datasheet(HTML) 8 Page - International Rectifier

  40HFR1200 Datasheet HTML 1Page - International Rectifier 40HFR1200 Datasheet HTML 2Page - International Rectifier 40HFR1200 Datasheet HTML 3Page - International Rectifier 40HFR1200 Datasheet HTML 4Page - International Rectifier 40HFR1200 Datasheet HTML 5Page - International Rectifier 40HFR1200 Datasheet HTML 6Page - International Rectifier 40HFR1200 Datasheet HTML 7Page - International Rectifier 40HFR1200 Datasheet HTML 8Page - International Rectifier 40HFR1200 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
40HF(R) Series
8
Bulletin I20201 rev. C 03/04
www.irf.com
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 03/04
Data and specifications subject to change without notice.
This product has been designed and qualified for Industrial Level.
Qualification Standards can be found on IR's Web site.


Similar Part No. - 40HFR1200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
40HFR120 VISHAY-40HFR120 Datasheet
123Kb / 7P
   Standard Recovery Diodes, (Stud Version), 40 A
Revision: 23-Jun-08
logo
Naina Semiconductor ltd...
40HFR120 NAINA-40HFR120 Datasheet
120Kb / 2P
   Standard Recovery Diodes (Stud and Lead Type)
40HFR120 NAINA-40HFR120 Datasheet
77Kb / 1P
   SILICON POWER DIODES
logo
Vishay Siliconix
40HFR120M VISHAY-40HFR120M Datasheet
123Kb / 7P
   Standard Recovery Diodes, (Stud Version), 40 A
Revision: 23-Jun-08
logo
Naina Semiconductor ltd...
40HFR120M NAINA-40HFR120M Datasheet
77Kb / 1P
   SILICON POWER DIODES
More results

Similar Description - 40HFR1200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
   STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
SD600R20PC VISHAY-SD600R20PC Datasheet
187Kb / 9P
   Standard Recovery Diodes
Revision: 17-Apr-08
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
305Kb / 7P
   Standard Recovery Diodes
logo
International Rectifier
VS-70HF140 IRF-VS-70HF140 Datasheet
106Kb / 7P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
VS-302UR60A VISHAY-VS-302UR60A Datasheet
179Kb / 8P
   Standard Recovery Diodes
Revision: 25-Nov-13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com