Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X28HC256DM-12 Datasheet(PDF) 7 Page - Intersil Corporation

Part # X28HC256DM-12
Description  5V, Byte Alterable EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X28HC256DM-12 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button X28HC256DM-12 Datasheet HTML 3Page - Intersil Corporation X28HC256DM-12 Datasheet HTML 4Page - Intersil Corporation X28HC256DM-12 Datasheet HTML 5Page - Intersil Corporation X28HC256DM-12 Datasheet HTML 6Page - Intersil Corporation X28HC256DM-12 Datasheet HTML 7Page - Intersil Corporation X28HC256DM-12 Datasheet HTML 8Page - Intersil Corporation X28HC256DM-12 Datasheet HTML 9Page - Intersil Corporation X28HC256DM-12 Datasheet HTML 10Page - Intersil Corporation X28HC256DM-12 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
FN8108.2
May 7, 2007
The Toggle Bit I/O6
¬
The Toggle Bit can eliminate the chore of saving and fetching
the last address and data in order to implement DATA Polling.
This can be especially helpful in an array comprised of
multiple X28HC256 memories that is frequently updated.
The timing diagram in Figure 4 illustrates the sequence of
events on the bus. The software flow diagram in Figure 5
illustrates a method for polling the Toggle Bit.
Hardware Data Protection
The X28HC256 provides two hardware features that protect
nonvolatile data from inadvertent writes.
• Default VCC Sense—All write functions are inhibited when
VCC is 3.5V typically.
• Write Inhibit—Holding either OE LOW, WE HIGH, or CE
HIGH will prevent an inadvertent write cycle during power-
up and power-down, maintaining data integrity.
Software Data Protection
The X28HC256 offers a software-controlled data protection
feature. The X28HC256 is shipped from Intersil with the
software data protection NOT ENABLED; that is, the device
will be in the standard operating mode. In this mode data
should be protected during power-up/down operations
through the use of external circuits. The host would then
have open read and write access of the device once VCC
was stable.
The X28HC256 can be automatically protected during
power-up and power-down (without the need for external
circuits) by employing the software data protection feature.
The internal software data protection circuit is enabled after
the first write operation, utilizing the software algorithm. This
circuit is nonvolatile, and will remain set for the life of the
device unless the reset command is issued.
Once the software protection is enabled, the X28HC256 is
also protected from inadvertent and accidental writes in the
powered-up state. That is, the software algorithm must be
issued prior to writing additional data to the device.
CE
OE
WE
X28C512, X28C513
LAST
WRITE
I/O6
HIGH Z
*
*
VOH
VOL
READY
* I/O6 Beginning and ending state of I/O6 will vary.
FIGURE 4. TOGGLE BIT BUS SEQUENCE
COMPARE
X28C256
NO
YES
OK?
COMPARE
ACCUM WITH
ADDR n
LOAD ACCUM
FROM ADDR n
LAST WRITE
READY
YES
FIGURE 5. TOGGLE BIT SOFTWARE FLOW
X28HC256


Similar Part No. - X28HC256DM-12

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28HC256DM-12 XICOR-X28HC256DM-12 Datasheet
110Kb / 24P
   5 Volt, Byte Alterable E2PROM
logo
Intersil Corporation
X28HC256DM-12 INTERSIL-X28HC256DM-12 Datasheet
286Kb / 15P
   5 Volt, Byte Alterable EEPROM
logo
Rochester Electronics
X28HC256DM-12 ROCHESTER-X28HC256DM-12 Datasheet
977Kb / 21P
   LOW POWER CMOS EEPROM with hi-speed page write capability 256K EEPROM
More results

Similar Description - X28HC256DM-12

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28C010 INTERSIL-X28C010_07 Datasheet
440Kb / 20P
   5V, Byte Alterable EEPROM
X28C512 INTERSIL-X28C512_06 Datasheet
465Kb / 21P
   5V, Byte Alterable EEPROM
X28C512 INTERSIL-X28C512 Datasheet
599Kb / 25P
   5V, Byte Alterable EEPROM
logo
Renesas Technology Corp
X28C512 RENESAS-X28C512 Datasheet
848Kb / 21P
   5V, Byte Alterable EEPROM
X28C010 RENESAS-X28C010 Datasheet
823Kb / 20P
   5V, Byte Alterable EEPROM
February 12, 2007
X28HC256 RENESAS-X28HC256 Datasheet
873Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
logo
Intersil Corporation
X28HC256JZ-15 INTERSIL-X28HC256JZ-15 Datasheet
502Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
August 27, 2015
X28HC256 INTERSIL-X28HC256 Datasheet
286Kb / 15P
   5 Volt, Byte Alterable EEPROM
logo
Force Technologies Ltd
FT28HC256 FORCE-FT28HC256 Datasheet
2Mb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Intersil Corporation
X28C010 INTERSIL-X28C010 Datasheet
617Kb / 23P
   5 Volt, Byte Alterable EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com