Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

42HFR400 Datasheet(PDF) 3 Page - International Rectifier

Part # 42HFR400
Description  STANDARD RECOVERY DIODES
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

42HFR400 Datasheet(HTML) 3 Page - International Rectifier

  42HFR400 Datasheet HTML 1Page - International Rectifier 42HFR400 Datasheet HTML 2Page - International Rectifier 42HFR400 Datasheet HTML 3Page - International Rectifier 42HFR400 Datasheet HTML 4Page - International Rectifier 42HFR400 Datasheet HTML 5Page - International Rectifier 42HFR400 Datasheet HTML 6Page - International Rectifier 42HFR400 Datasheet HTML 7Page - International Rectifier 42HFR400 Datasheet HTML 8Page - International Rectifier 42HFR400 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
40HF(R) Series
3
Bulletin I20201 rev. C 03/04
www.irf.com
Parameter
Units
Conditions
40HF(R)
10 to 120
140 to 160
T
J
Max. junction operating temperature range
-65 to 190
-65 to 160
T
stg
Max. storage temperature range
-65 to 190
-65 to 160
R
thJC
Max. thermal resistance, junction to case
0.95
DC operation
R
thCS
Max. thermal resistance, case
Mounting surface, smooth, flat and
to heatsink
greased
T
Max. allowed mounting torque ±10%
2.3 - 3.4
Nm
Not lubricated threads
20 - 30
lbf
· in
wt
Approximate weight
17 (0.6)
g (oz)
unleaded device
Case style
DO-203AB (DO5)
See Outline Table
°C
0.25
K/W
Thermal and Mechanical Specifications
180°
0.14
0.10
T
J = TJ max.
120°
0.16
0.17
90°
0.21
0.22
60°
0.30
0.31
30°
0.50
0.50
Conduction angle
Sinusoidal conduction Rectangular conduction Units
Conditions
K/W
∆R
thJC Conduction
(The following table shows the increment of thermal resistence R
thJC when devices operate at different conduction angles than DC)
Ordering Information Table
1
2
3
4
5
Device Code
40
HF
R
160
M
1
-
40 = Standard device
41 = Not isolated lead
42 = Isolated lead with silicone sleeve
(Red = Reverse polarity)
(Blue = Normal polarity)
2
-
Standard diode
3
-
None = Stud Normal Polarity (Cathode to Stud)
R
= Stud Reverse Polarity (Anode to Stud)
4
-
Voltage code: Code x 10 = V
RRM (See Voltage Ratings table)
5
-
None = Stud base DO-203AB (DO-5) 1/4" 28UNF-2A
M
= Stud base DO-203AB (DO-5) M6 X 1


Similar Part No. - 42HFR400

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
42HFR40 VISHAY-42HFR40 Datasheet
123Kb / 7P
   Standard Recovery Diodes, (Stud Version), 40 A
Revision: 23-Jun-08
42HFR40M VISHAY-42HFR40M Datasheet
123Kb / 7P
   Standard Recovery Diodes, (Stud Version), 40 A
Revision: 23-Jun-08
More results

Similar Description - 42HFR400

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
   STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
SD600R20PC VISHAY-SD600R20PC Datasheet
187Kb / 9P
   Standard Recovery Diodes
Revision: 17-Apr-08
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
305Kb / 7P
   Standard Recovery Diodes
logo
International Rectifier
VS-70HF140 IRF-VS-70HF140 Datasheet
106Kb / 7P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
VS-302UR60A VISHAY-VS-302UR60A Datasheet
179Kb / 8P
   Standard Recovery Diodes
Revision: 25-Nov-13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com