Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X28HC256JM-15 Datasheet(PDF) 2 Page - Intersil Corporation

Part # X28HC256JM-15
Description  5V, Byte Alterable EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X28HC256JM-15 Datasheet(HTML) 2 Page - Intersil Corporation

  X28HC256JM-15 Datasheet HTML 1Page - Intersil Corporation X28HC256JM-15 Datasheet HTML 2Page - Intersil Corporation X28HC256JM-15 Datasheet HTML 3Page - Intersil Corporation X28HC256JM-15 Datasheet HTML 4Page - Intersil Corporation X28HC256JM-15 Datasheet HTML 5Page - Intersil Corporation X28HC256JM-15 Datasheet HTML 6Page - Intersil Corporation X28HC256JM-15 Datasheet HTML 7Page - Intersil Corporation X28HC256JM-15 Datasheet HTML 8Page - Intersil Corporation X28HC256JM-15 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
FN8108.2
May 7, 2007
Ordering Information
PART NUMBER
PART MARKING
ACCESS TIME
(ns)
TEMP. RANGE
(°C)
PACKAGE
PKG. DWG. #
X28HC256DI-15
X28HC256DI-15 RR
150
-40 to +85
28 Ld CERDIP
F28.6
X28HC256DM-15
X28HC256DM-15 RR
-55 to +125
28 Ld CERDIP
F28.6
X28HC256DMB-15
C X28HC256DMB-15
MIL-STD-883
28 Ld CERDIP
F28.6
X28HC256EMB-15
C X28HC256EMB-15
MIL-STD-883
32 Ld LCC (458 mils)
X28HC256FMB-15
C X28HC256FMB-15
MIL-STD-883
28 Ld FLATPACK (440 mils)
X28HC256J-15*, **
X28HC256J-15 RR
0 to +70
32 Ld PLCC
N32.45x55
X28HC256JZ-15* (Note)
X28HC256J-15 ZRR
0 to +70
32 Ld PLCC (Pb-free)
N32.45x55
X28HC256JI-15*, **
X28HC256JI-15 RR
-40 to +85
32 Ld PLCC
N32.45x55
X28HC256JIZ-15* (Note)
X28HC256JI-15 ZRR
-40 to +85
32 Ld PLCC (Pb-free)
N32.45x55
X28HC256JM-15*
X28HC256JM-15 RR
-55 to +125
32 Ld PLCC
N32.45x55
X28HC256KI-15
X28HC256KI-15 RR
-40 to +85
28 Ld PGA
G28.550x650A
X28HC256KM-15
X28HC256KM-15 RR
-55 to +125
28 Ld PGA
G28.550x650A
X28HC256KMB-15
C X28HC256KMB-15
MIL-STD-883
28 Ld PGA
G28.550x650A
X28HC256P-15
X28HC256P-15 RR
0 to +70
28 Ld PDIP
E28.6
X28HC256PZ-15 (Note)
X28HC256P-15 RRZ
0 to +70
28 Ld PDIP (Pb-free)***
E28.6
X28HC256PI-15
X28HC256PI-15 RR
-40 to +85
28 Ld PDIP
E28.6
X28HC256PIZ-15 (Note)
X28HC256PI-15 RRZ
-40 to +85
28 Ld PDIP (Pb-free)***
E28.6
X28HC256PM-15
X28HC256PM-15 RR
-55 to +125
28 Ld PDIP
E28.6
X28HC256SI-15*
X28HC256SI-15 RR
-40 to +85
28 Ld SOIC (300 mil)
MDP0027
X28HC256SIZ-15* (Note)
X28HC256SI-15 RRZ
-40 to +85
28 Ld SOIC (300 mil) (Pb-free)
MDP0027
X28HC256SM-15
X28HC256SM-15 RR
-55 to +125
28 Ld SOIC (300 mil)
MDP0027
X28HC256D-12
X28HC256D-12 RR
120
0 to +70
28 Ld CERDIP (520 mils)
F28.6
X28HC256DI-12
X28HC256DI-12 RR
-40 to +85
28 Ld CERDIP (520 mils)
F28.6
X28HC256DM-12
X28HC256DM-12 RR
-55 to +125
28 Ld CERDIP (520 mils)
F28.6
X28HC256DMB-12
C X28HC256DMB-12
MIL-STD-883
28 Ld CERDIP (520 mils)
F28.6
X28HC256EI-12
X28HC256EI-12 RR
-40 to +85
32 Ld LCC (458 mils)
X28HC256EM-12
X28HC256EM-12 RR
-55 to +125
32 Ld LCC (458 mils)
X28HC256EMB-12
C X28HC256EMB-12
MIL-STD-883
32 Ld LCC (458 mils)
X28HC256FMB-12
C X28HC256FMB-12
MIL-STD-883
28 Ld FLATPACK (440 mils)
X28HC256J-12*
X28HC256J-12 RR
0 to +70
32 Ld PLCC
N32.45x55
X28HC256JZ-12* (Note)
X28HC256J-12 ZRR
0 to +70
32 Ld PLCC (Pb-free)
N32.45x55
X28HC256JI-12*
X28HC256JI-12 RR
-40 to +85
32 Ld PLCC
N32.45x55
X28HC256JIZ-12* (Note)
X28HC256JI-12 ZRR
-40 to +85
32 Ld PLCC (Pb-free)
N32.45x55
X28HC256KI-12
X28HC256KI-12 RR
-40 to +85
28 Ld PGA
G28.550x650A
X28HC256KM-12
X28HC256KM-12 RR
-55 to +125
28 Ld PGA
G28.550x650A
X28HC256KMB-12
C X28HC256KMB-12
MIL-STD-883
28 Ld PGA
G28.550x650A
X28HC256P-12
X28HC256P-12 RR
0 to +70
28 Ld PDIP
E28.6
X28HC256PZ-12 (Note)
X28HC256P-12 RRZ
0 to +70
28 Ld PDIP (Pb-free)***
E28.6
X28HC256PI-12
X28HC256PI-12 RR
-40 to +85
28 Ld PDIP
E28.6
X28HC256


Similar Part No. - X28HC256JM-15

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28HC256JM-15 XICOR-X28HC256JM-15 Datasheet
110Kb / 24P
   5 Volt, Byte Alterable E2PROM
logo
Intersil Corporation
X28HC256JM-15 INTERSIL-X28HC256JM-15 Datasheet
286Kb / 15P
   5 Volt, Byte Alterable EEPROM
logo
Rochester Electronics
X28HC256JM-15T1 ROCHESTER-X28HC256JM-15T1 Datasheet
977Kb / 21P
   LOW POWER CMOS EEPROM with hi-speed page write capability 256K EEPROM
More results

Similar Description - X28HC256JM-15

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28C010 INTERSIL-X28C010_07 Datasheet
440Kb / 20P
   5V, Byte Alterable EEPROM
X28C512 INTERSIL-X28C512_06 Datasheet
465Kb / 21P
   5V, Byte Alterable EEPROM
X28C512 INTERSIL-X28C512 Datasheet
599Kb / 25P
   5V, Byte Alterable EEPROM
logo
Renesas Technology Corp
X28C512 RENESAS-X28C512 Datasheet
848Kb / 21P
   5V, Byte Alterable EEPROM
X28C010 RENESAS-X28C010 Datasheet
823Kb / 20P
   5V, Byte Alterable EEPROM
February 12, 2007
X28HC256 RENESAS-X28HC256 Datasheet
873Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
logo
Intersil Corporation
X28HC256JZ-15 INTERSIL-X28HC256JZ-15 Datasheet
502Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
August 27, 2015
X28HC256 INTERSIL-X28HC256 Datasheet
286Kb / 15P
   5 Volt, Byte Alterable EEPROM
logo
Force Technologies Ltd
FT28HC256 FORCE-FT28HC256 Datasheet
2Mb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Intersil Corporation
X28C010 INTERSIL-X28C010 Datasheet
617Kb / 23P
   5 Volt, Byte Alterable EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com