Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL97652IRZ-T Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL97652IRZ-T
Description  4-Channel Integrated LCD Supply with Dual VCOM Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97652IRZ-T Datasheet(HTML) 5 Page - Intersil Corporation

  ISL97652IRZ-T Datasheet HTML 1Page - Intersil Corporation ISL97652IRZ-T Datasheet HTML 2Page - Intersil Corporation ISL97652IRZ-T Datasheet HTML 3Page - Intersil Corporation ISL97652IRZ-T Datasheet HTML 4Page - Intersil Corporation ISL97652IRZ-T Datasheet HTML 5Page - Intersil Corporation ISL97652IRZ-T Datasheet HTML 6Page - Intersil Corporation ISL97652IRZ-T Datasheet HTML 7Page - Intersil Corporation ISL97652IRZ-T Datasheet HTML 8Page - Intersil Corporation ISL97652IRZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5
FN9287.1
November 2, 2007
CMRR
Common-Mode Rejection Ratio
50
70
dB
PSRR
Power Supply Rejection Ratio
70
85
dB
VOH
Output Voltage Swing High
IOUT(SOURCE) = 5mA
AVIN - 50
mV
VOH
Output Voltage Swing High
IOUT(SOURCE) = 50mA
AVIN - 450
mV
VOL
Output Voltage Swing Low
IOUT(SINK) = 5mA
50
mV
VOL
Output Voltage Swing Low
IOUT(SINK) = 50mA
450
mV
ISC
Output Short Circuit Current per amplifier
300
400
mA
SR
Slew Rate
50
V/µs
BW
Gain Bandwidth
-3dB gain point
30
MHz
FAULT DETECTION THRESHOLDS
OVP
Overvoltage Protection Threshold
AVDD rising
18.8
19.5
20
V
OVPHYS
Overvoltage Protection Threshold Hysteresis
0.8
V
VLOR
Undervoltage Lockout Threshold
PVIN rising
7.8
8.0
V
VLOF
Undervoltage Lockout Threshold
PVIN falling
7.4
7.6
V
TOFF
Thermal Shut-Down
Temperature rising
150
°C
TON
Reset after Thermal Shut-Down
Temperature falling
100
°C
Vth_AVDD(FB)
AVDD Boost Short Detection
V(FBFBB) falling less than
1.14
V
Vth_VLOGIC(FB
B)
VLOGIC Buck Short Detection
V(FBB) falling less than
1.14
V
Vth_POUT(FBP) POUT Charge Pump Short Detection
V(FBP) falling less than
1.14
V
Vth_NOUT(FBN) NOUT Charge Pump Short Detection
V(FBN) rising more than
0.525
V
TFD
Fault Delay Time to Chip Turns Off
64
µs
START-UP SEQUENCING
ISS
SS, SSB Current
SS, SSB
≤1.5V
6
µA
IDLY
DLY1, DLY2 Current
DLY1, DLY2 <1.5V
6
µA
SSTH1
SS, SSB Voltage to Give Max Current Limit
1.27
V
SSTH2
SS, SSB Voltage to Enable Fault Checking
2.05
V
DELTH1
DEL1, DEL2 Voltage to Give Max Current
Limit
1.27
V
DELTH2
DEL1, DEL2 Voltage to Enable Fault
Checking
2.05
V
Electrical Specifications
VIN = 12V, VBOOST = VSUP = 15V, VON = 25V, VOFF = -8V, over temperature from -40°C to +85°C, unless
otherwise stated. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
ISL97652


Similar Part No. - ISL97652IRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97652IRZ-T INTERSIL-ISL97652IRZ-T Datasheet
717Kb / 25P
   4-Channel Integrated LCD Supply with Dual VCOM Amplifiers
logo
Renesas Technology Corp
ISL97652IRZ-T RENESAS-ISL97652IRZ-T Datasheet
1Mb / 25P
   4-Channel Integrated LCD Supply with Dual VCOM Amplifiers
logo
Intersil Corporation
ISL97652IRZ-TK INTERSIL-ISL97652IRZ-TK Datasheet
717Kb / 25P
   4-Channel Integrated LCD Supply with Dual VCOM Amplifiers
logo
Renesas Technology Corp
ISL97652IRZ-TK RENESAS-ISL97652IRZ-TK Datasheet
1Mb / 25P
   4-Channel Integrated LCD Supply with Dual VCOM Amplifiers
More results

Similar Description - ISL97652IRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97652 INTERSIL-ISL97652 Datasheet
717Kb / 25P
   4-Channel Integrated LCD Supply with Dual VCOM Amplifiers
logo
Renesas Technology Corp
ISL97652 RENESAS-ISL97652 Datasheet
1Mb / 25P
   4-Channel Integrated LCD Supply with Dual VCOM Amplifiers
logo
Maxim Integrated Produc...
MAX25220 MAXIM-MAX25220 Datasheet
722Kb / 55P
   Automotive 4-Channel TFT-LCD Power Supply with VCOM Buffer
Rev 4; 11/20
logo
Renesas Technology Corp
ISL97651 RENESAS-ISL97651 Datasheet
845Kb / 20P
   4-Channel Integrated LCD Supply
logo
Intersil Corporation
ISL97650B INTERSIL-ISL97650B Datasheet
414Kb / 20P
   4-Channel Integrated LCD Supply
ISL97650 INTERSIL-ISL97650 Datasheet
337Kb / 20P
   4-Channel Integrated LCD Supply
ISL97650B INTERSIL-ISL97650B Datasheet
414Kb / 20P
   4-Channel Integrated LCD Supply
ISL97651 INTERSIL-ISL97651 Datasheet
330Kb / 19P
   4-Channel Integrated LCD Supply
logo
Renesas Technology Corp
ISL97650B RENESAS-ISL97650B Datasheet
921Kb / 20P
   4-Channel Integrated LCD Supply
logo
Intersil Corporation
ISL97650 INTERSIL-ISL97650_09 Datasheet
353Kb / 20P
   4-Channel Integrated LCD Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com