Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL97653AIRZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL97653AIRZ
Description  5-Channel Integrated LCD Supply
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97653AIRZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL97653AIRZ Datasheet HTML 1Page - Intersil Corporation ISL97653AIRZ Datasheet HTML 2Page - Intersil Corporation ISL97653AIRZ Datasheet HTML 3Page - Intersil Corporation ISL97653AIRZ Datasheet HTML 4Page - Intersil Corporation ISL97653AIRZ Datasheet HTML 5Page - Intersil Corporation ISL97653AIRZ Datasheet HTML 6Page - Intersil Corporation ISL97653AIRZ Datasheet HTML 7Page - Intersil Corporation ISL97653AIRZ Datasheet HTML 8Page - Intersil Corporation ISL97653AIRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
FN6367.1
February 21, 2008
FAULT DETECTION THRESHOLDS
T_off
Thermal Shut-Down (latched and reset
by power cycle or EN cycle)
Temperature rising
150
°C
Vth_AVDD(FBB)
AVDD Boost Short Detection
V(FBB) falling less than
0.9
V
Vth_POUT (FBP)
POUT Charge Pump Short Detection
V(FBP) falling less than
0.9
V
Vth_NOUT (FBN)
NOUT Charge Pump Short Detection
V(FBN) rising more than
0.4
V
VON Slice POSITIVE SUPPLY = V(POUT)
I(POUT)_slice
VON Slice Current from POUT Supply
CTL = VDD, sequence complete
400
500
µA
CTL = AGND, sequence complete
150
200
µA
RON (POUT-COM)
ON Resistance between POUT-COM
CTL = VDD, sequence complete
5
10
Ω
RON (DRN-COM)
ON Resistance between DRN-COM
CTL = AGND, sequence complete
30
60
Ω
RON_COM
ON Resistance between DRN-COM and
PGND
200
260
400
Ω
PROT
IPROT_ON
PROT Pull-Down Current or Resistance
when Enabled by the Start-U
VPROT > 0.9V
38
50
60
µA
VPROT < 0.9V
500
760
1000
Ω
IPROT_OFF
PROT Pull-Up Current when Disabled
VPROT < 20V
2
3
4
mA
Electrical Specifications
VIN = 12V, VBOOST = VSUPN = VSUPP = 15V, VON = 25V, VOFF = -8V, over temperature from -40°C to +105°C,
unless otherwise stated. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
ISL97653A


Similar Part No. - ISL97653AIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97653AIRZ INTERSIL-ISL97653AIRZ Datasheet
752Kb / 18P
   5-Channel Integrated LCD Supply
logo
Renesas Technology Corp
ISL97653AIRZ RENESAS-ISL97653AIRZ Datasheet
1,018Kb / 19P
   5-Channel Integrated LCD Supply
logo
Intersil Corporation
ISL97653AIRZ-T INTERSIL-ISL97653AIRZ-T Datasheet
752Kb / 18P
   5-Channel Integrated LCD Supply
logo
Renesas Technology Corp
ISL97653AIRZ-T RENESAS-ISL97653AIRZ-T Datasheet
1,018Kb / 19P
   5-Channel Integrated LCD Supply
logo
Intersil Corporation
ISL97653AIRZ-TK INTERSIL-ISL97653AIRZ-TK Datasheet
752Kb / 18P
   5-Channel Integrated LCD Supply
More results

Similar Description - ISL97653AIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97653A INTERSIL-ISL97653A Datasheet
752Kb / 18P
   5-Channel Integrated LCD Supply
logo
Renesas Technology Corp
ISL97653A RENESAS-ISL97653A Datasheet
1,018Kb / 19P
   5-Channel Integrated LCD Supply
ISL97651 RENESAS-ISL97651 Datasheet
845Kb / 20P
   4-Channel Integrated LCD Supply
ISL98604 RENESAS-ISL98604 Datasheet
1Mb / 28P
   6-Channel Integrated LCD Supply
logo
Intersil Corporation
ISL97650B INTERSIL-ISL97650B Datasheet
414Kb / 20P
   4-Channel Integrated LCD Supply
ISL97650 INTERSIL-ISL97650 Datasheet
337Kb / 20P
   4-Channel Integrated LCD Supply
ISL97650B INTERSIL-ISL97650B Datasheet
414Kb / 20P
   4-Channel Integrated LCD Supply
ISL97651 INTERSIL-ISL97651 Datasheet
330Kb / 19P
   4-Channel Integrated LCD Supply
logo
Renesas Technology Corp
ISL97650B RENESAS-ISL97650B Datasheet
921Kb / 20P
   4-Channel Integrated LCD Supply
logo
Intersil Corporation
ISL97650 INTERSIL-ISL97650_09 Datasheet
353Kb / 20P
   4-Channel Integrated LCD Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com