Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD43256BGU-A85 Datasheet(PDF) 10 Page - NEC

Part # UPD43256BGU-A85
Description  256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD43256BGU-A85 Datasheet(HTML) 10 Page - NEC

Back Button UPD43256BGU-A85 Datasheet HTML 6Page - NEC UPD43256BGU-A85 Datasheet HTML 7Page - NEC UPD43256BGU-A85 Datasheet HTML 8Page - NEC UPD43256BGU-A85 Datasheet HTML 9Page - NEC UPD43256BGU-A85 Datasheet HTML 10Page - NEC UPD43256BGU-A85 Datasheet HTML 11Page - NEC UPD43256BGU-A85 Datasheet HTML 12Page - NEC UPD43256BGU-A85 Datasheet HTML 13Page - NEC UPD43256BGU-A85 Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
µPD43256B
Data Sheet M10770EJCV0DS00
AC Characteristics (Recommended Operating Conditions Unless Otherwise Noted)
AC Test Conditions
[
µµµµPD43256B-70L, µµµµPD43256B-85L, µµµµPD43256B-70LL, µµµµPD43256B-85LL ]
Input Waveform (Rise and Fall Time
≤≤≤≤ 5 ns)
Test points
0.8 V
2.2 V
1.5 V
1.5 V
Output Waveform
Test points
1.5 V
1.5 V
Output Load
AC characteristics should be measured with the following output load conditions.
Figure 1
Figure 2
(tAA, tACS, tOE, tOH)(tCHZ, tCLZ, tOHZ, tOLZ, tWHZ, tOW)
+5 V
I/O (Output)
1.8 k
5 pF
CL
990
+5 V
I/O (Output)
1.8 k
100 pF
CL
990
Remark CL includes capacitance of the probe and jig, and stray capacitance.
[
µµµµPD43256B-A85, µµµµPD43256B-A10, µµµµPD43256B-A12, µµµµPD43256B-B10, µµµµPD43256B-B12, µµµµPD43256B-B15 ]
Input Waveform (Rise and Fall Time
≤≤≤≤ 5 ns)
Test points
0.5 V
2.2 V
1.5 V
1.5 V
Output Waveform
Test points
1.5 V
1.5 V
Output Load
AC characteristics should be measured with the following output load conditions.
tAA, tACS, tOE, tOH
tCHZ, tCLZ, tOHZ, tOLZ, tWHZ, tOW
1TTL + 100 pF
1TTL + 5 pF


Similar Part No. - UPD43256BGU-A85

ManufacturerPart #DatasheetDescription
logo
NEC
UPD43256BGU-A85 NEC-UPD43256BGU-A85 Datasheet
174Kb / 24P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43256BGU-A85 NEC-UPD43256BGU-A85 Datasheet
224Kb / 28P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
logo
Renesas Technology Corp
UPD43256BGU-A85 RENESAS-UPD43256BGU-A85 Datasheet
794Kb / 26P
   MOS INTEGRATED CIRCUIT
2009
logo
NEC
UPD43256BGU-A85-A NEC-UPD43256BGU-A85-A Datasheet
224Kb / 28P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
logo
Renesas Technology Corp
UPD43256BGU-A85-A RENESAS-UPD43256BGU-A85-A Datasheet
794Kb / 26P
   MOS INTEGRATED CIRCUIT
2009
More results

Similar Description - UPD43256BGU-A85

ManufacturerPart #DatasheetDescription
logo
NEC
UPD43257B NEC-UPD43257B Datasheet
157Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43256B NEC-UPD43256B Datasheet
174Kb / 24P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43256B NEC-UPD43256B_06 Datasheet
224Kb / 28P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43257B NEC-UPD43257B_06 Datasheet
197Kb / 24P
   MOS INTEGRATED CIRCUIT 256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43256B-X NEC-UPD43256B-X Datasheet
127Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD43256B-X NEC-UPD43256B-X_06 Datasheet
172Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
logo
Integrated Device Techn...
IDT71256SA IDT-IDT71256SA_14 Datasheet
69Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit)
IDT71256SA IDT-IDT71256SA Datasheet
61Kb / 8P
   CMOS STATIC RAM 256K (32K x 8-BIT)
5962-8855206XA IDT-5962-8855206XA Datasheet
289Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
List of Unclassifed Man...
71256L25YG ETC2-71256L25YG Datasheet
108Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com