Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSE802 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # KSE802
Description  Monolithic Construction With Built-in Base-Emitter Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSE802 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KSE802 Datasheet HTML 1Page - Fairchild Semiconductor KSE802 Datasheet HTML 2Page - Fairchild Semiconductor KSE802 Datasheet HTML 3Page - Fairchild Semiconductor KSE802 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A3, June 2001
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. DC current Gain
Figure 3. Collector-Emitter Saturation Voltage
Base-Emitter Saturation Voltage
Figure 4. Collector Output Capacitance
Figure 5. Safe Operating Area
Figure 6. Power Derating
0
1234
5
0
1
2
3
4
5
IB= 350
µA
IB= 400
µA
IB= 450
µA
IB= 500µ
A
IB= 300µA
IB= 250µA
IB= 200µA
IB= 150
µA
IB= 100
µA
IB= 50
µA
VCE(V),COLLECTOR-EMITTER VOLTAGE
0.01
0.1
1
10
10
100
1000
10000
VCE = 3V
IC[A], COLLECTOR CURRENT
0.01
0.1
1
10
0.1
1
10
100
IC = 500 IB
VCE(sat)
VBE(sat)
IC[A], COLLECTOR CURRENT
0.01
0.1
1
10
100
1
10
100
1000
f=0.1MHZ
IE=0
VCB[V], COLLECTOR-BASE VOLTAGE
1
10
100
1000
0.1
1
10
100
KSE802/803
KSE800/801
VCE[V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
0
10
20
30
40
50
60
TC[
o
C], CASE TEMPERATURE


Similar Part No. - KSE802

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSE802 FAIRCHILD-KSE802 Datasheet
73Kb / 3P
   NPN EPITAXIAL SILICON DARLINGTON TRANSISTOR
More results

Similar Description - KSE802

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSE700 FAIRCHILD-KSE700 Datasheet
52Kb / 4P
   Monolithic Construction With Built-in Base- Emitter Resistors
MJE700 FAIRCHILD-MJE700 Datasheet
51Kb / 4P
   Monolithic Construction With Built-in Base- Emitter Resistors
MJE800 FAIRCHILD-MJE800 Datasheet
51Kb / 4P
   Monolithic Construction With Built-in Base- Emitter Resistors
TIP105 FAIRCHILD-TIP105 Datasheet
50Kb / 4P
   Monolithic Construction With Built In Base- Emitter Shunt Resistors
logo
SemiHow Co.,Ltd.
TIP100 SEMIHOW-TIP100 Datasheet
744Kb / 5P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
TIP125 SEMIHOW-TIP125 Datasheet
510Kb / 5P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
logo
Fairchild Semiconductor
FJPF9020TU FAIRCHILD-FJPF9020TU Datasheet
68Kb / 5P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
logo
SemiHow Co.,Ltd.
TIP106 SEMIHOW-TIP106_10 Datasheet
750Kb / 5P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
logo
TAI-SAW TECHNOLOGY CO.,...
TIP140T TAI-SAW-TIP140T_11 Datasheet
574Kb / 5P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
logo
Fairchild Semiconductor
TIP140 FAIRCHILD-TIP140 Datasheet
52Kb / 4P
   Monolithic Construction With Built In Base- Emitter Shunt Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com