Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSE802 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KSE802
Description  Monolithic Construction With Built-in Base-Emitter Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSE802 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KSE802 Datasheet HTML 1Page - Fairchild Semiconductor KSE802 Datasheet HTML 2Page - Fairchild Semiconductor KSE802 Datasheet HTML 3Page - Fairchild Semiconductor KSE802 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A3, June 2001
NPN Epitaxial Silicon Darlington Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Electrical Characteristics T
C=25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCBO
Collector- Base Voltage
: KSE800/801
: KSE802/803
60
80
V
V
VCEO
Collector-Emitter Voltage
: KSE800/801
: KSE802/803
60
80
V
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current
4
A
IB
Base Current
0.1
A
PC
Collector Dissipation (TC=25°C)
40
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Max.
Units
BVCEO
Collector-Emitter Breakdown Voltage
: KSE800/801
: KSE802/803
IC = 50mA, IB = 0
60
80
V
V
ICEO
Collector Cut-off Current
: KSE800/801
: KSE802/803
VCE = 60V, IB = 0
VCE = 80V, IB = 0
100
100
µA
µA
ICBO
Collector Cut-off Current
VCB = Rated BVCEO, IE = 0
VCB = Rated BVCEO, IE = 0
TC = 100°C
100
500
µA
µA
IEBO
Emitter Cut-off Current
VBE = 5V, IC = 0
2
mA
hFE
DC Current Gain
: KSE800/802
: KSE801/803
: ALL DEVICES
VCE = 3V, IC = 1.5A
VCE = 3V, IC = 2A
VCE = 3V, IC = 4A
750
750
100
VCE(sat)
Collector-Emitter Saturation Voltage
: KSE800/802
: KSE801/803
: ALL DEVICES
IC = 1.5A, IB = 30mA
IC = 2A, IB = 40mA
IC = 4A, IB = 40mA
2.5
2.8
3
V
V
V
VBE(on)
Base-Emitter ON Voltage
: KSE800/802
: KSE801/803
: ALL DEVICES
VCE = 3V, IC = 1.5A
VCE = 3V, IC = 2A
VCE = 3V, IC = 4A
2.5
2.5
3
V
V
V
KSE800/801/802/803
Monolithic Construction With Built-in Base-
Emitter Resistors
• High DC Current Gain : hFE= 750 (Min.) @ IC= 1.5 and 2.0A DC
• Complement to KSE700/701/702/703
R110k
R20.6k
Equivalent Circuit
B
E
C
R1
R2
1
TO-126
1. Emitter
2.Collector
3.Base


Similar Part No. - KSE802

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSE802 FAIRCHILD-KSE802 Datasheet
73Kb / 3P
   NPN EPITAXIAL SILICON DARLINGTON TRANSISTOR
More results

Similar Description - KSE802

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSE700 FAIRCHILD-KSE700 Datasheet
52Kb / 4P
   Monolithic Construction With Built-in Base- Emitter Resistors
MJE700 FAIRCHILD-MJE700 Datasheet
51Kb / 4P
   Monolithic Construction With Built-in Base- Emitter Resistors
MJE800 FAIRCHILD-MJE800 Datasheet
51Kb / 4P
   Monolithic Construction With Built-in Base- Emitter Resistors
TIP105 FAIRCHILD-TIP105 Datasheet
50Kb / 4P
   Monolithic Construction With Built In Base- Emitter Shunt Resistors
logo
SemiHow Co.,Ltd.
TIP100 SEMIHOW-TIP100 Datasheet
744Kb / 5P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
TIP125 SEMIHOW-TIP125 Datasheet
510Kb / 5P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
logo
Fairchild Semiconductor
FJPF9020TU FAIRCHILD-FJPF9020TU Datasheet
68Kb / 5P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
logo
SemiHow Co.,Ltd.
TIP106 SEMIHOW-TIP106_10 Datasheet
750Kb / 5P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
logo
TAI-SAW TECHNOLOGY CO.,...
TIP140T TAI-SAW-TIP140T_11 Datasheet
574Kb / 5P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
logo
Fairchild Semiconductor
TIP140 FAIRCHILD-TIP140 Datasheet
52Kb / 4P
   Monolithic Construction With Built In Base- Emitter Shunt Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com