Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD43256B-XXLL Datasheet(PDF) 4 Page - NEC

Part # UPD43256B-XXLL
Description  256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD43256B-XXLL Datasheet(HTML) 4 Page - NEC

  UPD43256B-XXLL Datasheet HTML 1Page - NEC UPD43256B-XXLL Datasheet HTML 2Page - NEC UPD43256B-XXLL Datasheet HTML 3Page - NEC UPD43256B-XXLL Datasheet HTML 4Page - NEC UPD43256B-XXLL Datasheet HTML 5Page - NEC UPD43256B-XXLL Datasheet HTML 6Page - NEC UPD43256B-XXLL Datasheet HTML 7Page - NEC UPD43256B-XXLL Datasheet HTML 8Page - NEC UPD43256B-XXLL Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
µPD43256B
Data Sheet M10770EJCV0DS00
28-PIN PLASTIC SOP (11.43 mm (450))
[
µµµµPD43256BGU-xxL ]
[
µµµµPD43256BGU-xxLL ]
[
µµµµPD43256BGU-Axx ]
[
µµµµPD43256BGU-Bxx ]
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O1
I/O2
I/O3
GND
VCC
/WE
A13
A8
A9
A11
/OE
A10
/CS
I/O8
I/O7
I/O6
I/O5
I/O4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
A0 - A14
: Address inputs
I/O1 - I/O8
: Data inputs / outputs
/CS
: Chip Select
/WE
: Write Enable
/OE
: Output Enable
VCC
: Power supply
GND
: Ground
Remark Refer to Package Drawings for the 1-pin index mark.


Similar Part No. - UPD43256B-XXLL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD43256B-XXLL RENESAS-UPD43256B-XXLL Datasheet
794Kb / 26P
   MOS INTEGRATED CIRCUIT
2009
More results

Similar Description - UPD43256B-XXLL

ManufacturerPart #DatasheetDescription
logo
NEC
UPD43257B NEC-UPD43257B Datasheet
157Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43256B NEC-UPD43256B Datasheet
174Kb / 24P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43256B NEC-UPD43256B_06 Datasheet
224Kb / 28P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43257B NEC-UPD43257B_06 Datasheet
197Kb / 24P
   MOS INTEGRATED CIRCUIT 256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43256B-X NEC-UPD43256B-X Datasheet
127Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD43256B-X NEC-UPD43256B-X_06 Datasheet
172Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
logo
Integrated Device Techn...
IDT71256SA IDT-IDT71256SA_14 Datasheet
69Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit)
IDT71256SA IDT-IDT71256SA Datasheet
61Kb / 8P
   CMOS STATIC RAM 256K (32K x 8-BIT)
5962-8855206XA IDT-5962-8855206XA Datasheet
289Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
List of Unclassifed Man...
71256L25YG ETC2-71256L25YG Datasheet
108Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com