Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TE28F800C3BC70 Datasheet(PDF) 9 Page - Intel Corporation

Part # TE28F800C3BC70
Description  Advanced Boot Block Flash Memory (C3)
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TE28F800C3BC70 Datasheet(HTML) 9 Page - Intel Corporation

Back Button TE28F800C3BC70 Datasheet HTML 5Page - Intel Corporation TE28F800C3BC70 Datasheet HTML 6Page - Intel Corporation TE28F800C3BC70 Datasheet HTML 7Page - Intel Corporation TE28F800C3BC70 Datasheet HTML 8Page - Intel Corporation TE28F800C3BC70 Datasheet HTML 9Page - Intel Corporation TE28F800C3BC70 Datasheet HTML 10Page - Intel Corporation TE28F800C3BC70 Datasheet HTML 11Page - Intel Corporation TE28F800C3BC70 Datasheet HTML 12Page - Intel Corporation TE28F800C3BC70 Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
Intel£ Advanced+ Boot Block Flash Memory (C3)
Datasheet
9
NOTES:
1. For lower densities, upper address should be treated as NC. For example, a 16-Mbit device will have NC on
Pins 9 and 10.
Figure 1. 48-Lead TSOP Package
Advanced+ Boot Block
48-Lead TSOP
12 mm x 20 mm
TOP VIEW
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
A
16
V
CCQ
GND
DQ
15
DQ
7
DQ
14
DQ
6
DQ
13
DQ
5
DQ
12
DQ
4
V
CC
DQ
11
DQ
3
DQ
10
DQ
2
DQ
9
DQ
1
DQ
8
DQ
0
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
A
15
A
14
A
13
A
12
A
11
A
10
A
9
A
8
A
21
A
20
WE#
RP#
V
PP
WP#
A
19
A
18
A
17
A
7
A
6
A
5
21
22
23
24
OE#
GND
CE#
A
0
28
27
26
25
A
4
A
3
A
2
A
1
32 M
16 M
64 M


Similar Part No. - TE28F800C3BC70

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
TE28F800C3B110 INTEL-TE28F800C3B110 Datasheet
384Kb / 59P
   3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
TE28F800C3B90 INTEL-TE28F800C3B90 Datasheet
384Kb / 59P
   3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
More results

Similar Description - TE28F800C3BC70

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
RD28F3208C3T70 INTEL-RD28F3208C3T70 Datasheet
1Mb / 70P
   3 VOLT INTEL AdvancedBootBlock FlashMemory(C3)Stacked-ChipScalPackageFamilye
TE28F320 INTEL-TE28F320 Datasheet
920Kb / 58P
   3 Volt Advanced Boot Block Flash Memory
logo
Numonyx B.V
28F800C3 NUMONYX-28F800C3 Datasheet
639Kb / 70P
   Advanced Boot Block Flash
logo
Intel Corporation
28F640C3 INTEL-28F640C3 Datasheet
177Kb / 18P
   3 Volt Intel Advanced Boot Block Flash Memory
PA28F400B5T80 INTEL-PA28F400B5T80 Datasheet
344Kb / 44P
   5 VOLT BOOT BLOCK FLASH MEMORY
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
CAT28F001G-12TE13 ONSEMI-CAT28F001G-12TE13 Datasheet
103Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
logo
Catalyst Semiconductor
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
CAT28F002 CATALYST-CAT28F002 Datasheet
140Kb / 16P
   2 Megabit CMOS Boot Block Flash Memory
CAT28F001 CATALYST-CAT28F001_05 Datasheet
455Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com