Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF600T Datasheet(PDF) 5 Page - rfsolutions.ltd

Part # RF600T
Description  Low-Power-Radio Transceiver IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

RF600T Datasheet(HTML) 5 Page - rfsolutions.ltd

  RF600T Datasheet HTML 1Page - rfsolutions.ltd RF600T Datasheet HTML 2Page - rfsolutions.ltd RF600T Datasheet HTML 3Page - rfsolutions.ltd RF600T Datasheet HTML 4Page - rfsolutions.ltd RF600T Datasheet HTML 5Page - rfsolutions.ltd RF600T Datasheet HTML 6Page - rfsolutions.ltd RF600T Datasheet HTML 7Page - rfsolutions.ltd RF600T Datasheet HTML 8Page - rfsolutions.ltd RF600T Datasheet HTML 9Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
DS601-2
11
th Dec 2003
©2003 Reg. No. 227 4001, ENGLAND
Page 5
Low-Power-Radio Transceiver IC
RF600T
Data Buffering
The device contains a 190 byte data buffer which is used to either buffer host data prior to transmission
over the radio link or alternately to buffer data received over the radio link before it is transmitted to the
host. Since this is a shared buffer the device can only operate in a half duplex manner - that is at a given
time data can either be received from the host and then transmitted over the radio link or data can be
received over the radio link and sent to the host but these functions cannot occur at the same time. Once
a character has been received from the host or once the start of a radio data packet has been sensed the
device will lock out the ‘other’ function until the first one has been completed.
Host Interface
The interface to the host device consists of the following signal and control lines:
TxH
Serial data from the host which is to be transmitted over the RF link. Idle mark ‘1’.
RxH
Serial data for the host which has been received over the RF link. Idle mark ‘1’.
CTS
Handshake line to the host. When ‘0’ tells the host that it is Clear To Send data to the RF600T for
transmission over the RF link.
RTS
Handshake line from the host. When ‘0’ tells the RF600T that the host is making a Request To
Send data to the host.
Host Communications
All host communications are carried out using the following asynchronous serial format.
8 data bits.
1 stop bit.
No parity.
The host baud rate is selected using the HBAUD option as described above.
Host Data Flow Control
Serial data from the host which is to be sent over the radio link is input at TTL level on the TxD pin. When
the device is ready to receive data, the CTS line from the device will be low and up to 190 data bytes will
be accepted and stored in the internal data buffer. When the buffer becomes full the CTS line will be taken
high and the host must then stop transmitting. In order to allow for host UART’s which have an output
FIFO buffer, a further 4 characters will be accepted after the CTS line has been asserted. In the event that
the flow of data characters is not contiguous and an idle period of 20 ms occurs in the data stream then
the CTS line will be asserted high to signify that the host should stop sending further data. In this case the
current buffer contents will make up the next data packet to be sent over the radio link.
Serial data which has been received over the radio link will be checked for correct Manchester coding and
CRC checksum (and address match if in addressed mode) before this data is transmitted at TTL level on
the RxH pin. Data flow to the host is controlled by the RTS line from the host. When this line is low, data in
the buffer will be transmitted to the host. When the RTS line is taken high then data flow will be inhibited
and until the buffer is empty the device will not be able to perform any other operations.


Similar Part No. - RF600T

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
RF600T RFSOLUTIONS-RF600T Datasheet
640Kb / 13P
   Smart Com Radio Transceiver IC
RF600T-EVAL RFSOLUTIONS-RF600T-EVAL Datasheet
640Kb / 13P
   Smart Com Radio Transceiver IC
RF600T-EVAL RFSOLUTIONS-RF600T-EVAL Datasheet
351Kb / 12P
   FM NARROW BAND TRANSCEIVERS
RF600T-EVAL RFSOLUTIONS-RF600T-EVAL Datasheet
388Kb / 5P
   Smart Radio Evaluation Kit
RF600T-EVALR1 RFSOLUTIONS-RF600T-EVALR1 Datasheet
388Kb / 5P
   Smart Radio Evaluation Kit
More results

Similar Description - RF600T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRW-MCU24L01 ETC2-TRW-MCU24L01 Datasheet
405Kb / 4P
   2.4G Low Power Radio Transceiver
WP-RF-RF600T ETC-WP-RF-RF600T Datasheet
932Kb / 14P
   Smart Com Radio Transceiver IC
logo
rfsolutions.ltd
RF600T RFSOLUTIONS-RF600T Datasheet
640Kb / 13P
   Smart Com Radio Transceiver IC
logo
Analog Devices
ADF7030 AD-ADF7030 Datasheet
431Kb / 24P
   High Performance, Low Power, 169 MHz ISM Band, Radio Transceiver IC
logo
ON Semiconductor
AX-SFEU ONSEMI-AX-SFEU Datasheet
279Kb / 20P
   Ultra-Low Power Transceiver IC
August, 2016 ??Rev. 4
logo
Analog Devices
ADF7030-1 AD-ADF7030-1_V01 Datasheet
1Mb / 55P
   High Performance, Sub GHz Radio Transceiver IC
Rev. A
logo
List of Unclassifed Man...
RC-CC1310-XXX ETC1-RC-CC1310-XXX Datasheet
1Mb / 7P
   Ultra Low Power sub 1GHz Multichannels Radio Transceiver
Rev 1.5
PT8R1002 ETC-PT8R1002 Datasheet
516Kb / 26P
   CMOS Zero-IF Radio Transceiver IC for Bluetooth
logo
Infineon Technologies A...
PBA31305 INFINEON-PBA31305 Datasheet
25Kb / 2P
   Bluetooth Radio Transceiver?
logo
rfsolutions.ltd
RF650 RFSOLUTIONS-RF650 Datasheet
365Kb / 11P
   SMART RADIO TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com