Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS921IPT Datasheet(PDF) 8 Page - STMicroelectronics

Part # TS921IPT
Description  Rail-to-Rail High Output Current Single Operational Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS921IPT Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TS921IPT Datasheet HTML 4Page - STMicroelectronics TS921IPT Datasheet HTML 5Page - STMicroelectronics TS921IPT Datasheet HTML 6Page - STMicroelectronics TS921IPT Datasheet HTML 7Page - STMicroelectronics TS921IPT Datasheet HTML 8Page - STMicroelectronics TS921IPT Datasheet HTML 9Page - STMicroelectronics TS921IPT Datasheet HTML 10Page - STMicroelectronics TS921IPT Datasheet HTML 11Page - STMicroelectronics TS921IPT Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Macromodels
TS921
8/14
3
Macromodels
3.1
Important note concerning this macromodel
Please consider following remarks before using this macromodel:
All models are a trade-off between accuracy and complexity (i.e. simulation time).
Macromodels are not a substitute to breadboarding; rather, they confirm the validity of a
design approach and help to select surrounding component values.
A macromodel emulates the NOMINAL performance of a TYPICAL device within
SPECIFIED OPERATING CONDITIONS (i.e. temperature, supply voltage, etc.). Thus the
macromodel is often not as exhaustive as the datasheet, its goal is to illustrate the main
parameters of the product.
Data issued from macromodels used outside of its specified conditions (Vcc, Temperature,
etc) or even worse: outside of the device operating conditions (Vcc, Vicm, etc) are not
reliable in any way.
In
Section 3.3, the electrical characteristics resulting from the use of these macromodels are
presented.
3.2
Electrical characteristics from macromodelization
Table 5.
Electrical characteristics resulting from macromodel simulation at VCC = 3V,
VDD = 0V, RL, CL connected to VCC/2, Tamb = 25°C (unless otherwise specified)
Symbol
Conditions
Value
Unit
Vio
0mV
Avd
RL = 10kΩ
200
V/mV
ICC
No load, per operator
1.2
mA
Vicm
-0.2 to 3.2
V
VOH
RL = 10kΩ
2.95
V
VOL
RL = 10kΩ
25
mV
Isink
VO = 3V
80
mA
Isource
VO = 0V
80
mA
GBP
RL = 600kΩ
4MHz
SR
RL = 10kΩ, CL = 100pF
1.3
V/
µs
φm
RL = 600kΩ
68
Degrees


Similar Part No. - TS921IPT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS921I STMICROELECTRONICS-TS921I Datasheet
115Kb / 11P
   RAIL TO RAIL HIGH OUTPUT CURRENT SINGLE OPERATIONAL AMPLIFIER
March 1999
TS921IDT STMICROELECTRONICS-TS921IDT Datasheet
5Mb / 6P
   Training kit for operational amplifiers and comparators
01-Mar-2022 Revision1
More results

Similar Description - TS921IPT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS921 STMICROELECTRONICS-TS921 Datasheet
115Kb / 11P
   RAIL TO RAIL HIGH OUTPUT CURRENT SINGLE OPERATIONAL AMPLIFIER
March 1999
TS924 STMICROELECTRONICS-TS924_08 Datasheet
322Kb / 14P
   Rail-to-rail high output current quad operational amplifier
TS924 STMICROELECTRONICS-TS924 Datasheet
131Kb / 11P
   RAIL TO RAIL HIGH OUTPUT CURRENT QUAD OPERATIONAL AMPLIFIER
TS922AIDT STMICROELECTRONICS-TS922AIDT Datasheet
1Mb / 24P
   Rail-to-rail, high output current dual operational amplifier
TS922 STMICROELECTRONICS-TS922_07 Datasheet
480Kb / 21P
   Rail-to-rail high output current dual operational amplifier
TS922 STMICROELECTRONICS-TS922 Datasheet
117Kb / 11P
   RAIL TO RAIL HIGH OUTPUT CURRENT DUAL OPERATIONAL AMPLIFIER
March 1999
TS922H STMICROELECTRONICS-TS922H Datasheet
46Kb / 6P
   RAIL TO RAIL HIGH OUTPUT CURRENT DUAL OPERATIONAL AMPLIFIER
TS924 STMICROELECTRONICS-TS924_05 Datasheet
385Kb / 14P
   Rail-to-rail High Output Current Quad Operational Amplifier
logo
New Japan Radio
NJU7036 NJRC-NJU7036 Datasheet
1Mb / 16P
   High Output Current, Single Supply, Rail-to-Rail Output Dual CMOS Operational Amplifier
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
   Rail-to-Rail Output Single CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com