Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SM5817 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part No. SM5817
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RECTRON [Rectron Semiconductor]
Homepage  http://www.rectron.com
Logo 

SM5817 Datasheet(HTML) 1 Page - Rectron Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* Fast switching
* Ideal for surface mounted applications
* Low leakage current
* Metallurgically bonded construction
* Mounting position: Any
* Weight: 0.015 gram
* Epoxy: Device has UL flammability classification 94V-O
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SM5817
THRU
SM5819
MELF
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
NOTES : 1. Thermal Resistance (Junction to Ambient): Vertical PC Board Mounting, 0.5” (12.7mm) Lead Length.
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
Dimensions in inches and (millimeters)
2001-5
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA=90
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note) 1
Typical Junction Capacitance (Note 2)
SYMBOL
VRRM
VDC
IFSM
CJ
TJ, TSTG
VRMS
UNITS
20
Volts
Volts
Volts
Amps
14
28
40
1.0
25
80
110
Amps
0 C/ W
0 C
30
21
Storage Operating Temperature Range
R
θJA
IO
-65 to + 125
pF
20
30
40
SM5817
SM5818
SM5819
CHARACTERISTICS
Maximum Average Reverse Current at
Rated DC Blocking Voltage
VF
SYMBOL
IR
UNITS
mAmps
Volts
Maximum Forward Voltage at 3.1A DC
Maximum Instantaneous Forward Voltage at 1.0A DC
Volts
1.0
SM5817
SM5818
SM5819
.45
.55
.60
.75
VF
.875
.90
10
@TA = 25
oC
@TA = 100
oC
.095 (2.4)
.106 (2.7)
.028 (.60)
.018 (.46)
.190 (4.8)
.205 (5.2)
SOLDERABLE
ENDS
MECHANICAL DATA


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn