Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2587S-5.0 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2587S-5.0
Description  SIMPLE SWITCHER짰 5A Flyback Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2587S-5.0 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM2587S-5.0 Datasheet HTML 3Page - National Semiconductor (TI) LM2587S-5.0 Datasheet HTML 4Page - National Semiconductor (TI) LM2587S-5.0 Datasheet HTML 5Page - National Semiconductor (TI) LM2587S-5.0 Datasheet HTML 6Page - National Semiconductor (TI) LM2587S-5.0 Datasheet HTML 7Page - National Semiconductor (TI) LM2587S-5.0 Datasheet HTML 8Page - National Semiconductor (TI) LM2587S-5.0 Datasheet HTML 9Page - National Semiconductor (TI) LM2587S-5.0 Datasheet HTML 10Page - National Semiconductor (TI) LM2587S-5.0 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Typical Performance Characteristics (Continued)
Oscillator Frequency
vs Temperature
Error Amp Transconductance
vs Temperature
01231656
01231657
Error Amp Voltage
Gain vs Temperature
Short Circuit Frequency
vs Temperature
01231658
01231659
Connection Diagrams
Bent, Staggered Leads
5-Lead TO-220 (T)
Top View
01231603
Bent, Staggered Leads
5-Lead TO-220 (T)
Side View
01231604
Order Number LM2587T-3.3, LM2587T-5.0,
LM2587T-12 or LM2587T-ADJ
See NS Package Number T05D
5-Lead TO-263 (S)
Top View
01231605
5-Lead TO-263 (S)
Side View
01231606
Order Number LM2587S-3.3, LM2587S-5.0,
LM2587S-12 or LM2587S-ADJ
See NS Package Number TS5B
www.national.com
7


Similar Part No. - LM2587S-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2587S-5.0 NSC-LM2587S-5.0 Datasheet
676Kb / 26P
   SIMPLE SWITCHER 5A Flyback Regulator
logo
Texas Instruments
LM2587S-5.0 TI1-LM2587S-5.0 Datasheet
4Mb / 32P
[Old version datasheet]   LM2587 SIMPLE SWITCHER 5A Flyback Regulator
LM2587S-5.0/NOPB TI1-LM2587S-5.0/NOPB Datasheet
4Mb / 32P
[Old version datasheet]   LM2587 SIMPLE SWITCHER 5A Flyback Regulator
More results

Similar Description - LM2587S-5.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2587EVAL TI1-LM2587EVAL Datasheet
4Mb / 32P
[Old version datasheet]   LM2587 SIMPLE SWITCHER짰 5A Flyback Regulator
logo
National Semiconductor ...
LM2588 NSC-LM2588_05 Datasheet
1Mb / 30P
   SIMPLE SWITCHER짰 5A Flyback Regulator with Shutdown
LM2585 NSC-LM2585_07 Datasheet
983Kb / 28P
   SIMPLE SWITCHER짰 3A Flyback Regulator
logo
Texas Instruments
LM2585 TI-LM2585_15 Datasheet
3Mb / 32P
[Old version datasheet]   LM2585 SIMPLE SWITCHER짰 3A Flyback Regulator
logo
National Semiconductor ...
LM2587 NSC-LM2587 Datasheet
676Kb / 26P
   SIMPLE SWITCHER 5A Flyback Regulator
logo
Texas Instruments
LM2586 TI1-LM2586_13 Datasheet
2Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
logo
National Semiconductor ...
LM2586 NSC-LM2586_05 Datasheet
1Mb / 30P
   SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
LM2588 NSC-LM2588 Datasheet
786Kb / 29P
   SIMPLE SWITCHER 5A Flyback Regulator with
logo
Texas Instruments
LM2587T-ADJ TI1-LM2587T-ADJ Datasheet
4Mb / 32P
[Old version datasheet]   LM2587 SIMPLE SWITCHER 5A Flyback Regulator
LM2588 TI1-LM2588 Datasheet
2Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER 5A Flyback Regulator with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com