Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME8807BEVAZ3 Datasheet(PDF) 7 Page - Analog Microelectronics

Part # AME8807BEVAZ3
Description  600mA CMOS LDO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8807BEVAZ3 Datasheet(HTML) 7 Page - Analog Microelectronics

Back Button AME8807BEVAZ3 Datasheet HTML 3Page - Analog Microelectronics AME8807BEVAZ3 Datasheet HTML 4Page - Analog Microelectronics AME8807BEVAZ3 Datasheet HTML 5Page - Analog Microelectronics AME8807BEVAZ3 Datasheet HTML 6Page - Analog Microelectronics AME8807BEVAZ3 Datasheet HTML 7Page - Analog Microelectronics AME8807BEVAZ3 Datasheet HTML 8Page - Analog Microelectronics AME8807BEVAZ3 Datasheet HTML 9Page - Analog Microelectronics AME8807BEVAZ3 Datasheet HTML 10Page - Analog Microelectronics AME8807BEVAZ3 Datasheet HTML 11Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
AME, Inc.
7
AME8807
600mA CMOS LDO
Rev.N.01
The AME8807 family of CMOS regulators contain a
PMOS pass transistor, voltage reference, error amplifier,
over-current protection, and thermal shutdown.
The P-channel pass transistor receives data from the
error amplifier, over-current shutdown, and thermal pro-
tection circuits. During normal operation, the error ampli-
fier compares the output voltage to a precision reference.
Over-current and Thermal shutdown circuits become ac-
tive when the junction temperature exceeds 150oC, or
the current exceeds 600mA. During thermal shutdown,
the output voltage remains low. Normal operation is re-
stored when the junction temperature drops below 120oC.
The AME8807 switches from voltage mode to current
mode when the load exceeds the rated output current.
This prevents over-stress. The AME8807 also incorpo-
rates current fold-back to reduce power dissipation when
the output is short circuited. This feature becomes ac-
tive when the output drops below 0.8 volts, and reduces
the current flow by 65%. Full current is restored when
the voltage exceeds 0.8 volts.
n Detailed Description
n External Capacitors
The AME8807 is stable with an output capacitor to
ground of 2.2
µF or greater. Ceramic capacitors have the
lowest ESR, and will offer the best AC performance. Con-
versely, Aluminum Electrolytic capacitors exhibit the high-
est ESR, resulting in the poorest AC response. Unfortu-
nately, large value ceramic capacitors are comparatively
expensive. One option is to parallel a 0.1
µF ceramic
capacitor with a 10
µF Aluminum Electrolytic. The benefit
is low ESR, high capacitance, and low overall cost.
A second capacitor is recommended between the in-
put and ground to stabilize Vin. The input capacitor should
be at least 0.1
µF to have a beneficial effect.
All capacitors should be placed in close proximity to
the pins. A "Quiet" ground termination is desirable. This
can be achieved with a "Star" connection.
n Enable
The Enable pin normally floats high. When actively,
pulled low, the PMOS pass transistor shuts off, and all
internal circuits are powered down. In this state, the qui-
escent current is less than 1
µA. This pin behaves much
like an electronic switch.
n ADJ
The ADJ pin is the positive input to the error amplifier
which, due to the pmos pass element inversion, means it
is actually the negative input of the LDO feedback loop.
The feedback works to keep the voltage at the ADJ pin
1.215V with respect to ground. Since the internal cir-
cuitry at the ADJ pin is essentially an ESD protected
CMOS gate the input current at the ADJ pin is virtually
zero.


Similar Part No. - AME8807BEVAZ3

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8807BEVAZ-3 AME-AME8807BEVAZ-3 Datasheet
188Kb / 15P
   600mA CMOS LDO
More results

Similar Description - AME8807BEVAZ3

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8806 AME-AME8806_06 Datasheet
245Kb / 18P
   600mA CMOS LDO
AME8805 AME-AME8805_12 Datasheet
188Kb / 17P
   600mA CMOS LDO
logo
Asahi Kasei Microsystem...
AME8863 AKM-AME8863 Datasheet
108Kb / 12P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8841 AME-AME8841_08 Datasheet
201Kb / 14P
   600mA CMOS LDO
logo
List of Unclassifed Man...
CM2862 ETC1-CM2862 Datasheet
190Kb / 9P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8841 AME-AME8841_06 Datasheet
155Kb / 14P
   600mA CMOS LDO
AME8806 AME-AME8806 Datasheet
89Kb / 12P
   600mA CMOS LDO
AME8805 AME-AME8805 Datasheet
180Kb / 12P
   600mA CMOS LDO
logo
Unisonic Technologies
L1186 UTC-L1186_15 Datasheet
239Kb / 7P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8807 AME-AME8807_07 Datasheet
188Kb / 15P
   600mA CMOS LDO
AME8850 AME-AME8850 Datasheet
196Kb / 19P
   600mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com