Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AME8807 Datasheet(PDF) 5 Page - Analog Microelectronics

Part No. AME8807
Description  600mA CMOS LDO
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AME [Analog Microelectronics]
Homepage  http://www.ame.com.tw/
Logo 

AME8807 Datasheet(HTML) 5 Page - Analog Microelectronics

 
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AME, Inc.
5
AME8807
600mA CMOS LDO
Rev.N.01
Parameter
Symbol
Rating
Unit
Ambient Temperature Range
TA
- 40 to 85
oC
Junction Temperature Range
TJ
- 40 to 125
oC
Storage Temperature Range
TSTG
- 65 to 150
oC
n Absolute Maximum Ratings
n Recommended Operating Conditions
n Thermal Information
Caution: Stress above the listed absolute maximum rating may cause permanent damage to the device.
*HBM B:2000V~3999V
* Measure
θ
JC on center of molding compound if IC has no tab. O
** MIL-STD-202G 210F F
Parameter
Maximum
Unit
Input Voltage
-0.3 to 8
V
EN Voltage
-0.3 to 8
V
Output Voltage
-0.3 to VIN + 0.3
V
Output Current
PD / (VIN - VOUT)
mA
ESD Classification
B*
Parameter
Package
Die Attach
Symbol
Maximum
Unit
SOP-8
60
DFN-8
(3mmx3mmx0.75mm)
17
SOP-8
150
DFN-8
(3mmx3mmx0.75mm)
125
SOP-8
810
mW
DFN-8
(3mmx3mmx0.75mm)
800
Maximum Junction Temperature
150
oC
Solder Iron (10 Sec)**
350
oC
Internal Power Dissipation
PD
Conductive
Epoxy
oC / W
Thermal Resistance*
(Junction to Case)
θ
JC
Thermal Resistance
(Junction to Ambient)
θ
JA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AME8806_06600mA CMOS LDO 1 2 3 4 5 MoreAnalog Microelectronics
AME8841_06600mA CMOS LDO 1 2 3 4 5 MoreAnalog Microelectronics
TS9005600mA Low Noise CMOS LDO 1 2 3 4 5 MoreTaiwan Semiconductor Company, Ltd
AME8807_07600mA CMOS LDO 1 2 3 4 5 MoreAnalog Microelectronics
AME8850600mA CMOS LDO 1 2 3 4 5 MoreAnalog Microelectronics
CAT6218300mA CMOS LDO Regulator 1 2 3 4 5 MoreCatalyst Semiconductor
RT9013500mA Low Dropout Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator 1 2 3 4 5 MoreRichtek Technology Corporation
NCP590Dual Output High Accuracy Ultra Low Dropout CMOS LDO 1 2 3 4 5 MoreON Semiconductor
TS9007_07300mA Low Noise CMOS LDO 1 2 3 4 5 MoreTaiwan Semiconductor Company, Ltd
AAT3215150mA CMOS High Performance LDO 1 2 3 4 5 MoreAdvanced Analog Technology, Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn