Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB551V-30 Datasheet(PDF) 3 Page - Galaxy Semi-Conductor Holdings Limited

Part # RB551V-30
Description  Schottky Barrier Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

RB551V-30 Datasheet(HTML) 3 Page - Galaxy Semi-Conductor Holdings Limited

  RB551V-30 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited RB551V-30 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited RB551V-30 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BL Galaxy Electrical
Production specification
Schottky Barrier Diode
RB551V-30
Document number: BL/SSSKB022
www.galaxycn.com
Rev.A
3
PACKAGE OUTLINE
Plastic surface mounted package
SOD-323
SOD-323
Dim
Min
Max
A
1.275
1.325
B
1.675
1.725
C
0.9 Typical
D
0.25
0.35
E
0.27
0.37
H
0.02
0.1
J
0.1 Typical
K
2.6
2.7
All Dimensions in mm
E
K
H
D
C
B
A
J
SOLDERING FOOTPRINT
Unit : mm
PACKAGE INFORMATION
Device
Package
Shipping
RB551V-30
SOD-323
3000/Tape&Reel


Similar Part No. - RB551V-30

ManufacturerPart #DatasheetDescription
logo
Rohm
RB551V-30 ROHM-RB551V-30 Datasheet
57Kb / 2P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30 Datasheet
996Kb / 4P
   Schottky barrier Diode
logo
Jiangsu High diode Semi...
RB551V-30 HDSEMI-RB551V-30 Datasheet
1Mb / 4P
   SOD323 Plastic-Encapsulate Diodes
logo
List of Unclassifed Man...
RB551V-30 ETC-RB551V-30 Datasheet
75Kb / 1P
   Schottky Diodes
logo
Micro Commercial Compon...
RB551V-30 MCC-RB551V-30 Datasheet
167Kb / 2P
   500 mA Schottky Barrier Diode 30 Volts
More results

Similar Description - RB551V-30

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com