Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61C1024-15KI Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS61C1024-15KI
Description  128K x 8 HIGH-SPEED CMOS STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61C1024-15KI Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS61C1024-15KI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61C1024-15KI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61C1024-15KI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61C1024-15KI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61C1024-15KI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61C1024-15KI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61C1024-15KI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61C1024-15KI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61C1024-15KI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IS61C1024
IS61C1024L
4
SR028-1J
11/03/98
ISSI®
IS61C1024 POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
-12 ns
-15 ns
-20 ns
-25 ns
Symbol Parameter
Test Conditions
Min. Max.
Min. Max.
Min. Max.
Min. Max.
Unit
ICC1
Vcc Operating
VCC = VCC MAX.,
CE = VIL Com.
85
85
85
85
mA
Supply Current
IOUT = 0 mA, f = 0
Ind.
110
110
110
110
ICC2
Vcc Dynamic Operating
VCC = VCC MAX.,
CE = VIL Com.
170
160
150
140
mA
Supply Current
IOUT = 0 mA, f = fMAX
Ind.
180
170
160
150
ISB1
TTL Standby Current
VCC = VCC MAX.,
Com.
40
40
40
40
mA
(TTL Inputs)
VIN = VIH or VIL
Ind.
60
60
60
60
CE1 ≥ VIH, f = 0 or
CE2
≤ VIL, f = 0
ISB2
CMOS Standby
VCC = VCC MAX.,
Com.
30
30
30
30
mA
Current (CMOS Inputs)
CE1 ≤ VCC – 0.2V,
Ind.
40
40
40
40
CE2
≤ 0.2V
VIN > VCC – 0.2V, or
VIN
≤ 0.2V, f = 0
Note:
1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.
IS61C1024L POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
-15 ns
-20 ns
-25 ns
Symbol Parameter
Test Conditions
Min. Max.
Min. Max.
Min. Max.
Unit
ICC1
Vcc Operating
VCC = VCC MAX.,
CE = VIL Com.
85
85
85
mA
Supply Current
IOUT = 0 mA, f = 0
Ind.
110
110
110
ICC2
Vcc Dynamic Operating
VCC = VCC MAX.,
CE = VIL Com.
160
150
140
mA
Supply Current
IOUT = 0 mA, f = fMAX
Ind.
170
160
150
ISB1
TTL Standby Current
VCC = VCC MAX,
Com.
40
40
40
mA
(TTL Inputs)
VIN = VIH or VIL
Ind.
60
60
60
CE1 ≥ VIH, f = 0 or
CE2
≤ VIL, f = 0
ISB2
CMOS Standby
VCC = VCC MAX.,
Com.
500
500
500
µA
Current (CMOS Inputs)
CE1 ≤ VCC – 0.2V,
Ind.
750
750
750
CE2
≤ 0.2V
VIN > VCC – 0.2V, or
VIN
≤ 0.2V, f = 0
Note:
1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.


Similar Part No. - IS61C1024-15KI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61C1024AL ISSI-IS61C1024AL Datasheet
107Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12HI ISSI-IS61C1024AL-12HI Datasheet
107Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12HI ISSI-IS61C1024AL-12HI Datasheet
883Kb / 15P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12HLI ISSI-IS61C1024AL-12HLI Datasheet
883Kb / 15P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12J ISSI-IS61C1024AL-12J Datasheet
107Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS61C1024-15KI

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T14M1024A TMT-T14M1024A Datasheet
74Kb / 10P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024 PYRAMID-P4C1024 Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS63WV1024BLL ISSI-IS63WV1024BLL Datasheet
136Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L1024A TMT-T14L1024A Datasheet
86Kb / 12P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Winbond
W24L010A WINBOND-W24L010A Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L11 WINBOND-W24L11 Datasheet
170Kb / 11P
   128K X 8 High Speed CMOS Static RAM
logo
Integrated Circuit Solu...
IS62C1024 ICSI-IS62C1024 Datasheet
423Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C1024 ISSI-IS62C1024 Datasheet
67Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12JLI-TR ISSI-IS61C1024AL-12JLI-TR Datasheet
883Kb / 15P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL ISSI-IS61C1024AL Datasheet
107Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W24L011A WINBOND-W24L011A Datasheet
131Kb / 10P
   128K X 8 High Speed CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com