Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61C1024-15JI Datasheet(PDF) 7 Page - Integrated Silicon Solution, Inc

Part # IS61C1024-15JI
Description  128K x 8 HIGH-SPEED CMOS STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61C1024-15JI Datasheet(HTML) 7 Page - Integrated Silicon Solution, Inc

Back Button IS61C1024-15JI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61C1024-15JI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61C1024-15JI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61C1024-15JI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61C1024-15JI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61C1024-15JI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61C1024-15JI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61C1024-15JI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61C1024-15JI Datasheet HTML 10Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
IS61C1024
IS61C1024L
4
7
SR028-1K
05/12/99
ISSI®
WRITE CYCLE SWITCHING CHARACTERISTICS(1,2) (Over Operating Range, Standard and Low Power)
-12 ns(3)
-15 ns
-20 ns
-25 ns
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tWC
Write Cycle Time
12
15
20
25
ns
tSCE1
CE1 to Write End
10
12
15
20
ns
tSCE2
CE2 to Write End
10
12
15
20
ns
tAW
Address Setup Time to Write End
10
12
15
20
ns
tHA
Address Hold from Write End
0
0
0
0
ns
tSA
Address Setup Time
0
0
0
0
ns
tPWE(4)
WE Pulse Width
10
10
12
15
ns
tSD
Data Setup to Write End
7
8
10
12
ns
tHD
Data Hold from Write End
0
0
0
0
ns
tHZWE(5)
WE LOW to High-Z Output
7
7
10
12
ns
tLZWE(5)
WE HIGH to Low-Z Output
2
2
2
2
ns
Notes:
1. Test conditions assume signal transition times of 5 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V and
output loading specified in Figure 1.
2. The internal write time is defined by the overlap of
CE1 LOW, CE2 HIGH and WE LOW. All signals must be in valid states to
initiate a Write, but any one can go inactive to terminate the Write. The Data Input Setup and Hold timing are referenced to the
rising or falling edge of the signal that terminates the Write.
3. -12 ns device for IS61C1024 only.
4. Tested with
OE HIGH.
5. Tested with the load in Figure 2. Transition is measured
±500 mV from steady-state voltage. Not 100% tested.


Similar Part No. - IS61C1024-15JI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61C1024AL ISSI-IS61C1024AL Datasheet
107Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12HI ISSI-IS61C1024AL-12HI Datasheet
107Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12HI ISSI-IS61C1024AL-12HI Datasheet
883Kb / 15P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12HLI ISSI-IS61C1024AL-12HLI Datasheet
883Kb / 15P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12J ISSI-IS61C1024AL-12J Datasheet
107Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS61C1024-15JI

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T14M1024A TMT-T14M1024A Datasheet
74Kb / 10P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024 PYRAMID-P4C1024 Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS63WV1024BLL ISSI-IS63WV1024BLL Datasheet
136Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L1024A TMT-T14L1024A Datasheet
86Kb / 12P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Winbond
W24L010A WINBOND-W24L010A Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L11 WINBOND-W24L11 Datasheet
170Kb / 11P
   128K X 8 High Speed CMOS Static RAM
logo
Integrated Circuit Solu...
IS62C1024 ICSI-IS62C1024 Datasheet
423Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C1024 ISSI-IS62C1024 Datasheet
67Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12JLI-TR ISSI-IS61C1024AL-12JLI-TR Datasheet
883Kb / 15P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL ISSI-IS61C1024AL Datasheet
107Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W24L011A WINBOND-W24L011A Datasheet
131Kb / 10P
   128K X 8 High Speed CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com