Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61C1024-12JI Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS61C1024-12JI
Description  128K x 8 HIGH-SPEED CMOS STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61C1024-12JI Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS61C1024-12JI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61C1024-12JI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61C1024-12JI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61C1024-12JI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61C1024-12JI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61C1024-12JI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61C1024-12JI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61C1024-12JI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61C1024-12JI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IS61C1024
IS61C1024L
4
5
SR028-1K
05/12/99
ISSI®
READ CYCLE SWITCHING CHARACTERISTICS(1) (Over Operating Range)
-12(2)
-15 ns
-20 ns
-25 ns
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tRC
Read Cycle Time
12
15
20
25
ns
tAA
Address Access Time
12
15
20
25
ns
tOHA
Output Hold Time
3
3
3
3
ns
tACE1
CE1 Access Time
12
15
20
25
ns
tACE2
CE2 Access Time
12
15
20
25
ns
tDOE
OE Access Time
6
7
9
9
ns
tLZOE(3)
OE to Low-Z Output
0
0
0
0
ns
tHZOE(3)
OE to High-Z Output
0
6
0
6
0
7
0
10
ns
tLZCE1(3)
CE1 to Low-Z Output
2
2
3
3
ns
tLZCE2(3) CE2 to Low-Z Output
2
2
3
3
ns
tHZCE(3)
CE1 or CE2 to High-Z Output
0
7
0
8
0
9
0
10
ns
tPU(4)
CE1 or CE2 to Power-Up
0
0
0
0
ns
tPD(4)
CE1 or CE2 to Power-Down
12
12
18
20
ns
Notes:
1. Test conditions assume signal transition times of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V
and output loading specified in Figure 1.
2. -12 ns device for IS61C1024 only.
3. Tested with the load in Figure 2. Transition is measured
±500 mV from steady-state voltage. Not 100% tested.
4. Not 100% tested.
AC TEST CONDITIONS
Parameter
Unit
Input Pulse Level
0V to 3.0V
Input Rise and Fall Times
3 ns
Input and Output Timing
1.5V
and Reference Level
Output Load
See Figures 1 and 2
AC TEST LOADS
Figure 1
Figure 2
480
5 pF
Including
jig and
scope
255
OUTPUT
5V
480
30 pF
Including
jig and
scope
255
OUTPUT
5V


Similar Part No. - IS61C1024-12JI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61C1024AL ISSI-IS61C1024AL Datasheet
107Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12HI ISSI-IS61C1024AL-12HI Datasheet
107Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12HI ISSI-IS61C1024AL-12HI Datasheet
883Kb / 15P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12HLI ISSI-IS61C1024AL-12HLI Datasheet
883Kb / 15P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12J ISSI-IS61C1024AL-12J Datasheet
107Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS61C1024-12JI

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T14M1024A TMT-T14M1024A Datasheet
74Kb / 10P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024 PYRAMID-P4C1024 Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS63WV1024BLL ISSI-IS63WV1024BLL Datasheet
136Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L1024A TMT-T14L1024A Datasheet
86Kb / 12P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Winbond
W24L010A WINBOND-W24L010A Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L11 WINBOND-W24L11 Datasheet
170Kb / 11P
   128K X 8 High Speed CMOS Static RAM
logo
Integrated Circuit Solu...
IS62C1024 ICSI-IS62C1024 Datasheet
423Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C1024 ISSI-IS62C1024 Datasheet
67Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12JLI-TR ISSI-IS61C1024AL-12JLI-TR Datasheet
883Kb / 15P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL ISSI-IS61C1024AL Datasheet
107Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W24L011A WINBOND-W24L011A Datasheet
131Kb / 10P
   128K X 8 High Speed CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com