Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FST3125QSCX Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FST3125QSCX
Description  4-Bit Bus Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FST3125QSCX Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FST3125QSCX Datasheet HTML 1Page - Fairchild Semiconductor FST3125QSCX Datasheet HTML 2Page - Fairchild Semiconductor FST3125QSCX Datasheet HTML 3Page - Fairchild Semiconductor FST3125QSCX Datasheet HTML 4Page - Fairchild Semiconductor FST3125QSCX Datasheet HTML 5Page - Fairchild Semiconductor FST3125QSCX Datasheet HTML 6Page - Fairchild Semiconductor FST3125QSCX Datasheet HTML 7Page - Fairchild Semiconductor FST3125QSCX Datasheet HTML 8Page - Fairchild Semiconductor FST3125QSCX Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FST3125 • Rev. 1.0.3
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device
reliability. The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
-0.5
7.0
V
VS
DC Switch Voltage
-0.5
7.0
V
VIN
DC Input Voltage
(1)
-0.5
7.0
V
IIK
DC Input Current
-50
mA
IOUT
DC Output Sink Current
128
mA
ICC / IGND
DC VCC / GND Current
±100
mA
TSTG
Storage Temperature Range
-65
+150
°C
Note:
1.
The input and output negative voltage ratings may be exceeded if the input and output diode current ratings are
observed.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Max.
Unit
VCC
Power Supply Operating
4.0
5.5
V
VIN
Input Voltage
0
5.5
V
VOUT
Output Voltage
0
5.5
V
Switch Control Input
(2)
0
5
tr, tf
Input Rise and Fall Time
Switch I/O
0
DC
ns/V
TA
Operating Temperature, Free Air
-40
+85
°C
Note:
2.
Unused control inputs must be held HIGH or LOW. They may not float.


Similar Part No. - FST3125QSCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FST3125QSC FAIRCHILD-FST3125QSC Datasheet
123Kb / 6P
   Quad Bus Switch
FST3125QSC FAIRCHILD-FST3125QSC Datasheet
123Kb / 6P
   4-Bit Bus Switch
More results

Similar Description - FST3125QSCX

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FST3125 IDT-IDT74FST3125 Datasheet
73Kb / 5P
   4-BIT BUS SWITCH
logo
NXP Semiconductors
74CBTLV3126 PHILIPS-74CBTLV3126_15 Datasheet
162Kb / 17P
   4-bit bus switch
Rev. 3-15 December 2011
logo
ON Semiconductor
FST3126 ONSEMI-FST3126_17 Datasheet
83Kb / 7P
   4-Bit Bus Switch
December, 2017 ??Rev. 0
74FST3126 ONSEMI-74FST3126_13 Datasheet
126Kb / 7P
   4-Bit Bus Switch
July, 2013 ??Rev. P1
logo
Fairchild Semiconductor
FST3126 FAIRCHILD-FST3126_05 Datasheet
119Kb / 5P
   4-Bit Bus Switch
logo
ON Semiconductor
74FST3126 ONSEMI-74FST3126 Datasheet
80Kb / 8P
   4-Bit Bus Switch
August, 2001 ??Rev. 0
logo
Fairchild Semiconductor
FST3126MX FAIRCHILD-FST3126MX Datasheet
121Kb / 6P
   4-Bit Bus Switch
logo
NXP Semiconductors
74CBTLV3125 PHILIPS-74CBTLV3125_15 Datasheet
163Kb / 17P
   4-bit bus switch
Rev. 3-15 December 2011
logo
ON Semiconductor
FST3125 ONSEMI-FST3125 Datasheet
124Kb / 7P
   4-Bit Bus Switch
June, 2013 ??Rev. 0
FST3126 ONSEMI-FST3126 Datasheet
126Kb / 7P
   4-Bit Bus Switch
July, 2013 ??Rev. P1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com