Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L7806 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L7806
Description  POSITIVE VOLTAGE REGULATORS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7806 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L7806 Datasheet HTML 6Page - STMicroelectronics L7806 Datasheet HTML 7Page - STMicroelectronics L7806 Datasheet HTML 8Page - STMicroelectronics L7806 Datasheet HTML 9Page - STMicroelectronics L7806 Datasheet HTML 10Page - STMicroelectronics L7806 Datasheet HTML 11Page - STMicroelectronics L7806 Datasheet HTML 12Page - STMicroelectronics L7806 Datasheet HTML 13Page - STMicroelectronics L7806 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
L7800 SERIES
10/34
Table 13: Electrical Characteristics Of L7852C (refer to the test circuits, TJ = 0 to 125°C, VI = 10V,
IO = 500 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified).
(*) Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account
separately. Pulse testing with low duty cycle is used.
Table 14: Electrical Characteristics Of L7806C (refer to the test circuits, TJ = 0 to 125°C, VI = 11V,
IO = 500 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified).
(*) Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account
separately. Pulse testing with low duty cycle is used.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
TJ = 25°C
5.0
5.2
5.4
V
VO
Output Voltage
IO = 5 mA to 1 A
PO ≤ 15W
VI = 8 to 20 V
4.95
5.2
5.45
V
∆V
O(*)
Line Regulation
VI = 7 to 25 V
TJ = 25°C
3
105
mV
VI = 8 to 12 V
TJ = 25°C
1
52
∆V
O(*)
Load Regulation
IO = 5 mA to 1.5 A
TJ = 25°C
105
mV
IO = 250 to 750 mA
TJ = 25°C
52
Id
Quiescent Current
TJ = 25°C
8
mA
∆I
d
Quiescent Current Change
IO = 5 mA to 1 A
0.5
mA
VI = 7 to 25 V
1.3
∆V
O/∆T
Output Voltage Drift
IO = 5 mA
-1
mV/°C
eN
Output Noise Voltage
B =10Hz to 100KHz
TJ = 25°C
42
µV/V
O
SVR
Supply Voltage Rejection
VI = 8 to 18 V
f = 120Hz
61
dB
Vd
Dropout Voltage
IO = 1 A
TJ = 25°C
2
V
RO
Output Resistance
f = 1 KHz
17
m
Isc
Short Circuit Current
VI = 35 V
TJ = 25°C
0.75
A
Iscp
Short Circuit Peak Current
TJ = 25°C
2.2
A
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
TJ = 25°C
5.75
6
6.25
V
VO
Output Voltage
IO = 5 mA to 1 A
PO ≤ 15W
VI = 8 to 21 V
5.766.3
V
∆V
O(*)
Line Regulation
VI = 8 to 25 V
TJ = 25°C
120
mV
VI = 9 to 13 V
TJ = 25°C
60
∆V
O(*)
Load Regulation
IO = 5 mA to 1.5 A
TJ = 25°C
120
mV
IO = 250 to 750 mA
TJ = 25°C
60
Id
Quiescent Current
TJ = 25°C
8
mA
∆I
d
Quiescent Current Change
IO = 5 mA to 1 A
0.5
mA
VI = 8 to 25 V
1.3
∆V
O/∆T
Output Voltage Drift
IO = 5 mA
-0.8
mV/°C
eN
Output Noise Voltage
B =10Hz to 100KHz
TJ = 25°C
45
µV/V
O
SVR
Supply Voltage Rejection
VI = 9 to 19 V
f = 120Hz
59
dB
Vd
Dropout Voltage
IO = 1 A
TJ = 25°C
2
V
RO
Output Resistance
f = 1 KHz
19
m
Isc
Short Circuit Current
VI = 35 V
TJ = 25°C
0.55
A
Iscp
Short Circuit Peak Current
TJ = 25°C
2.2
A


Similar Part No. - L7806

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7806A STMICROELECTRONICS-L7806A Datasheet
1Mb / 55P
   Positive voltage regulator ICs
Rev 36 - September 2018
L7806AB STMICROELECTRONICS-L7806AB Datasheet
1Mb / 57P
   Positive voltage regulator ICs
September 2012 Rev 30
L7806AB STMICROELECTRONICS-L7806AB Datasheet
108Kb / 17P
   PRECISION 1A REGULATORS
L7806AB STMICROELECTRONICS-L7806AB Datasheet
1Mb / 58P
   Positive voltage regulator ICs
March 2014 Rev 32
L7806AB STMICROELECTRONICS-L7806AB Datasheet
373Kb / 28P
   Precision 1A regulators
More results

Similar Description - L7806

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com