Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X96012V14I Datasheet(PDF) 9 Page - Intersil Corporation

Part # X96012V14I
Description  Universal Sensor Conditioner with Dual Look-up Table Memory and DACs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X96012V14I Datasheet(HTML) 9 Page - Intersil Corporation

Back Button X96012V14I Datasheet HTML 5Page - Intersil Corporation X96012V14I Datasheet HTML 6Page - Intersil Corporation X96012V14I Datasheet HTML 7Page - Intersil Corporation X96012V14I Datasheet HTML 8Page - Intersil Corporation X96012V14I Datasheet HTML 9Page - Intersil Corporation X96012V14I Datasheet HTML 10Page - Intersil Corporation X96012V14I Datasheet HTML 11Page - Intersil Corporation X96012V14I Datasheet HTML 12Page - Intersil Corporation X96012V14I Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9
FN8216.3
February 20, 2008
Principles of Operation
Control and Status Registers
The Control and Status Registers provide the user with a
mechanism for changing and reading the value of various
parameters of the X96012. The X96012 contains seven
Control, one Status, and several Reserved registers, each
being one Byte wide. (Figure 4). The Control registers
0 through 6 are located at memory addresses 80h through
86h respectively. The Status register is at memory address
87h, and the Reserved registers at memory address 88h
through 8Fh.
All bits in Control register 6 always power-up to the logic
state “0”. All bits in Control registers 0 through 5 power-up to
the logic state value kept in their corresponding nonvolatile
memory cells. The nonvolatile bits of a register retain their
stored values even when the X96012 is powered down, then
powered back up. The nonvolatile bits in Control 0 through
Control 5 registers are all preprogrammed to the logic state
“0” at the factory.
Bits indicated as “Reserved” are ignored when read, and
must be written as “0”, if any Write operation is performed to
their registers.
A detailed description of the function of each of the Control
and Status register bits follows:
Control Register 0
This register is accessed by performing a Read or Write
operation to address 80h of memory.
BL1, BL0: BLOCK LOCK PROTECTION BITS
(NON-VOLATILE)
These two bits are used to inhibit any write operation to
certain addresses within the memory array. The protected
region of memory is determined by the values of the two bits,
as shown in Table 1.
If the user attempts to perform a write operation to a
protected region of memory, the operation is aborted without
changing any data in the array.
Notice that if the Write Protect (WP) input pin of the X96012
is active (LOW), then any write operation to the memory is
inhibited, irrespective of the Block Lock bit settings.
VRM: VOLTAGE REFERENCE PIN MODE (NON-VOLATILE)
The VRM bit configures the Voltage Reference pin (VREF)
as either an input or an output. When the VRM bit is set to
“0” (default), the voltage at pin VREF is an output from the
X96012’s internal voltage reference. When the VRM bit is
set to “1”, the voltage reference for the VREF pin is external.
See Figure 5.
ADCIN: A/D CONVERTER INPUT SELECT
(NON-VOLATILE)
The ADCIN bit selects the input of the on-chip A/D converter.
When the ADCIN bit is set to “0” (default), the output of the
on-chip temperature sensor is the input to the A/D converter.
When the ADCIN bit is set to “1”, the input to the A/D
converter is the voltage at the VSENSE pin. See Figure 7.
ADCFILTOFF: ADC FILTERING CONTROL
(NON-VOLATILE)
When this bit is “1”, the status register at 87h is updated after
every conversion of the ADC. When this bit is “0” (default),
the status register is updated after four consecutive
conversions with the same result, on the 6 MSBs.
NV1234: CONTROL REGISTERS 1, 2, 3 AND 4
VOLATILITY MODE SELECTION BIT (NON-VOLATILE)
When the NV1234 bit is set to “0” (default), bytes written to
Control registers 1, 2, 3, and 4 are stored in volatile cells,
and their content is lost when the X96012 is powered down.
When the NV1234 bit is set to “1”, bytes written to Control
registers 1, 2, 3, and 4 are stored in both volatile and
nonvolatile cells, and their value doesn’t change when the
X96012 is powered down and powered back up. See
“Writing to Control Registers” on page 20.
I1DS: CURRENT GENERATOR 1 DIRECTION SELECT BIT
(NON-VOLATILE)
The I1DS bit sets the polarity of Current Generator 1, DAC1.
When this bit is set to “0” (default), the Current Generator 1
of the X96012 is configured as a Current Source. Current
Generator 1 is configured as a Current Sink when the I1DS
bit is set to “1”. See Figure 8.
I2DS: CURRENT GENERATOR 2 DIRECTION SELECT BIT
(NON-VOLATILE)
The I2DS bit sets the polarity of Current Generator 2, DAC2.
When this bit is set to “0” (default), the Current Generator 2
of the X96012 is configured as a Current Source. Current
Generator 2 is configured as a Current Sink when the I2DS
bit is set to “1”. See Figure 8.
Control Register 1
This register is accessed by performing a Read or Write
operation to address 81h of memory. This byte’s volatility is
determined by bit NV1234 in Control register 0.
TABLE 1.
PROTECTED
ADDRESSES (SIZE)
PARTITION OF
ARRAY LOCKED
0
0
None (Default)
None (Default)
0
1
00h to 7Fh (128 bytes)
GPM
1
0
00h to 7Fh and 90h to CFh
(192 bytes)
GPM, LUT1
1
1
00h to 7Fh and 90h to 10Fh
(256 bytes)
GPM, LUT1, LUT2
X96012


Similar Part No. - X96012V14I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X96012V14I INTERSIL-X96012V14I Datasheet
383Kb / 27P
   Universal Sensor Conditioner with Dual Look Up Table Memory and DACs
logo
Renesas Technology Corp
X96012V14I RENESAS-X96012V14I Datasheet
478Kb / 23P
   Universal Sensor Conditioner with Dual Look-up Table Memory and DACs
February 20, 2008
X96012V14IZ RENESAS-X96012V14IZ Datasheet
478Kb / 23P
   Universal Sensor Conditioner with Dual Look-up Table Memory and DACs
February 20, 2008
More results

Similar Description - X96012V14I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X96012 RENESAS-X96012 Datasheet
478Kb / 23P
   Universal Sensor Conditioner with Dual Look-up Table Memory and DACs
February 20, 2008
logo
Intersil Corporation
X96012 INTERSIL-X96012 Datasheet
383Kb / 27P
   Universal Sensor Conditioner with Dual Look Up Table Memory and DACs
logo
Renesas Technology Corp
X96010 RENESAS-X96010 Datasheet
438Kb / 26P
   Sensor Conditioner with Dual Look Up Table Memory and DACs
October 25, 2005
logo
Intersil Corporation
X96010 INTERSIL-X96010 Datasheet
372Kb / 26P
   Sensor Conditioner with Dual Look Up Table Memory and DACs
X96011 INTERSIL-X96011 Datasheet
335Kb / 23P
   Temperature Sensor with Look Up Table Memory and DAC
X96011 INTERSIL-X96011_08 Datasheet
287Kb / 18P
   Temperature Sensor with Look-Up Table Memory and DAC
logo
Renesas Technology Corp
X96011 RENESAS-X96011 Datasheet
386Kb / 18P
   Temperature Sensor with Look-Up Table Memory and DAC
February 25, 2008
logo
National Semiconductor ...
LM2512 NSC-LM2512 Datasheet
903Kb / 22P
   Mobile Pixel Link Level 0, 24-Bit RGB Display Interface Serializer with Dithering and Look Up Table Option
LM2512A NSC-LM2512A Datasheet
448Kb / 22P
   Mobile Pixel Link (MPL-1), 24-Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
logo
Integrated Device Techn...
ZSSC3154 IDT-ZSSC3154 Datasheet
341Kb / 28P
   Automotive Sensor Signal Conditioner with Dual Analog Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com