Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9530_0511 Datasheet(PDF) 1 Page - Intersil Corporation

Part # X9530_0511
Description  Temperature Compensated Laser Diode Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9530_0511 Datasheet(HTML) 1 Page - Intersil Corporation

  X9530_0511 Datasheet HTML 1Page - Intersil Corporation X9530_0511 Datasheet HTML 2Page - Intersil Corporation X9530_0511 Datasheet HTML 3Page - Intersil Corporation X9530_0511 Datasheet HTML 4Page - Intersil Corporation X9530_0511 Datasheet HTML 5Page - Intersil Corporation X9530_0511 Datasheet HTML 6Page - Intersil Corporation X9530_0511 Datasheet HTML 7Page - Intersil Corporation X9530_0511 Datasheet HTML 8Page - Intersil Corporation X9530_0511 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
®
FN8211.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
X9530
Temperature Compensated Laser Diode
Controller
FEATURES
• Compatible with Popular Fiber Optic Module
Specifications such as Xenpak, SFF, SFP, and
GBIC
• Package
—14 Ld TSSOP
• Two Programmable Current Generators
—±1.6 mA max.
—8-bit (256 Step) Resolution
• Integrated 6 bit A/D Converter
• Temperature Compensation
—Internal or External Sensor
—-40°C to +100°C Range
—2.2°C/step Resolution
—EEPROM Look-up Tables
• Hot Pluggable
• 2176-bit EEPROM
—17 Pages
—16 Bytes per Page
• Write Protection Circuitry
—Intersil BlockLock™
—Logic Controlled Protection
—2-wire Bus with 3 Slave Address Bits
• 3V to 5.5V, Single Supply Operation
• Pb-Free Plus Anneal Available (RoHS Compliant)
LASER DIODE BIAS CONTROL APPLICATIONS
• SONET and SDH Transmission Systems
• 1G and 10G Ethernet, and Fibre Channel Laser
Diode Driver Circuits
DESCRIPTION
The X9530 is a highly integrated laser diode bias
controller which incorporates two digitally controlled
Programmable
Current
Generators,
temperature
compensation with dedicated look-up tables, and
supplementary EEPROM array. All functions of the
device are controlled via a 2-wire digital serial interface.
Two temperature compensated Programmable Current
Generators, vary the output current with temperature
according to the contents of the associated nonvolatile
look-up table. The look-up table may be programmed
with arbitrary data by the user, via the 2-wire serial port,
and either an internal or external temperature sensor
may be used to control the output current response.
These
temperature
compensated
pro-grammable
currents maybe used to control the modulation current
and the bias current of a laser diode.
The integrated General Purpose EEPROM is included
for product data storage and can be used for transceiver
module information storage in laser diode applications.
PIN CONFIGURATION
PART
NUMBER
PART
MARKING
TEMP RANGE
(°C)
PACKAGE
X9530V14I*
X9530V
-40 to 100
14 LEAD TSSOP
X9530V14IZ*
(Note)
X9530V Z
-40 to 100
14 LEAD TSSOP
(Pb-free)
*Add "T1" suffix for tape and reel.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
Vss
A2
3
4
I2
R1
R2
Vcc
A0
1
10
11
9
12
7
8
SCL
6
A1
2
WP
5
VRef
VSense
13
14
I1
SDA
TSSOP 14L
Data Sheet
November 11, 2005
NOT
RECO
MME
NDED
FOR
NEW
DESI
GNS
POSS
IBLE
SUBS
TITU
TE P
ROD
UCT
X960
12


Similar Part No. - X9530_0511

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9530-B15I INTERSIL-X9530-B15I Datasheet
444Kb / 30P
   Temperature Compensated Laser Diode Controller
X9530-V14I INTERSIL-X9530-V14I Datasheet
444Kb / 30P
   Temperature Compensated Laser Diode Controller
logo
Xicor Inc.
X9530B15I XICOR-X9530B15I Datasheet
479Kb / 30P
   Temperature Compensated Laser Diode Controller
logo
Intersil Corporation
X9530B15I INTERSIL-X9530B15I Datasheet
444Kb / 30P
   Temperature Compensated Laser Diode Controller
logo
Xicor Inc.
X9530B15I-T1 XICOR-X9530B15I-T1 Datasheet
479Kb / 30P
   Temperature Compensated Laser Diode Controller
More results

Similar Description - X9530_0511

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9530 XICOR-X9530 Datasheet
479Kb / 30P
   Temperature Compensated Laser Diode Controller
logo
Intersil Corporation
X9530 INTERSIL-X9530 Datasheet
444Kb / 30P
   Temperature Compensated Laser Diode Controller
logo
Renesas Technology Corp
X9530 RENESAS-X9530 Datasheet
496Kb / 29P
   Temperature Compensated Laser Diode Controller
November 11, 2005
logo
IC-Haus GmbH
IC-VJ ICHAUS-IC-VJ Datasheet
293Kb / 10P
   LASER DIODE CONTROLLER
VJSO16N ICHAUS-VJSO16N Datasheet
293Kb / 10P
   LASER DIODE CONTROLLER
logo
Toshiba Semiconductor
1SZ57 TOSHIBA-1SZ57 Datasheet
60Kb / 2P
   TEMPERATURE COMPENSATED ZENER DIODE
logo
Mitsubishi Electric Sem...
M66515FP MITSUBISHI-M66515FP Datasheet
174Kb / 7P
   LASER-DIODE DRIVER/CONTROLLER
M61880FP MITSUBISHI-M61880FP Datasheet
160Kb / 6P
   Laser-diode driver / controller
logo
Renesas Technology Corp
M61880FP RENESAS-M61880FP Datasheet
228Kb / 21P
   Laser Diode Driver/Controller
logo
New Jersey Semi-Conduct...
1N4611 NJSEMI-1N4611 Datasheet
62Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com