Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL84716IHZ-T Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL84716IHZ-T
Description  Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84716IHZ-T Datasheet(HTML) 4 Page - Intersil Corporation

  ISL84716IHZ-T Datasheet HTML 1Page - Intersil Corporation ISL84716IHZ-T Datasheet HTML 2Page - Intersil Corporation ISL84716IHZ-T Datasheet HTML 3Page - Intersil Corporation ISL84716IHZ-T Datasheet HTML 4Page - Intersil Corporation ISL84716IHZ-T Datasheet HTML 5Page - Intersil Corporation ISL84716IHZ-T Datasheet HTML 6Page - Intersil Corporation ISL84716IHZ-T Datasheet HTML 7Page - Intersil Corporation ISL84716IHZ-T Datasheet HTML 8Page - Intersil Corporation ISL84716IHZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
FN6087.2
November 17, 2004
POWER SUPPLY CHARACTERISTICS
Power Supply Range
Full
1.65
-
3.6
V
Positive Supply Current, I+
V+ = 3.6V, VIN = 0V or V+
25
-
0.018
0.05
µA
Full
-
-
0.35
µA
DIGITAL INPUT CHARACTERISTICS
Input Voltage Low, VINL
Full
-
-
0.5
V
Input Voltage High, VINH
Full
1.4
-
-
V
Input Current, IINH, IINL
V+ = 3.6V, VIN = 0V or V+ (Note 8)
Full
-1
-
1
µA
NOTES:
4. VIN = input voltage to perform proper function.
5. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
6. Parts are 100% tested at +25°C. Limits across the full temperature range are guaranteed by design and correlation.
7. Flatness is defined as the difference between maximum and minimum value of on-resistance over the specified analog signal range.
8. Guaranteed but not tested.
Electrical Specifications - 1.8V Supply
Test Conditions: V+ = +1.8V, GND = 0V, VINH = 1V, VINL = 0.4V (Notes 4, 6),
Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP
(°C)
(NOTE 5)
MIN
TYP
(NOTE 5)
MAX
UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
0
-
V+
V
ON Resistance, RON
V+ = 1.8V, ICOM = 10mA, VNO or VNC = 0.9V
(See Figure 4)
25
-
0.45
0.6
Full
-
-
0.8
NO or NC OFF Leakage Current,
INO(OFF) or INC(OFF)
V+ = 1.8V, VCOM = 0.3V, 1.5V, VNO or VNC = 1.5V, 0.3V
25
-2
-
2
nA
Full
-20
-
20
nA
COM OFF Leakage Current,
ICOM(OFF)
V+ = 1.8V, VCOM = 0.3V, 1.5V, VNO or VNC = 1.5V, 0.3V
25
-2
-
2
nA
Full
-20
-
20
nA
COM ON Leakage Current,
ICOM(ON)
V+ = 1.8V, VCOM = 0.3V, 1.5V, or VNO or VNC = 0.3V,
1.5V, or Floating
25
-1
-
1
nA
Full
-20
-
20
nA
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
V+ = 1.8V, VNO or VNC = 1.5V, RL = 50Ω, CL = 35pF
(See Figure 1, Note 8)
25
-
17
22
ns
Full
-
-
24
ns
Turn-OFF Time, tOFF
V+ = 1.8V, VNO or VNC = 1.5V, RL = 50Ω, CL = 35pF
(See Figure 1, Note 8)
25
-
7
11
ns
Full
-
-
14
ns
Charge Injection, Q
VG = V+/2, RG = 0Ω,CL = 1.0nF (See Figure 2)
25
-
60
-
pC
POWER SUPPLY CHARACTERISTICS
Positive Supply Current, I+
VIN = 0V or V+
25
-
0.018
0.05
µA
Full
-
-
0.35
µA
DIGITAL INPUT CHARACTERISTICS
Input Voltage Low, VINL
Full
-
-
0.4
V
Input Voltage High, VINH
Full
1
-
-
V
Input Current, IINH, IINL
VIN = 0V or V+ (Note 8)
Full
-1
-
1
µA
Electrical Specifications - 3V Supply
Test Conditions: V+ = +2.7V to +3.6V, GND = 0V, VINH = 1.4V, VINL = 0.5V (Notes 4, 6),
Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
(NOTE 5)
MIN
TYP
(NOTE 5)
MAX
UNITS
ISL84715, ISL84716


Similar Part No. - ISL84716IHZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84716IHZ-T INTERSIL-ISL84716IHZ-T Datasheet
338Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
logo
Renesas Technology Corp
ISL84716IHZ-T RENESAS-ISL84716IHZ-T Datasheet
581Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
logo
Intersil Corporation
ISL84716IHZ-T INTERSIL-ISL84716IHZ-T Datasheet
426Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply,SPST Analog Switches
August 18, 2015
More results

Similar Description - ISL84716IHZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84715 INTERSIL-ISL84715 Datasheet
338Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
logo
Renesas Technology Corp
ISL84715 RENESAS-ISL84715 Datasheet
581Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
logo
Intersil Corporation
ISL84715 INTERSIL-ISL84715_15 Datasheet
426Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply,SPST Analog Switches
August 18, 2015
ISL54051_0709 INTERSIL-ISL54051_0709 Datasheet
328Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
ISL54051IRUZ-T INTERSIL-ISL54051IRUZ-T Datasheet
400Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
October 19, 2009
logo
Renesas Technology Corp
ISL54051 RENESAS-ISL54051 Datasheet
616Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
logo
Intersil Corporation
ISL54051 INTERSIL-ISL54051 Datasheet
401Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
ISL43L710 INTERSIL-ISL43L710_07 Datasheet
265Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
logo
Renesas Technology Corp
ISL43L120 RENESAS-ISL43L120 Datasheet
651Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
ISL43L710 RENESAS-ISL43L710 Datasheet
653Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com