Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL59452IRZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL59452IRZ
Description  Triple 4:1 Single Supply Video Multiplexing Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59452IRZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL59452IRZ Datasheet HTML 1Page - Intersil Corporation ISL59452IRZ Datasheet HTML 2Page - Intersil Corporation ISL59452IRZ Datasheet HTML 3Page - Intersil Corporation ISL59452IRZ Datasheet HTML 4Page - Intersil Corporation ISL59452IRZ Datasheet HTML 5Page - Intersil Corporation ISL59452IRZ Datasheet HTML 6Page - Intersil Corporation ISL59452IRZ Datasheet HTML 7Page - Intersil Corporation ISL59452IRZ Datasheet HTML 8Page - Intersil Corporation ISL59452IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
FN6254.0
September 24, 2007
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage (V+ to GND) . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5V
Input Voltage to GND . . . . . . . . . . . . . . . . . GND - 0.5V to V+ + 0.5V
Voltage between HIZ, AV2 and GND . . . . . . . . . GND -0.5;V+ +0.5V
Supply Turn-on Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . . . 1V/µs
Digital and Analog Input Current (Note 1) . . . . . . . . . . . . . . . . 50mA
Output Current (Continuous) . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7) . . . .2500V
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .300V
Storage Temperature Range . . . . . . . . . . . . . . . . . . -65°C to +150°C
Ambient Operating Temperature . . . . . . . . . . . . . . . . -40°C to +85°C
Operating Junction Temperature . . . . . . . . . . . . . . . -40°C to +125°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTE:
1. If an input signal is applied before the supplies are powered up, the input current must be limited to these maximum values.
2. Parts are 100% tested at +25°C. Over temperature limits established by characterization and are not production tested.
Electrical Specifications
V+ = +5V, GND = 0V, TA = +25°C, RL = 150Ω to GND, AV2 = HIZ = 0.8V,
unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 2)
TYP
MAX
(Note 2)
UNIT
DC CHARACTERISTICS
V+
Supply Voltage
4.5
5.0
5.5
V
+IS Enabled
Enabled Supply Current
No load, VIN = 0V, HIZ = 0.8V
45
75
mA
+IS Disabled Disabled Supply Current
No load, VIN = 0V, HIZ = 2.0V
3
5
mA
VOS
Output Offset Voltage
AV2 = 0.8V, GAIN = 1, VIN = 0.1V
-35
0
35
mV
AV2 = 2.0V, GAIN = 2, VIN = 0.1V
-35
0
35
mV
IB
Input Bias Current
VIN = 2.2V, No Load
-6
-4
-2
µA
ROUT-DIS
Disabled Output Resistance (DC)
HIZ = 2.0V
1.5
2
2.5
k
Ω
AV
Voltage Gain
AV2 = 0.8V, GAIN = 1
.98
1
1.02
V/V
AV2 = 2.0V, GAIN = 2
1.95
1.99
2.05
V/V
PSRRDC
Power Supply Rejection Ratio
V+ = 4.5V to 5.5V
50
55
dB
OUTPUT AMPLIFIERS
VOUT+
Output High Swing
RL = 150Ω, VIN = 4V, AV2 = 2.0V, GAIN = 2
3.5
V
VOUT-
Output Low Swing
RL = 150Ω,VIN = 0V, AV2 = 2.0V, GAIN = 2
30
mV
ISC
Short Circuit Current
Sourcing, VIN = 3V, AV2 = 2.0V, RL = 10Ω to
GND, GAIN = 2
125
mA
Sinking, VIN = 0V, RL = 10Ω to +3V
57
mA
LOGIC (AV2, HIZ, S1, S0)
VIH
Input High Voltage (HIGH)
2
V
VIL
Input Low Voltage (LOW)
0.8
V
IIH
Input High Current (Logic Inputs)
S1 = S0 = 5V (no pull-up or pull-down)
-2
0
2
µA
AV2 = HIZ= 5V (300k
Ω internal pull-downs)
8
17
34
µA
IIL
Input Low Current (Logic Inputs)
S1 = S0 = 0V (no pull-up or pull-down)
-2
0
2
µA
AV2 = HIZ = 5V (300k
Ω internal pull-downs)
-2
0
2
µA
AC GENERAL
PSRR
Power Supply Rejection Ratio
VIN = 0V, f = 10kHz to 10MHz, V+ = 5VDC
+100mVP-P sine wave
55
dB
XTALK
Channel to Channel Crosstalk
(ROUT/BOUT to Green Input)
f = 10MHz, VIN = 0.7VP-P; (GAIN = 1)
75
dB
f = 10MHz, VIN = 0.7VP-P; (GAIN = 2)
70
dB
ISL59452


Similar Part No. - ISL59452IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL59452IRZ RENESAS-ISL59452IRZ Datasheet
1Mb / 15P
   Triple 4:1 Single Supply Video Multiplexing Amplifier
ISL59452IRZ-T7 RENESAS-ISL59452IRZ-T7 Datasheet
1Mb / 15P
   Triple 4:1 Single Supply Video Multiplexing Amplifier
More results

Similar Description - ISL59452IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL59452 RENESAS-ISL59452 Datasheet
1Mb / 15P
   Triple 4:1 Single Supply Video Multiplexing Amplifier
logo
Intersil Corporation
ISL59451 INTERSIL-ISL59451 Datasheet
1Mb / 17P
   Triple 4:1 DC Restored Single Supply Video Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59451 RENESAS-ISL59451 Datasheet
1Mb / 17P
   Triple 4:1 DC Restored Single Supply Video Multiplexing Amplifier
logo
Analog Devices
AD813 AD-AD813_15 Datasheet
553Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD813ANZ AD-AD813ANZ Datasheet
394Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD8013 AD-AD8013 Datasheet
319Kb / 12P
   Single Supply, Low Power, Triple Video Amplifier
REV. A
AD813ANZ AD-AD813ANZ Datasheet
553Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD813 AD-AD813 Datasheet
550Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD813 AD-AD813_17 Datasheet
586Kb / 20P
   Single Supply, Low Power Triple Video Amplifier
AD813ARZ-14 AD-AD813ARZ-14 Datasheet
394Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com