Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL97536IUZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL97536IUZ
Description  Monolithic 1A Step-Down Regulator with Low Quiescent Current
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97536IUZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL97536IUZ Datasheet HTML 1Page - Intersil Corporation ISL97536IUZ Datasheet HTML 2Page - Intersil Corporation ISL97536IUZ Datasheet HTML 3Page - Intersil Corporation ISL97536IUZ Datasheet HTML 4Page - Intersil Corporation ISL97536IUZ Datasheet HTML 5Page - Intersil Corporation ISL97536IUZ Datasheet HTML 6Page - Intersil Corporation ISL97536IUZ Datasheet HTML 7Page - Intersil Corporation ISL97536IUZ Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
®
FN6279.1
ISL97536
Monolithic 1A Step-Down Regulator with
Low Quiescent Current
The ISL97536 is a synchronous, integrated FET 1A
step-down regulator with internal compensation. It operates
with an input voltage range from 2.5V to 6V, which
accommodates supplies of 3.3V, 5V, or a Li-ion battery
source. The output can be externally set from 0.8V to VIN
with a resistive divider.
The ISL97536 features PWM control with a 1.4MHz typical
switching frequency. The typical no load quiescent current is
only 500µA. Additional features include a 100ms Power-On-
Reset output, <1µA shutdown current, short-circuit
protection, and over-temperature protection.
The ISL97536 is available in the 10 Ld MSOP package,
making the entire converter occupy less than 0.15in2 of PCB
area with components on one side only. The 10 Ld MSOP
package is specified for operation over the full -40°C to
+85°C temperature range.
Features
• Less than 0.15in2 footprint for the complete 1A converter
• Components on one side of PCB
• Max height 1.1mm MSOP10
• 100ms Power-On-Reset output (POR)
• Internally-compensated voltage mode controller
• Up to 95% efficiency
• <1µA shutdown current
• 500µA quiescent current
• Hiccup mode overcurrent and over-temperature protection
• Pb-free (RoHS compliant)
Applications
• PDA and pocket PC computers
• Bar code readers
• Cellular phones
• Portable test equipment
• Li-ion battery powered devices
• Small form factor (SFP) modules
Pinout and Typical Application Diagram
ISL97536
(10 LD MSOP)
TOP VIEW
Ordering Information
PART
NUMBER
(Note)
PART
MARKING
PACKAGE
(Pb-Free)
PKG. DWG.
#
ISL97536IUZ
7536Z
10 Ld MSOP
MDP0043
ISL97536IUZ-TK*
7536Z
10 Ld MSOP
Tape and Reel
MDP0043
ISL97536IUZ-T*
7536Z
10 Ld MSOP
Tape and Reel
MDP0043
*Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ
special Pb-free material sets; molding compounds/die attach
materials and 100% matte tin plate PLUS ANNEAL - e3 termination
finish, which is RoHS compliant and compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J STD-020.
* VO = 0.8V * (1 + R1/R2)
1
2
3
4
10
9
8
7
5
6
SGND
FB
VDD
RSI
VIN
EN
LX
POR
PGND
VO
1.8µH
VO (1.8V@600mA)
C1
POR
R1*
R2*
124k
Ω
100k
Ω
EN
RSI
100k
Ω
C2
VS (2.5V-6V)
100k
Ω
R4
R5
10µF
10µF
L1
R6
100k
Ω
0.1µF
R3
100
Ω
C3
C4
470pF
Data Sheet
November 2, 2007
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2006, 2007. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL97536IUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97536IUZ INTERSIL-ISL97536IUZ Datasheet
258Kb / 9P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
logo
Renesas Technology Corp
ISL97536IUZ RENESAS-ISL97536IUZ Datasheet
499Kb / 8P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
logo
Intersil Corporation
ISL97536IUZ-T INTERSIL-ISL97536IUZ-T Datasheet
258Kb / 9P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
logo
Renesas Technology Corp
ISL97536IUZ-T RENESAS-ISL97536IUZ-T Datasheet
499Kb / 8P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
logo
Intersil Corporation
ISL97536IUZ-TK INTERSIL-ISL97536IUZ-TK Datasheet
258Kb / 9P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
More results

Similar Description - ISL97536IUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7531 INTERSIL-EL7531_06 Datasheet
344Kb / 11P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
logo
Renesas Technology Corp
ISL97536 RENESAS-ISL97536 Datasheet
499Kb / 8P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
logo
Intersil Corporation
EL7531 INTERSIL-EL7531 Datasheet
492Kb / 10P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
ISL97536 INTERSIL-ISL97536 Datasheet
258Kb / 9P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
logo
Renesas Technology Corp
EL7531 RENESAS-EL7531 Datasheet
682Kb / 12P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
logo
Intersil Corporation
EL7530 INTERSIL-EL7530 Datasheet
476Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
logo
Renesas Technology Corp
ISL8010 RENESAS-ISL8010 Datasheet
699Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
logo
Intersil Corporation
ISL8010 INTERSIL-ISL8010 Datasheet
543Kb / 12P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
EL7530 INTERSIL-EL7530_06 Datasheet
323Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
logo
Renesas Technology Corp
EL7530 RENESAS-EL7530 Datasheet
638Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com