Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMMT491 Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # FMMT491
Description  NPN Silicon Epitaxial Planar Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

FMMT491 Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  FMMT491 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited FMMT491 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited FMMT491 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited FMMT491 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BL Galaxy Electrical
Production specification
NPN Silicon Epitaxial Planar Transistor
FMMT491
Document number: BL/SSSTC052
www.galaxycn.com
Rev.A
2
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=100μA,IE=0
80
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=10mA,IB=0
B
60
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100μA,IC=0
5
V
Collector cut-off current
ICBO
VCB=60V,IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=4V,IC=0
0.1
μA
VCE=5V,IC=1mA
100
VCE=5V,IC=500mA
100
300
VCE=5V,IC=1A
80
DC current gain
hFE
VCE=5V,IC=2A
30
Collector-emitter saturation voltage
VCE(sat)
IC=500mA, IB= 50mA
B
IC=1A, IB= 100mA
B
0.25
0.5
V
Base-emitter saturation voltage
VBE(sat)
IC=1A, IB= 100mA
B
1.1
V
Transition frequency
fT
VCE=10V, IC= 50mA
f=100MHz
150
MHz
Collector output capacitance
Cob
VCB=10V,f=1MHz
10
pF


Similar Part No. - FMMT491

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT491 ZETEX-FMMT491 Datasheet
129Kb / 2P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Dongguan Pingjingsemi T...
FMMT491 PJSEMI-FMMT491 Datasheet
1Mb / 4P
   NPN Transistor
logo
Guangdong Kexin Industr...
FMMT491 KEXIN-FMMT491 Datasheet
35Kb / 1P
   Medium Power Transistor
logo
AiT Semiconductor Inc.
FMMT491 AITSEMI-FMMT491 Datasheet
640Kb / 5P
   GENERAL PURPOSE TRANSISTOR NPN SILICON EPITAXIAL PLANAR
REV1.0
logo
Rectron Semiconductor
FMMT491 RECTRON-FMMT491 Datasheet
318Kb / 3P
   SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
More results

Similar Description - FMMT491

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
AUK corp
SUR541EF AUK-SUR541EF Datasheet
176Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226_11 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR526H KODENSHI-SUR526H Datasheet
275Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR539J KODENSHI-SUR539J Datasheet
279Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR543EF KODENSHI-SUR543EF Datasheet
276Kb / 5P
   Epitaxial planar NPN silicon transistor
logo
Sanken electric
2SC2921 SANKEN-2SC2921_07 Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
logo
Seme LAB
2N4239 SEME-LAB-2N4239 Datasheet
122Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
2N3114CSM SEME-LAB-2N3114CSM_09 Datasheet
163Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
Micro Electronics
BC485 MICRO-ELECTRONICS-BC485 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
2N4123 MICRO-ELECTRONICS-2N4123 Datasheet
85Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com