Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

26MB1600A Datasheet(PDF) 5 Page - International Rectifier

Part # 26MB1600A
Description  SINGLE PHASE BRIDGE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

26MB1600A Datasheet(HTML) 5 Page - International Rectifier

  26MB1600A Datasheet HTML 1Page - International Rectifier 26MB1600A Datasheet HTML 2Page - International Rectifier 26MB1600A Datasheet HTML 3Page - International Rectifier 26MB1600A Datasheet HTML 4Page - International Rectifier 26MB1600A Datasheet HTML 5Page - International Rectifier 26MB1600A Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MB & JB Series
5
Bulletin I2715 rev. E 08/97
www.irf.com
Fig. 6 - Current Ratings Characteristics
Fig. 7 - Forward Voltage Drop Characteristics
Fig. 8 - Total Power Loss Characteristics
Fig. 9 - Maximum Non-Repetitive Surge Current
Fig. 10 - Maximum Non-Repetitive Surge Current
50
70
90
110
130
150
0
5
10
15
20
25
30
Average Forward Current (A)
26MB..A Series
250JB..L Series
180°
(Rect)
180°
(Sine)
1
10
100
1000
0.51
1.522.533.5
T = 25°C
J
Instantaneous Forward Voltage (V)
26MB..A Series
250JB..L Series
T = 150°C
J
100
200
300
400
110
100
26MB..Aseries
250JB..L series
At Any Rated Load Condition And With
Rated V
Applied Following Surge
Number of Equal Amplitude Half Cycle Current Pulses (N)
Initial T = 150°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
J
RRM
50
150
250
350
450
0.01
0.1
1
Pulse Train Duration (s)
26MB..A Series
250JB..L Series
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration.
Initial T
= 150°C
No Voltage Reapplied
Rated V
Reapplied
J
RRM
0
255075
100
125
150
Maximum Allowable Ambient Temperature (°C)
2
K/W
3 K
/W
4 K
/W
5 K/W
7K/W
10 K/W
0
10
20
30
40
50
0
5
10
15
20
25
180°
(Sine)
180°
(Rect)
Average Forward Current (A)
26MB..A Series
250JB..L Series
T = 150°C
J


Similar Part No. - 26MB1600A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
26MB160 IRF-26MB160 Datasheet
46Kb / 6P
   SINGLE PHASE BRIDGE Power Modules
26MB160A IRF-26MB160A Datasheet
46Kb / 6P
   SINGLE PHASE BRIDGE Power Modules
logo
Vishay Siliconix
26MB160A VISHAY-26MB160A Datasheet
160Kb / 6P
   Single Phase Bridge (Power Modules), 25 A/35 A
Revision: 17-Jun-08
26MB160A VISHAY-26MB160A Datasheet
173Kb / 7P
   Single Phase Bridge (Power Modules), 25 A/35 A
Revision: 17-Jun-08
More results

Similar Description - 26MB1600A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GBPC3512 IRF-GBPC3512 Datasheet
270Kb / 6P
   SINGLE PHASE BRIDGE
26MB05A IRF-26MB05A Datasheet
50Kb / 6P
   SINGLE PHASE BRIDGE
26MB IRF-26MB Datasheet
46Kb / 6P
   SINGLE PHASE BRIDGE
logo
Solid States Devices, I...
RA0038D SSDI-RA0038D Datasheet
120Kb / 2P
   SINGLE PHASE BRIDGE
RA0009 SSDI-RA0009 Datasheet
58Kb / 2P
   SINGLE PHASE BRIDGE
logo
International Rectifier
GBPC IRF-GBPC Datasheet
131Kb / 6P
   SINGLE PHASE BRIDGE
logo
Solid States Devices, I...
RA0008 SSDI-RA0008 Datasheet
26Kb / 2P
   SINGLE PHASE BRIDGE
RA0011B SSDI-RA0011B Datasheet
108Kb / 2P
   SINGLE PHASE BRIDGE
RH0237 SSDI-RH0237 Datasheet
27Kb / 2P
   SINGLE PHASE BRIDGE
RA0038D SSDI-RA0038D_15 Datasheet
120Kb / 2P
   SINGLE PHASE BRIDGE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com