Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

26MB1000A Datasheet(PDF) 3 Page - International Rectifier

Part # 26MB1000A
Description  SINGLE PHASE BRIDGE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

26MB1000A Datasheet(HTML) 3 Page - International Rectifier

  26MB1000A Datasheet HTML 1Page - International Rectifier 26MB1000A Datasheet HTML 2Page - International Rectifier 26MB1000A Datasheet HTML 3Page - International Rectifier 26MB1000A Datasheet HTML 4Page - International Rectifier 26MB1000A Datasheet HTML 5Page - International Rectifier 26MB1000A Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MB & JB Series
3
Bulletin I2715 rev. E 08/97
www.irf.com
T
J
Junction temperature range
-40 to 150
oC
T
stg
Storage temperature range
-40 to 150
oC
R
thJC
Max. thermal resistance junction to case
3.5
1.7
1.2
K/W
Per bridge
R
thCS
Max. thermal resistance, case to heatsink
0.2
K/W
Mounting surface , smooth, flat and greased
wt
Approximate weight
20
g
T
Mounting Torque
± 10%
2.0
Nm
Bridge to heatsink
Parameters
100JB-L 26MB-A 36MB-A
Units
Conditions
250JB-L 35MB-A
All dimensions in millimetres (inches)
Suggested plugging force:
200 N max; axially applied to faston terminals
Not To Scale
100
= 10A (Avg)
26
&
250
= 25A (Avg)
36
&
35
= 35A (Avg)
American coding
European coding
1
-
Current rating code:
2
-
Circuit configuration:
JB = Single phase american coding
MB = Single phase european coding
3
-
Voltage code: MB series = code x 10 = V
RRM
JB series = code x 100 = V
RRM
4
-
Diode bridge rectifier:
A
=
26MB, 36MB, 35MB Series
L
=
100JB and 250JB Series
36
MB
160
A
1
2
3
4
Thermal and Mechanical Specifications
Ordering Information Table
Outline Table
Device Code


Similar Part No. - 26MB1000A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
26MB100A IRF-26MB100A Datasheet
46Kb / 6P
   SINGLE PHASE BRIDGE
26MB100A IRF-26MB100A Datasheet
203Kb / 5P
   10 to 35 Amp Rectifier Bridges
logo
Vishay Siliconix
26MB100A VISHAY-26MB100A Datasheet
119Kb / 6P
   Single Phase Bridge (Power Modules), 25/35 A
Revision: 27-Jun-08
logo
New Jersey Semi-Conduct...
26MB100A NJSEMI-26MB100A Datasheet
102Kb / 1P
   Power Modules Single Phase Diode Bridges
26MB100B NJSEMI-26MB100B Datasheet
102Kb / 1P
   Power Modules Single Phase Diode Bridges
More results

Similar Description - 26MB1000A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GBPC3512 IRF-GBPC3512 Datasheet
270Kb / 6P
   SINGLE PHASE BRIDGE
26MB05A IRF-26MB05A Datasheet
50Kb / 6P
   SINGLE PHASE BRIDGE
26MB IRF-26MB Datasheet
46Kb / 6P
   SINGLE PHASE BRIDGE
logo
Solid States Devices, I...
RA0038D SSDI-RA0038D Datasheet
120Kb / 2P
   SINGLE PHASE BRIDGE
RA0009 SSDI-RA0009 Datasheet
58Kb / 2P
   SINGLE PHASE BRIDGE
logo
International Rectifier
GBPC IRF-GBPC Datasheet
131Kb / 6P
   SINGLE PHASE BRIDGE
logo
Solid States Devices, I...
RA0008 SSDI-RA0008 Datasheet
26Kb / 2P
   SINGLE PHASE BRIDGE
RA0011B SSDI-RA0011B Datasheet
108Kb / 2P
   SINGLE PHASE BRIDGE
RH0237 SSDI-RH0237 Datasheet
27Kb / 2P
   SINGLE PHASE BRIDGE
RA0038D SSDI-RA0038D_15 Datasheet
120Kb / 2P
   SINGLE PHASE BRIDGE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com