Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4054-4.2 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4054-4.2
Description  Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4054-4.2 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4054-4.2 Datasheet HTML 2Page - Linear Technology LTC4054-4.2 Datasheet HTML 3Page - Linear Technology LTC4054-4.2 Datasheet HTML 4Page - Linear Technology LTC4054-4.2 Datasheet HTML 5Page - Linear Technology LTC4054-4.2 Datasheet HTML 6Page - Linear Technology LTC4054-4.2 Datasheet HTML 7Page - Linear Technology LTC4054-4.2 Datasheet HTML 8Page - Linear Technology LTC4054-4.2 Datasheet HTML 9Page - Linear Technology LTC4054-4.2 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC4054-4.2/LTC4054X-4.2
405442xf
PI FU CTIO S
CHRG (Pin 1): Open-Drain Charge Status Output. When
the battery is charging, the CHRG pin is pulled low by an
internal N-channel MOSFET. When the charge cycle is
completed, a weak pull-down of approximately 20
µA is
connected to the CHRG pin, indicating an “AC present”
condition. When the LTC4054 detects an undervoltage
lockout condition, CHRG is forced high impedance.
GND (Pin 2): Ground.
BAT (Pin 3): Charge Current Output. Provides charge
current to the battery and regulates the final float voltage
to 4.2V. An internal precision resistor divider from this pin
sets the float voltage which is disconnected in shutdown
mode.
VCC (Pin 4): Positive Input Supply Voltage. Provides
power to the charger. VCC can range from 4.25V to 6.5V
and should be bypassed with at least a 1
µF capacitor.
When VCC drops to within 30mV of the BAT pin voltage, the
LTC4054 enters shutdown mode, dropping IBAT to less
than 2
µA.
PROG (Pin 5): Charge Current Program, Charge Current
Monitor and Shutdown Pin. The charge current is pro-
grammed by connecting a 1% resistor, RPROG, to ground.
When charging in constant-current mode, this pin servos
to 1V. In all modes, the voltage on this pin can be used to
measure the charge current using the following formula:
IBAT = (VPROG/RPROG) • 1000
The PROG pin can also be used to shut down the charger.
Disconnecting the program resistor from ground allows
a 3
µA current to pull the PROG pin high. When it reaches
the 1.21V shutdown threshold voltage, the charger enters
shutdown mode, charging stops and the input supply
current drops to 25
µA. This pin is also clamped to
approximately 2.4V. Driving this pin to voltages beyond
the clamp voltage will draw currents as high as 1.5mA.
Reconnecting RPROG to ground will return the charger to
normal operation.


Similar Part No. - LTC4054-4.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4054-4.2 LINER-LTC4054-4.2_15 Datasheet
197Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
More results

Similar Description - LTC4054-4.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4054X-4.2 LINER-LTC4054X-4.2_15 Datasheet
197Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4054-4.2 LINER-LTC4054-4.2_15 Datasheet
197Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
Eutech Microelectronics...
EUP8054 EUTECH-EUP8054 Datasheet
431Kb / 17P
   Standalone Linear Li-Ion Battery Charger With Thermal Regulation in ThinSOT
logo
SHOUDING Shouding Semic...
SD4054 SHOUDING-SD4054 Datasheet
609Kb / 14P
   600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
SD8055 SHOUDING-SD8055 Datasheet
611Kb / 14P
   600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
Lowpower Semiconductor ...
LP4060A POWER-LP4060A Datasheet
794Kb / 13P
   800mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LP4062 POWER-LP4062 Datasheet
596Kb / 13P
   600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
List of Unclassifed Man...
LP4054 ETC-LP4054 Datasheet
561Kb / 14P
   600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
V1.0
logo
Linear Technology
LTC4057-4.2 LINER-LTC4057-4.2_15 Datasheet
154Kb / 12P
   Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4057 LINER-LTC4057 Datasheet
149Kb / 12P
   Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com