Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3243EAI Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX3243EAI
Description  1μA Supply-Current, True 3V to 5.5V RS-232 Transceivers with AutoShutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3243EAI Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX3243EAI Datasheet HTML 5Page - Maxim Integrated Products MAX3243EAI Datasheet HTML 6Page - Maxim Integrated Products MAX3243EAI Datasheet HTML 7Page - Maxim Integrated Products MAX3243EAI Datasheet HTML 8Page - Maxim Integrated Products MAX3243EAI Datasheet HTML 9Page - Maxim Integrated Products MAX3243EAI Datasheet HTML 10Page - Maxim Integrated Products MAX3243EAI Datasheet HTML 11Page - Maxim Integrated Products MAX3243EAI Datasheet HTML 12Page - Maxim Integrated Products MAX3243EAI Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1µA Supply-Current, True +3V to +5.5V
RS-232 Transceivers with AutoShutdown
_______________________________________________________________________________________
9
Power-Supply Decoupling
In most circumstances a 0.1µF bypass capacitor is
adequate. In applications that are sensitive to power-
supply noise, decouple VCC to ground with a capacitor
of the same value as the charge-pump capacitor C1.
Connect bypass capacitors as close to the IC as possible.
Transmitter Outputs
when Exiting Shutdown
Figure 6 shows two transmitter outputs when exiting
shutdown mode. As they become active, the two trans-
mitter outputs are shown going to opposite RS-232
levels. Each transmitter is loaded with 3kΩ in parallel
with 2500pF. The transmitter outputs display no ringing
or undesirable transients as they come out of shut-
down. Note that the transmitters are enabled only when
the magnitude of V- exceeds approximately 3V. Figure
7a shows the MAX3243’s transmitter output voltage
vs. current per transmitter. Figure 7b is a mouse driver
test circuit.
Mouse Driveability (MAX3243)
The MAX3243 has been specifically designed to power
serial mice while operating from low-voltage power sup-
plies. It has been tested with samples of ten major mouse
models from six manufacturers including the leading
three: Logitech (5 models), Mouse Systems, and
Microsoft. The MAX3243 successfully drove all serial
mice and met their respective current and voltage
requirements. Figure 7a shows the transmitter outputs
under increasing load current. The MAX3243’s switching
regulator ensures the transmitters will supply at least ±5V
during worst-case conditions. The AutoShutdown feature
does not work with a mouse, so FORCEOFF and
FORCEON should be connected to VCC.
High Data Rates
The MAX3221/MAX3223/MAX3243 maintain the RS-232
±5.0V minimum transmitter output voltage even at high
data rates. Figure 8 shows a transmitter loopback test
circuit. Figure 9 shows a loopback test result at
120kbps, and Figure 10 shows the same test at
235kbps. For Figure 9, all three transmitters were driv-
en simultaneously at 120kbps into RS-232 loads in par-
allel with 1000pF. For Figure 10, a single transmitter
was driven at 235kbps, but all three transmitters were
loaded with an RS-232 receiver in parallel with 1000pF.
Interconnection with 3V and 5V Logic
The MAX3221/MAX3223/MAX3243 can directly inter-
face with various 5V logic families, including ACT and
HCT CMOS. See Table 4 for more information on possi-
ble combinations of interconnections.
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
01
23
45
67
LOAD CURRENT PER TRANSMITTER (mA)
VOUT+
VCC = 3.0V
VOUT-
VOUT+
VCC
VOUT-
T1
T2
T3
Figure 7a. MAX3243 Transmitter Output Voltage vs. Load
Current per Transmitter
5V/div
VCC = +3.3V
C1–C4 = 0.1µF
2V/div
T2
50µs/div
T1
Figure 6. Transmitter Outputs when Exiting Shutdown or
Powering Up


Similar Part No. - MAX3243EAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3243EAI MAXIM-MAX3243EAI Datasheet
318Kb / 16P
   1μA Supply-Current, True 3V to 5.5V RS 232 Transceiver with AutoShutdown
Rev 6; 3/99
MAX3243EAI MAXIM-MAX3243EAI Datasheet
331Kb / 17P
   3V to 5.5V RS-232 Transceivers with AutoShutdown
Rev 9; 1/15
MAX3243EAI MAXIM-MAX3243EAI Datasheet
1Mb / 16P
   3V to 5.5V RS-232 Transceivers with AutoShutdown
19-0306; Rev 10; 5/19
More results

Similar Description - MAX3243EAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3221 MAXIM-MAX3221 Datasheet
318Kb / 16P
   1μA Supply-Current, True 3V to 5.5V RS 232 Transceiver with AutoShutdown
Rev 6; 3/99
MAX3224 MAXIM-MAX3224_14 Datasheet
430Kb / 19P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11
MAX3224 MAXIM-MAX3224_08 Datasheet
211Kb / 20P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
MAX3224 MAXIM-MAX3224_11 Datasheet
251Kb / 19P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11
MAX3221 MAXIM-MAX3221_15 Datasheet
331Kb / 17P
   3V to 5.5V RS-232 Transceivers with AutoShutdown
Rev 9; 1/15
MAX3221 MAXIM-MAX3221_V01 Datasheet
1Mb / 16P
   3V to 5.5V RS-232 Transceivers with AutoShutdown
19-0306; Rev 10; 5/19
logo
Renesas Technology Corp
ICL3224 RENESAS-ICL3224 Datasheet
410Kb / 27P
   1μA, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic
May.29.19
logo
Maxim Integrated Produc...
MAX3221E MAXIM-MAX3221E Datasheet
153Kb / 16P
   ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 2; 1/98
MAX3221E MAXIM-MAX3221E_14 Datasheet
659Kb / 19P
   ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 7; 8/11
MAX3238CAI-T MAXIM-MAX3238CAI-T Datasheet
207Kb / 12P
   3.0V to 5.5V, 1μA, up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus
Rev 1; 10/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com