Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HPDL-1414 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HPDL-1414
Description  Four Character Smart Alphanumeric Displays
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HPDL-1414 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HPDL-1414_00 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HPDL-1414_00 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HPDL-1414_00 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HPDL-1414_00 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HPDL-1414_00 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HPDL-1414_00 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HPDL-1414_00 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HPDL-1414_00 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Package Dimensions
HPDL-1414
Absolute Maximum Ratings
Supply Voltage, VDD to Ground ...................................... –0.5 V to 7.0 V
Input Voltage, Any Pin to Ground ....................... –0.5 V to VDD + 0.5 V
Free Air Operating Temperature Range, TA[1] .............. –40°C to +85°C
Relative Humidity (non-condensing) at 65
°C .................................. 90%
Storage Temperature, TS.............................................. –40°C to +85°C
Maximum Solder Temperature, 1.59 mm (0.063 in.)
below Seating Plane, t < 5 sec. ................................................ 260
°C
ESD Protection @ 1.5 k
Ω, 100 pF ...................... V
Z = 2 kV (each Pin)


Similar Part No. - HPDL-1414_00

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HPDL-1414 HP-HPDL-1414 Datasheet
327Kb / 12P
   Four Character Smart Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HPDL-1414 AVAGO-HPDL-1414 Datasheet
388Kb / 8P
   Built-in input protection diodes
More results

Similar Description - HPDL-1414_00

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDLS-1414 HP-HDLS-1414 Datasheet
105Kb / 10P
   Four Character Smart Alphanumeric Displays
HPDL-1414 HP-HPDL-1414 Datasheet
327Kb / 12P
   Four Character Smart Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLX-1414 AVAGO-HDLX-1414_12 Datasheet
277Kb / 9P
   Four Character Smart Alphanumeric Displays
HDLX-1414 AVAGO-HDLX-1414 Datasheet
288Kb / 9P
   Four Character Smart Alphanumeric Displays
HDLS-2416 AVAGO-HDLS-2416_13 Datasheet
234Kb / 12P
   Four Character 5.0 mm (0.2 inch) Smart 5x7 Alphanumeric Displays
logo
Broadcom Corporation.
HDLX-2416 BOARDCOM-HDLX-2416 Datasheet
613Kb / 18P
   Four Character 5.0 mm (0.2 inch) Smart 5횞7 Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDLX-2416 HP-HDLX-2416 Datasheet
337Kb / 12P
   Four Character 5.0 mm (0.2 inch) Smart 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLO-3416 AVAGO-HDLO-3416_12 Datasheet
292Kb / 12P
   Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDLX-3461 HP-HDLX-3461 Datasheet
116Kb / 12P
   Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLX-3416 AVAGO-HDLX-3416 Datasheet
292Kb / 12P
   Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com