Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCO-060 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SCO-060
Description  5.0V / 3.3V supply voltage
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SCO-060 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SCO-060 Datasheet HTML 1Page - List of Unclassifed Manufacturers SCO-060 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
■ ELECTRICAL SPECIFICATIONS
MODEL
SCO-02 Series
Frequency Range
1.000 to 125.000 MHz
Operating Temperature Range
0 to +70°C or -40 to +85°C
Storage Temperature Range
-55 to +125°C
Supply Voltage(VDD)
5.0VDC ±10%
3.3VDC ±10%
Frequency Tilerance/Stability
±100, ±50, ±25 ppm Max
Input Current
1.000 to 20.000MHz
20mA Max
15mA Max
20.001 to 40.000MHz
30mA Max
25mA Max
40.001 to 80.000MHz
40mA Max
35mA Max
80.001 to 125.000MHz
50mA Max
45mA Max
Load drive Capability
10TTL Load or 15pf HCMOS Load
Output Voltage
w/TTL Load
2.4VDC Min
Logic High(VOH)
w/HCMOS Load
90% of VDD Min
Output Voltage
w/TTL Load
0.4VDC Max
Logic Low(VOL)
w/HCMOS Load
10% of VDD Max
Duty Cycle
at 50% of WaveForm
50 ±10% (STD)
w/HCMOS Load or
50 ±5% (Optional)
1.4VDC w/TTL Load
Rise / Fall Time
1.000 to 20.000MHz
10nsec Max
20.001 to 70.000MHz
6nsec Max
70.001 to 125.000MHz
4nsec Max
Aging (at 25°C)
±5 ppm/year Max
Start up Time
10msec Max
Pin 1 Tri-State
Input Voltage
No Connection
Enables Output
VIH : ≥ 2.0VDC
Enables Output
VIL : ≤ 0.8VDC
Disables Output: High Impedance
Period Jitter: Absolute
±100ps Max
Period Jitter: One Sigma
±25ps Max
■ MECHANICAL DIMENSIONS
Please refer to next page.


Similar Part No. - SCO-060

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
SCOCXO MICROCRYSTAL-SCOCXO Datasheet
325Kb / 3P
   HC-MOS output Up to 54 MHz Tight stability
logo
Golledge Electronics Lt...
SCOCXOH GOLLEDGE-SCOCXOH Datasheet
138Kb / 2P
   3.3 & 5.0V OCXO CMOS Output Low Phase Noise
logo
MICORO CRYSTAL SWITZERL...
SCOCXOH MICROCRYSTAL-SCOCXOH Datasheet
329Kb / 3P
   family package DIL 14
logo
Golledge Electronics Lt...
SCOCXOHS GOLLEDGE-SCOCXOHS Datasheet
149Kb / 2P
   3.3 & 5.0V OCXO Sine Output Low Phase Noise
logo
MICORO CRYSTAL SWITZERL...
SCOCXOHS MICROCRYSTAL-SCOCXOHS Datasheet
330Kb / 3P
   family package DIL 14
More results

Similar Description - SCO-060

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MCSO1HV GOLLEDGE-MCSO1HV_18 Datasheet
566Kb / 4P
   5.0V supply voltage
MCSO1H GOLLEDGE-MCSO1H Datasheet
566Kb / 4P
   5.0V supply voltage
logo
List of Unclassifed Man...
PT7V2727 ETC1-PT7V2727 Datasheet
294Kb / 5P
   3.3v/5.0v operating voltage
logo
Central Semiconductor C...
PB_CMATVS3V3_1509 CENTRAL-PB_CMATVS3V3_1509 Datasheet
1Mb / 2P
   3.3V and 5.0V Transient Voltage Suppressors
logo
International Rectifier
IR3599 IRF-IR3599_15 Datasheet
729Kb / 18P
   3.3V supply voltage
logo
Golledge Electronics Lt...
MCSO1HZ GOLLEDGE-MCSO1HZ Datasheet
567Kb / 4P
   3.3V supply voltage
MCSO1V GOLLEDGE-MCSO1V Datasheet
570Kb / 4P
   3.3V supply voltage
logo
Kyocera Kinseki Corpota...
KC7050B KSS-KC7050B Datasheet
123Kb / 1P
   CMOS/ 3.3V/ 5.0V/ 7.0횞5.0mm
logo
Maxim Integrated Produc...
DS1705 MAXIM-DS1705 Datasheet
269Kb / 12P
   3.3V and 5.0V MicroMonitor
Rev 4/10
DS1706SESA MAXIM-DS1706SESA Datasheet
269Kb / 12P
   3.3V and 5.0V MicroMonitor
Rev 4/10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com