Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IM45NS Datasheet(PDF) 8 Page - Tyco Electronics

Part # IM45NS
Description  The Best Relaytion
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

IM45NS Datasheet(HTML) 8 Page - Tyco Electronics

Back Button IM45NS Datasheet HTML 3Page - Tyco Electronics IM45NS Datasheet HTML 4Page - Tyco Electronics IM45NS Datasheet HTML 5Page - Tyco Electronics IM45NS Datasheet HTML 6Page - Tyco Electronics IM45NS Datasheet HTML 7Page - Tyco Electronics IM45NS Datasheet HTML 8Page - Tyco Electronics IM45NS Datasheet HTML 9Page - Tyco Electronics IM45NS Datasheet HTML 10Page - Tyco Electronics IM45NS Datasheet HTML 11Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
General data
Operate time at U
nom typ. / max.
Reset time (latching) at U
nom , typ. / max.
Release time without diode in parallel (non-latching), typ. / max.
Release time with diode in parallel (non-latching), typ. / max.
Bounce time at closing contact, typ. / max.
Maximum switching rate without load
Ambient temperature
Thermal resistance
Maximum permissible coil temperature
Vibration resistance (function)
Shock resistance, half sinus, 11 ms
half sinus, 0.5 ms
Degree of protection / Environmental protection
Needle flame test
Mounting position
Processing information
Weight (mass)
Terminal surface
Moisture sensitive level (JEDEC J-STD-020B)
Resistance to soldering heat
1 ms / 3 ms
1 ms /3 ms
1 ms / 3 ms
3 ms / 5 ms
1 ms / 5 ms
50 operations/s
-40° C ... +85° C
< 150 K/W
125° C
20 G
10 to 1000 Hz
50 G (function)
500 G (damage)
immersion cleanable, IP 67 / RT V
application time 20 s, no burning and glowing
any
Ultrasonic cleaning is not recommended
max. 0.75 g
NiPdAu
MSL 3
260° C / 10 s
IM Relay
All data refers to 23° C unless otherwise specified.
Page 8 (11)
108-98001 Rev. D
Recommended soldering conditions
Soldering conditions according IEC 60058-2-58 and
IPC/JEDEC J-STD-020B
Vapor Phase Soldering: Temperature/Time Profile
(Lead and Housing Peak Temperature)
Infrared Soldering: Temperature/Time Profile
(Lead and Housing Peak Temperature)
240° C
180° C
130° C
100° C
20 - 40 sec
Full line:
typical
Dotted line: process limits
forced
cooling
Time (s)
Time (s)
Resistance to soldering heat - Reflow profile
Recommended reflow soldering profile
Infrared Soldering: Temperature/Time Profile
(Lead and Housing Peak Temperature)
Time (s)


Similar Part No. - IM45NS

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
IM45NS MACOM-IM45NS Datasheet
2Mb / 28P
   IM Series Signal Relays
More results

Similar Description - IM45NS

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MT2-C93422 MACOM-MT2-C93422 Datasheet
488Kb / 9P
   The Best Relaytion
IM07TS MACOM-IM07TS Datasheet
610Kb / 10P
   The Best Relaytion
V23105 MACOM-V23105 Datasheet
498Kb / 11P
   The Best Relaytion
logo
Omron Electronics LLC
G2R1AEASIDC24 OMRON-G2R1AEASIDC24 Datasheet
2Mb / 14P
   The Best Seller G2R
logo
Hamamatsu Corporation
L2D2 HAMAMATSU-L2D2 Datasheet
1Mb / 7P
   The best light source is supported by the best electrode technology
logo
Omron Electronics LLC
G2R-1-DC12 OMRON-G2R-1-DC12 Datasheet
2Mb / 14P
   The Best Seller G2R
logo
Lumileds Lighting Compa...
L128-FRD1003500000 LUMILEDS-L128-FRD1003500000 Datasheet
2Mb / 26P
   The best performance, the most colors
20210816
logo
Seoul Semiconductor
STB0C2PB SEOUL-STB0C2PB Datasheet
1Mb / 18P
   Achieving the best system for Horticulture
logo
STMicroelectronics
AN4428 STMICROELECTRONICS-AN4428 Datasheet
1Mb / 18P
   Best practices in the manufacturing process
logo
Seoul Semiconductor
STW8Q14D SEOUL-STW8Q14D Datasheet
1Mb / 30P
   The Best Efficacy in Mid Power LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com