Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C199-20LMB Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C199-20LMB
Description  32K x 8 Static RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C199-20LMB Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C199-20LMB Datasheet HTML 1Page - Cypress Semiconductor CY7C199-20LMB Datasheet HTML 2Page - Cypress Semiconductor CY7C199-20LMB Datasheet HTML 3Page - Cypress Semiconductor CY7C199-20LMB Datasheet HTML 4Page - Cypress Semiconductor CY7C199-20LMB Datasheet HTML 5Page - Cypress Semiconductor CY7C199-20LMB Datasheet HTML 6Page - Cypress Semiconductor CY7C199-20LMB Datasheet HTML 7Page - Cypress Semiconductor CY7C199-20LMB Datasheet HTML 8Page - Cypress Semiconductor CY7C199-20LMB Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
CY7C199
Document #: 38-05160 Rev. **
Page 4 of 16
AC Test Loads and Waveforms[5]
Data Retention Characteristics Over the Operating Range (L version only)
Parameter
Description
Conditions[6]
Min.
Max.
Unit
VDR
VCC for Data Retention
2.0
V
ICCDR
Data Retention Current
Com’l
VCC = VDR = 2.0V,
CE > VCC – 0.3V,
VIN > VCC – 0.3V or
VIN < 0.3V
µA
Com’l L
10
µA
tCDR
[4]
Chip Deselect to Data Retention Time
0
ns
tR
[5]
Operation Recovery Time
200
µs
Data Retention Waveform
Note:
5.
tR< 3 ns for the -12 and the -15 speeds. tR< 5 ns for the -20 and slower speeds
6.
No input may exceed VCC + 0.5V.
3.0V
5V
OUTPUT
R1 481
R2
255
30 pF
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
≤t
r
≤t
r
5V
OUTPUT
R1 481
R2
255
5pF
INCLUDING
JIG AND
SCOPE
(a)
(b)
OUTPUT
1.73V
Equivalent to:
THÉVENIN EQUIVALENT
ALL INPUT PULSES
C199–5
C199–6
167
C199–7
3.0V
3.0V
tCDR
VDR > 2V
DATA RETENTION MODE
tR
CE
VCC


Similar Part No. - CY7C199-20LMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C199-20LMB CYPRESS-CY7C199-20LMB Datasheet
317Kb / 13P
   32K x 8 Static RAM
More results

Similar Description - CY7C199-20LMB

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY62256V CYPRESS-CY62256V Datasheet
316Kb / 13P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199 Datasheet
317Kb / 13P
   32K x 8 Static RAM
CY7C199N CYPRESS-CY7C199N Datasheet
488Kb / 10P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199_06 Datasheet
315Kb / 11P
   32K x 8 Static RAM
logo
Honeywell Solid State E...
HC6856 HONEYWELL-HC6856 Datasheet
160Kb / 12P
   32K x 8 STATIC RAM
logo
Weida Semiconductor, In...
WCMS0808U1X WEIDA-WCMS0808U1X Datasheet
224Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C199B CYPRESS-CY7C199B Datasheet
257Kb / 15P
   32K x 8 Static RAM
CY7C199C CYPRESS-CY7C199C Datasheet
117Kb / 12P
   32K x 8 Static RAM
logo
Weida Semiconductor, In...
WCFS0808C1E WEIDA-WCFS0808C1E Datasheet
193Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C198 CYPRESS-CY7C198 Datasheet
467Kb / 9P
   32K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com