Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP232AEP Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP232AEP
Description  Enhanced RS-232 Line Drivers/Receivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP232AEP Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP232AEP Datasheet HTML 4Page - Sipex Corporation SP232AEP Datasheet HTML 5Page - Sipex Corporation SP232AEP Datasheet HTML 6Page - Sipex Corporation SP232AEP Datasheet HTML 7Page - Sipex Corporation SP232AEP Datasheet HTML 8Page - Sipex Corporation SP232AEP Datasheet HTML 9Page - Sipex Corporation SP232AEP Datasheet HTML 10Page - Sipex Corporation SP232AEP Datasheet HTML 11Page - Sipex Corporation SP232AEP Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Date: 10/17/ 05
SP232A Series Enhanced RS232 Transceivers
© Copyright 2005 Sipex Corporation
11
PACKAGE: 16/18/20 PIN PDIP
D1
D
L
A1
b
b2
e
b3
C
b
eA
eB
E
c
N
1 23
INDEX
AREA
N/2
E
E1
SYMBOL
MIN
NOM
MAX
A-
-
0.21
A1
0.15
-
-
A2
0.115
0.13
0.195
b0.014
0.018
0.022
b2
0.045
0.06
0.07
b3
0.3
0.039
0.045
c0.008
0.01
0.014
D1
0.005
-
-
E0.3
0.31
0.325
E1
0.24
0.25
0.28
e
eA
eB
-
-
0.43
L0.115
0.13
0.15
D0.78
0.79
0.8
D0.88
0.9
0.92
D0.98
1.03
1.06
PDIP JEDEC MS-001
Common Dimensions
.100 BSC
.300 BSC
Dimensions in Inches.
Controlling Dimension.
PDIP JEDEC MS-001
VARIATION AB
N = 16 Pins
PDIP JEDEC MS-001
VARIATION AC
N = 18 Pins
PDIP JEDEC MS-001
VARIATION AD
N = 20 Pins
SYMBOL
MIN
NOM
MAX
A-
-
5.33
A1
3.81
-
-
A2
2.79
3.30
4.83
b0.25
0.25
0.51
b2
1.02
1.52
1.78
b3
7.62
0.76
1.02
c0.00
0.25
0.25
D1
0.00
-
-
E7.62
7.87
8.13
E1
6.10
6.35
7.11
e
eA
eB
-
-
10.92
L2.79
3.30
3.81
D
19.81
20.07
20.32
D
22.35
22.86
23.37
D
24.89
26.16
26.92
PDIP JEDEC MS-001
VARIATION AB
N = 16 Pins
PDIP JEDEC MS-001
VARIATION AC
N = 18 Pins
PDIP JEDEC MS-001
VARIATION AD
N = 20 Pins
7.62 BSC
Dimensions in Millimeters.
Conversion factor: 1 inch = 25.40 mm.
PDIP JEDEC MS-001
Common Dimensions
2.54 BSC
A
A2


Similar Part No. - SP232AEP

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP232AEP SIPEX-SP232AEP Datasheet
126Kb / 8P
   Enhanced RS-232 Line Drivers/Receivers
SP232AEP SIPEX-SP232AEP Datasheet
913Kb / 16P
   Enhanced RS-232 Line Drivers/Receivers
logo
Exar Corporation
SP232AEP EXAR-SP232AEP Datasheet
857Kb / 10P
   Enhanced RS-232 Line Drivers/Receivers
SP232AEP-L EXAR-SP232AEP-L Datasheet
857Kb / 10P
   Enhanced RS-232 Line Drivers/Receivers
SP232AEP-L EXAR-SP232AEP-L Datasheet
821Kb / 11P
   Enhanced RS-232 Line Drivers/Receivers
More results

Similar Description - SP232AEP

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP231A SIPEX-SP231A Datasheet
126Kb / 8P
   Enhanced RS-232 Line Drivers/Receivers
logo
Exar Corporation
SP232ACN-L-TR EXAR-SP232ACN-L-TR Datasheet
821Kb / 11P
   Enhanced RS-232 Line Drivers/Receivers
SP232AEN-L-TR EXAR-SP232AEN-L-TR Datasheet
821Kb / 11P
   Enhanced RS-232 Line Drivers/Receivers
SP232A EXAR-SP232A Datasheet
857Kb / 10P
   Enhanced RS-232 Line Drivers/Receivers
SP232ACT-L-TR EXAR-SP232ACT-L-TR Datasheet
821Kb / 11P
   Enhanced RS-232 Line Drivers/Receivers
logo
Sipex Corporation
SP232A SIPEX-SP232A Datasheet
913Kb / 16P
   Enhanced RS-232 Line Drivers/Receivers
SP231A SIPEX-SP231A Datasheet
126Kb / 8P
   Enhanced RS-232 Line Drivers/Receivers
logo
Unisonic Technologies
UT232A UTC-UT232A Datasheet
177Kb / 5P
   ENHANCED RS-232 LINE DRIVERS/RECEIVERS
logo
Exar Corporation
SP233A EXAR-SP233A Datasheet
677Kb / 13P
   Enhanced RS-232 Line Drivers/Receivers
logo
Analog Devices
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
   RS-232 Line Drivers/Receivers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com