Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X25256A8IG Datasheet(PDF) 3 Page - IC MICROSYSTEMS

Part # X25256A8IG
Description  5MHz SPI Serial E 2 PROM with Block Lock ??Protection
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X25256A8IG Datasheet(HTML) 3 Page - IC MICROSYSTEMS

  X25256A8IG Datasheet HTML 1Page - IC MICROSYSTEMS X25256A8IG Datasheet HTML 2Page - IC MICROSYSTEMS X25256A8IG Datasheet HTML 3Page - IC MICROSYSTEMS X25256A8IG Datasheet HTML 4Page - IC MICROSYSTEMS X25256A8IG Datasheet HTML 5Page - IC MICROSYSTEMS X25256A8IG Datasheet HTML 6Page - IC MICROSYSTEMS X25256A8IG Datasheet HTML 7Page - IC MICROSYSTEMS X25256A8IG Datasheet HTML 8Page - IC MICROSYSTEMS X25256A8IG Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
X25256
– Preliminary Information
Characteristics subject to change without notice.
3 of 17
www.icmic.com
Hold (HOLD)
HOLD is used in conjunction with the CS pin to pause the
device. Once the part is selected and a serial
sequence is underway, HOLD may be used to pause the
serial communication with the controller without
resetting the serial sequence. To pause, HOLD must be
brought LOW while SCK is LOW. To resume com-
munication, HOLD is brought HIGH, again while SCK is
LOW. If the pause feature is not used, HOLD should be
held HIGH at all times.
Table 1. Instruction Set
Notes: *Instructions are shown MSB in leftmost position. Instructions are transferred MSB first.
Instruction Name
Instruction Format*
Operation
WREN
0000 0110
Set the Write Enable Latch (Enable Write Operations)
WRDI
0000 0100
Reset the Write Enable Latch (Disable Write Operations)
RDSR
0000 0101
Read Status Register
WRSR
0000 0001
Write Status Register
READ
0000 0011
Read Data from Memory Array beginning at selected address
WRITE
0000 0010
Write Data to Memory Array beginning at Selected Address (1 to 64 Bytes)
PRINCIPLES OF OPERATION
The X25256 is a 32K x 8 E2
PROM designed to interface
directly with the synchronous serial peripheral interface (SPI)
of many popular microcontroller families.
The X25256 contains an 8-bit instruction register. It is
accessed via the SI input, with data being clocked in on
the rising SCK. CS must be LOW and the HOLD and
WP inputs must be HIGH during the entire operation.
Table 1 contains a list of the instructions and their
opcodes. All instructions, addresses and data are
transferred MSB first.
Data input is sampled on the first rising edge of SCK after
CS goes LOW. SCK is static, allowing the user to
stop the clock and then resume operations. If the clock
line is shared with other peripheral devices on the SPI
bus, the user can assert the HOLD input to place the
X25256 into a “PAUSE” condition. After releasing
HOLD, the X25256 will resume operation from the
point when HOLD was first asserted.
Write Enable Latch
The X25256 contains a “write enable” latch. This latch
must be SET before a write operation will be com-
pleted internally. The WREN instruction will set the
latch and the WRDI instruction will reset the latch. This
latch is automatically reset upon a power-up condition
and after the completion of a byte, page, or status reg-
ister write cycle.
Status Register
The RDSR instruction provides access to the status
register. The status register may be read at any time,
even during a write cycle. The status register is format- ted
as follows:
WPEN, BL0 and BL1 are set by the WRSR instruction.
WEL and WIP are read-only and automatically set by
other operations.
The Write-In-Process (WIP) bit indicates whether the
X25256 is busy with a write operation. When set to a
“1”, a write is in progress, when set to a “0”, no write is
in progress. This bit is set and reset by hardware, it
cannot be controlled by the WRSR instruction. When
reading the Status Register while an internal nonvola-
tile write is in progress, all bits output will be ‘1’. This
allows the programmer to use the WIP bit to determine
an early end of write condition. It also allows the pro-
grammer to check for “FF” or “not FF” to determine end
of write. The programmer can also use the first one or two
bits received from the Status Register (if they were
known to be zero) to determine end of write. Each of
these techniques can simplify or speed the end of non-
volatile write detection.
7
6
5
4
3
2
1
0
WPEN
X
X
BL2
BL1
BL0
WEL
WIP


Similar Part No. - X25256A8IG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
X252 ETC1-X252 Datasheet
67Kb / 1P
   X200 SERIES (CMOS) STANDARD SPECFITIONS
X252-883B ETC1-X252-883B Datasheet
67Kb / 1P
   X200 SERIES (CMOS) STANDARD SPECFITIONS
logo
Solarflare Communicatio...
X2522 SOLARFLARE-X2522 Datasheet
283Kb / 2P
   The World?셲 Lowest Latency 10/25G Ethernet NIC
X2522-10G SOLARFLARE-X2522-10G Datasheet
283Kb / 2P
   The World?셲 Lowest Latency 10/25G Ethernet NIC
X2522-10G-PLUS SOLARFLARE-X2522-10G-PLUS Datasheet
283Kb / 2P
   The World?셲 Lowest Latency 10/25G Ethernet NIC
More results

Similar Description - X25256A8IG

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25650 XICOR-X25650 Datasheet
77Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X25330 XICOR-X25330 Datasheet
74Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
logo
IC MICROSYSTEMS
X25170 ICMIC-X25170 Datasheet
131Kb / 15P
   SPI Serial E 2 PROM with Block Lock ??Protection
X25330 ICMIC-X25330 Datasheet
131Kb / 14P
   5MHz SPI Serial E2 PROM with Block Lock Protection
logo
Xicor Inc.
X25128 XICOR-X25128 Datasheet
77Kb / 15P
   SPI Serial E 2 PROM with Block Lock TM Protection
X25642 XICOR-X25642 Datasheet
76Kb / 16P
   Advanced SPI Serial E 2 PROM with Block Lock TM Protection
logo
IC MICROSYSTEMS
X25650 ICMIC-X25650 Datasheet
134Kb / 14P
   5MHz SPI Serial E2PROM with Block Lock Protection
logo
Xicor Inc.
X25138 XICOR-X25138 Datasheet
88Kb / 18P
   5MHz SPI Serial E2PROM with Block Lock PROTECTION
X25057 XICOR-X25057 Datasheet
74Kb / 16P
   5MHz Low Power SPI Serial E 2 PROM with IDLock??Memory
X24325 XICOR-X24325 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com