Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X25256A8IG Datasheet(PDF) 2 Page - IC MICROSYSTEMS

Part # X25256A8IG
Description  5MHz SPI Serial E 2 PROM with Block Lock ??Protection
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X25256A8IG Datasheet(HTML) 2 Page - IC MICROSYSTEMS

  X25256A8IG Datasheet HTML 1Page - IC MICROSYSTEMS X25256A8IG Datasheet HTML 2Page - IC MICROSYSTEMS X25256A8IG Datasheet HTML 3Page - IC MICROSYSTEMS X25256A8IG Datasheet HTML 4Page - IC MICROSYSTEMS X25256A8IG Datasheet HTML 5Page - IC MICROSYSTEMS X25256A8IG Datasheet HTML 6Page - IC MICROSYSTEMS X25256A8IG Datasheet HTML 7Page - IC MICROSYSTEMS X25256A8IG Datasheet HTML 8Page - IC MICROSYSTEMS X25256A8IG Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
X25256 – Preliminary Information
Characteristics subject to change without notice.
2 of 17
www.icmic.com
The X25256 utilizes Xicor’s proprietary Direct Write
cell, providing a minimum endurance of 100,000 cycles
and a minimum data retention of 100 years.
PIN CONFIGURATION
PIN NAMES
PIN DESCRIPTIONS
Serial Output (SO)
SO is a push/pull serial data output pin. During a read
cycle, data is shifted out on this pin. Data is clocked out
by the falling edge of the serial clock.
Serial Input (SI)
SI is the serial data input pin. All opcodes, byte
addresses, and data to be written to the memory are
input on this pin. Data is latched by the rising edge of the
serial clock.
Serial Clock (SCK)
The Serial Clock controls the serial bus timing for data
input and output. Opcodes, addresses, or data present
on the SI pin are latched on the rising edge of the clock
input, while data on the SO pin change after the falling
edge of the clock input.
Chip Select (CS)
When CS is HIGH, the X25256 is deselected and the SO
output pin is at high impedance and unless an
internal write operation is underway, the X25256 will be in
the standby power mode. CS LOW enables the
X25256, placing it in the active power mode. It should be
noted that after power-up, a HIGH to LOW transition
on CS is required prior to the start of any operation.
Write Protect (WP)
When WP is LOW and the nonvolatile bit WPEN is “1”,
nonvolatile writes to the X25256 status register are dis-
abled, but the part otherwise functions normally. When WP
is held HIGH, all functions, including nonvolatile
writes operate normally. WP going LOW while CS is still
LOW will interrupt a write to the X25256 status reg-
ister. If the internal write cycle has already been initi-
ated, WP going LOW will have no affect on a write.
The WP pin function is blocked when the WPEN bit in the
status register is “0”. This allows the user to install
the X25256 in a system with WP pin grounded and still be
able to write to the status register. The WP pin func-
tions will be enabled when the WPEN bit is set “1”.
Symbol
Description
CS
Chip Select Input
SO
Serial Output
SI
Serial Input
SCK
Serial Clock Input
WP
Write Protect Input
VSS
Ground
VCC
Supply Voltage
HOLD
Hold Input
NC
No Connect
20-Lead TSSOP
NC
1
2
3
4
7
6
5
X25256
NC
NC
SO
NC
14
15
16
17
18
20
19
NC
CS
NC
NC
V
CC
HOLD
SCK
WP
8
10
9
VSS
NC
NC
11
12
13
NC
SI
NC
NC
8-Lead SOIC
V
CC
HOLD
SCK
CS
1
2
3
4
6
7
8
X25256
V
SS
SI
5
SO
WP
S0
SI
WP
SCK
VCC
VSS
CS
HOLD
8
7
6
5
1
2
3
4
8-Lead XBGA


Similar Part No. - X25256A8IG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
X252 ETC1-X252 Datasheet
67Kb / 1P
   X200 SERIES (CMOS) STANDARD SPECFITIONS
X252-883B ETC1-X252-883B Datasheet
67Kb / 1P
   X200 SERIES (CMOS) STANDARD SPECFITIONS
logo
Solarflare Communicatio...
X2522 SOLARFLARE-X2522 Datasheet
283Kb / 2P
   The World?셲 Lowest Latency 10/25G Ethernet NIC
X2522-10G SOLARFLARE-X2522-10G Datasheet
283Kb / 2P
   The World?셲 Lowest Latency 10/25G Ethernet NIC
X2522-10G-PLUS SOLARFLARE-X2522-10G-PLUS Datasheet
283Kb / 2P
   The World?셲 Lowest Latency 10/25G Ethernet NIC
More results

Similar Description - X25256A8IG

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25650 XICOR-X25650 Datasheet
77Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X25330 XICOR-X25330 Datasheet
74Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
logo
IC MICROSYSTEMS
X25170 ICMIC-X25170 Datasheet
131Kb / 15P
   SPI Serial E 2 PROM with Block Lock ??Protection
X25330 ICMIC-X25330 Datasheet
131Kb / 14P
   5MHz SPI Serial E2 PROM with Block Lock Protection
logo
Xicor Inc.
X25128 XICOR-X25128 Datasheet
77Kb / 15P
   SPI Serial E 2 PROM with Block Lock TM Protection
X25642 XICOR-X25642 Datasheet
76Kb / 16P
   Advanced SPI Serial E 2 PROM with Block Lock TM Protection
logo
IC MICROSYSTEMS
X25650 ICMIC-X25650 Datasheet
134Kb / 14P
   5MHz SPI Serial E2PROM with Block Lock Protection
logo
Xicor Inc.
X25138 XICOR-X25138 Datasheet
88Kb / 18P
   5MHz SPI Serial E2PROM with Block Lock PROTECTION
X25057 XICOR-X25057 Datasheet
74Kb / 16P
   5MHz Low Power SPI Serial E 2 PROM with IDLock??Memory
X24325 XICOR-X24325 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com