Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C199-15PC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C199-15PC
Description  32K x 8 Static RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C199-15PC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C199-15PC Datasheet HTML 1Page - Cypress Semiconductor CY7C199-15PC Datasheet HTML 2Page - Cypress Semiconductor CY7C199-15PC Datasheet HTML 3Page - Cypress Semiconductor CY7C199-15PC Datasheet HTML 4Page - Cypress Semiconductor CY7C199-15PC Datasheet HTML 5Page - Cypress Semiconductor CY7C199-15PC Datasheet HTML 6Page - Cypress Semiconductor CY7C199-15PC Datasheet HTML 7Page - Cypress Semiconductor CY7C199-15PC Datasheet HTML 8Page - Cypress Semiconductor CY7C199-15PC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
32K x 8 Static RAM
CY7C199
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
Document #: 38-05160 Rev. **
Revised September 7, 2001
99
Features
• High speed
—10 ns
•Fast tDOE
• CMOS for optimum speed/power
• Low active power
— 467 mW (max, 12 ns “L” version)
• Low standby power
— 0.275 mW (max, “L” version)
• 2V data retention (“L” version only)
• Easy memory expansion with CE and OE features
• TTL-compatible inputs and outputs
• Automatic power-down when deselected
Functional Description
The CY7C199 is a high-performance CMOS static RAM orga-
nized as 32,768 words by 8 bits. Easy memory expansion is
provided by an active LOW Chip Enable (CE) and active LOW
Output Enable (OE) and three-state drivers. This device has
an automatic power-down feature, reducing the power con-
sumption by 81% when deselected. The CY7C199 is in the
standard 300-mil-wide DIP, SOJ, and LCC packages.
An active LOW Write Enable signal (WE) controls the writ-
ing/reading operation of the memory. When CE and WE inputs
are both LOW, data on the eight data input/output pins (I/O0
through I/O7) is written into the memory location addressed by
the address present on the address pins (A0 through A14).
Reading the device is accomplished by selecting the device
and enabling the outputs, CE and OE active LOW, while WE
remains inactive or HIGH. Under these conditions, the con-
tents of the location addressed by the information on address
pins are present on the eight data input/output pins.
The input/output pins remain in a high-impedance state unless
the chip is selected, outputs are enabled, and Write Enable
(WE) is HIGH. A die coat is used to improve alpha immunity.
Selection Guide
7C199-8
7C199-10
7C199-12
7C199-15
7C199-20
7C199-25
7C199-35
7C199-45
Maximum Access Time (ns)
810
12
15
20
25
35
45
Maximum Operating
Current (mA)
120
110
160
155
150
150
140
140
L
90
90
90
90
80
70
Maximum CMOS
Standby Current (mA)
0.5
0.5
10
10
10
10
10
10
L
0.05
0.05
0.05
0.05
0.05
0.05
Shaded area contains advance information.
Logic Block Diagram
Pin Configurations
A1
A2
A3
A4
A5
A6
A7
A8
COLUMN
DECODER
INPUT BUFFER
POWER
DOWN
WE
OE
I/O0
CE
I/O1
I/O2
I/O3
1
2
3
4
5
6
7
8
9
10
11
14
15
16
20
19
18
17
21
24
23
22
Top View
DIP / SOJ / SOIC
12
13
25
28
27
26
GND
A6
A7
A8
A9
A10
A11
A12
A13
WE
VCC
A4
A3
A2
A1
I/O7
I/O6
I/O5
I/O4
A14
A5
I/O0
I/O1
I/O2
CE
OE
A0
I/O3
1024 x 32 x 8
ARRAY
I/O7
I/O6
I/O5
I/O4
A9
A0
28
4
5
6
7
8
9
10
32 1
27
1314151617
26
25
24
23
22
21
20
11
12
19
18
A8
A9
A10
A11
A12
A13
A14
CE
A3
A2
A1
A0
I/O1
I/O7
I/O6
A4
OE
I/O0
Top View
LCC
C199–1
C199–2
C199–3
22
23
24
25
26
27
28
1
2
5
10
11
15
14
13
12
16
19
18
17
3
4
20
21
7
6
8
9
OE
A 1
A 2
A 3
A 4
WE
VCC
A 5
A 6
A 7
A 8
A 9
A 0
CE
I/O 7
I/O 6
I/O 5
GND
I/O 2
I/O 1
I/O 4
I/O 0
A 14
A 10
A 11
A 13
A 12
C199–4
I/O 3
TSOP I
Top View
(not to scale)


Similar Part No. - CY7C199-15PC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C199-15PC CYPRESS-CY7C199-15PC Datasheet
317Kb / 13P
   32K x 8 Static RAM
More results

Similar Description - CY7C199-15PC

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY62256V CYPRESS-CY62256V Datasheet
316Kb / 13P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199 Datasheet
317Kb / 13P
   32K x 8 Static RAM
CY7C199N CYPRESS-CY7C199N Datasheet
488Kb / 10P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199_06 Datasheet
315Kb / 11P
   32K x 8 Static RAM
logo
Honeywell Solid State E...
HC6856 HONEYWELL-HC6856 Datasheet
160Kb / 12P
   32K x 8 STATIC RAM
logo
Weida Semiconductor, In...
WCMS0808U1X WEIDA-WCMS0808U1X Datasheet
224Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C199B CYPRESS-CY7C199B Datasheet
257Kb / 15P
   32K x 8 Static RAM
CY7C199C CYPRESS-CY7C199C Datasheet
117Kb / 12P
   32K x 8 Static RAM
logo
Weida Semiconductor, In...
WCFS0808C1E WEIDA-WCFS0808C1E Datasheet
193Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C198 CYPRESS-CY7C198 Datasheet
467Kb / 9P
   32K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com