Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX9301 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX9301
Description  Frequency Synthesizer Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX9301 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMX9301 Datasheet HTML 1Page - National Semiconductor (TI) LMX9301 Datasheet HTML 2Page - National Semiconductor (TI) LMX9301 Datasheet HTML 3Page - National Semiconductor (TI) LMX9301 Datasheet HTML 4Page - National Semiconductor (TI) LMX9301 Datasheet HTML 5Page - National Semiconductor (TI) LMX9301 Datasheet HTML 6Page - National Semiconductor (TI) LMX9301 Datasheet HTML 7Page - National Semiconductor (TI) LMX9301 Datasheet HTML 8Page - National Semiconductor (TI) LMX9301 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
PLL Functional Description
The simplified block diagram below shows the 19-bit data register the 14-bit R Counter and the S Latch and the 18-bit
N Counter (intermediate latches are not shown) The data stream is clocked (on the rising edge of clock) into the DATA input
MSB first If the Control Bit (last bit input) is HIGH the DATA is transferred into the R Counter (programmable reference divider)
and the S Latch (prescaler select 6465 and 128129) If the Control Bit (LSB) is LOW the DATA is transferred into the N
Counter (programmable divider)
TLW12822 – 5
PROGRAMMABLE REFERENCE DIVIDER (R COUNTER) AND PRESCALER SELECT (S LATCH)
If the Control Bit (last bit shifted into the Data Register) is HIGH data is transferred from the 19-bit shift register into a 14-bit
latch (which sets the 14-bit R Counter) and the 1-bit S Latch (S15 which sets the prescaler 6465 and 128129) Serial data
format is shown below
TLW12822 – 6
14-BIT PROGRAMMABLE REFERENCE DIVIDER RATIO (R COUNTER)
The R divide ratio must be set to maintain a 30 kHz phase comparator frequency
The divide ratio is chosen by dividing the selected reference oscillator frequency by
30 kHz For example a 15 MHz reference oscillator frequency gives
R e
OSC
IN
30 kHz
e
15 MHz
30 kHz
e
500
Divide
14
S
13
S
12
S
11
S
10
SS
9
S
8
S
7
S
6
S
5
S
4
S
3
S
2
S
1
Ratio
R
3
0
0000
0
0
0
000011
#
#
####
#########
1333
0
0010
1
0
0
110101
Notes
Divide ratios less than 3 or greater than 1333 are prohibited
S1 to S14 These bits select the divide ratio of the programmable reference divider
C Control bit (set to HIGH level to load R counter and S Latch)
Data is shifted in MSB first
1-BIT PRESCALER SELECT
(S LATCH)
Prescaler
15
S
Select
P
128129
0
6465
1
http
www nationalcom
5


Similar Part No. - LMX9301

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX9402 NSC-LMX9402 Datasheet
155Kb / 7P
   Frequency Synthesizer Module
LMX9402BL1501X NSC-LMX9402BL1501X Datasheet
155Kb / 7P
   Frequency Synthesizer Module
LMX9402BL1577X NSC-LMX9402BL1577X Datasheet
155Kb / 7P
   Frequency Synthesizer Module
LMX9402BL1619X NSC-LMX9402BL1619X Datasheet
155Kb / 7P
   Frequency Synthesizer Module
LMX9402BL1701X NSC-LMX9402BL1701X Datasheet
155Kb / 7P
   Frequency Synthesizer Module
More results

Similar Description - LMX9301

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX9402 NSC-LMX9402 Datasheet
155Kb / 7P
   Frequency Synthesizer Module
logo
Z-Communications, Inc
SFS1500B-LF ZCOMM-SFS1500B-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer Surface Mount Module
SFS5280A-LF ZCOMM-SFS5280A-LF_11 Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer Surface Mount Module
SFS9370Z-LF ZCOMM-SFS9370Z-LF_11 Datasheet
90Kb / 2P
   Fixed Frequency Synthesizer Surface Mount Module
SFS5200A-LF ZCOMM-SFS5200A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer Surface Mount Module
SFS1401A-LF ZCOMM-SFS1401A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer Surface Mount Module
SFS1387A-LF ZCOMM-SFS1387A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer Surface Mount Module
SFS1680A-LF ZCOMM-SFS1680A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer Surface Mount Module
SFS3500C-LF ZCOMM-SFS3500C-LF Datasheet
76Kb / 2P
   Fixed Frequency Synthesizer Surface Mount Module
SFS4500A-LF ZCOMM-SFS4500A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer Surface Mount Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com