Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT48LC128M4A2 Datasheet(PDF) 44 Page - Micron Technology

Part # MT48LC128M4A2
Description  512Mb x4, x8, x16 SDRAM
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT48LC128M4A2 Datasheet(HTML) 44 Page - Micron Technology

Back Button MT48LC128M4A2_07 Datasheet HTML 40Page - Micron Technology MT48LC128M4A2_07 Datasheet HTML 41Page - Micron Technology MT48LC128M4A2_07 Datasheet HTML 42Page - Micron Technology MT48LC128M4A2_07 Datasheet HTML 43Page - Micron Technology MT48LC128M4A2_07 Datasheet HTML 44Page - Micron Technology MT48LC128M4A2_07 Datasheet HTML 45Page - Micron Technology MT48LC128M4A2_07 Datasheet HTML 46Page - Micron Technology MT48LC128M4A2_07 Datasheet HTML 47Page - Micron Technology MT48LC128M4A2_07 Datasheet HTML 48Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 68 page
background image
PDF: 09005aef809bf8f3/Source: 09005aef80818a4a
Micron Technology, Inc., reserves the right to change products or specifications without notice.
512MbSDRAM.fm - Rev. L 10/07 EN
44
©2000 Micron Technology, Inc. All rights reserved.
512Mb: x4, x8, x16 SDRAM
Electrical Specifications
Table 13:
DC Electrical Characteristics And Operating Conditions
Notes 1, 5, and 6 apply to entire table; notes appear on page 47; VDD, VDDQ = +3.3V ±0.3V
Parameter/Condition
Symbol
Min
Max
Units
Notes
Supply voltage
VDD, VDDQ3
3.6
V
Input high voltage: Logic 1; All inputs
VIH
2VDD + 0.3
V
22
Input low voltage: Logic 0; All inputs
VIL
–0.3
0.8
V
22
Input leakage current: Any input 0V
≤ VIN ≤ VDD
(All other pins not under test = 0V)
II
–5
5
µA
Output leakage current: DQs are disabled;
0V
≤ VOUT ≤ VDDQ
IOZ
–5
5
µA
Output levels:
Output high voltage (IOUT = –4mA)
VOH
2.4
V
26
Output low voltage (IOUT = 4mA)
VOL
–0.4
V
26
Table 14:
IDD Specifications and Conditions
Notes 1, 5, 6, 11, and 13 apply to entire table; notes appear on page 47; VDD, VDDQ = +3.3V ±0.3V
Parameter/Condition
Symbol
Max
Units
Notes
-7E
-75
Operating current: Active mode;
Burst = 2; READ or WRITE; tRC = tRC (MIN)
IDD1
120
110
mA
3, 18, 19,
29
Standby current: power-down mode;
CKE = LOW; All banks idle
IDD23.5
3.5
mA
29
Standby current: Active mode; CS# = HIGH;
CKE = HIGH; All banks active after tRCD met;
No accesses in progress
IDD3
45
45
mA
3, 12, 19,
29
Operating current: Burst mode; Page burst;
READ or WRITE; All banks active
IDD4
125
115
mA
3, 18, 19,
29
Auto refresh current:
CS# = HIGH; CKE = HIGH
tRFC = tRFC (MIN)
IDD5
255
255
mA
3, 18, 19,
29, 30
tRFC = 7.81µs
IDD66
6
mA
Self refresh current: CKE
≤ 0.2V
Standard
IDD76
6
mA
Low power (L)
IDD73
3
mA
Table 15:
Capacitance
Note 2 applies to entire table; notes appear on page 47
Parameter
Symbol
Min
Max
Units
Input capacitance: CLK
CI1
2.5
3.5
pF
Input capacitance: All other input-only pins
CI2
2.5
3.8
pF
Input/output capacitance: DQs
CIO
4.0
6.0
pF


Similar Part No. - MT48LC128M4A2_07

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC128M4A2TG MICRON-MT48LC128M4A2TG Datasheet
1Mb / 55P
   SYNCHRONOUS DRAM
More results

Similar Description - MT48LC128M4A2_07

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT47H32M16CC3B MICRON-MT47H32M16CC3B Datasheet
2Mb / 133P
   512Mb: x4, x8, x16 DDR2 SDRAM
MT47H64M8B6-25ELDTR MICRON-MT47H64M8B6-25ELDTR Datasheet
2Mb / 133P
   512Mb: x4, x8, x16 DDR2 SDRAM
MT46V32M16P-5BITF MICRON-MT46V32M16P-5BITF Datasheet
3Mb / 91P
   512Mb: x4, x8, x16 DDR SDRAM Features
MT46V32M16P-6TF MICRON-MT46V32M16P-6TF Datasheet
1Mb / 93P
   512Mb: x4, x8, x16 Double Data Rate SDRAM Features
MT46V64M8P-5BF MICRON-MT46V64M8P-5BF Datasheet
1Mb / 93P
   512Mb: x4, x8, x16 Double Data Rate (DDR) SDRAM SDRAM Features
MT48LC4M16A2P-6A MICRON-MT48LC4M16A2P-6A Datasheet
3Mb / 83P
   64Mb: x4, x8, x16 SDRAM
MT48LC16M16A2TG-75ITD MICRON-MT48LC16M16A2TG-75ITD Datasheet
3Mb / 86P
   256Mb: x4, x8, x16 SDRAM
logo
Integrated Silicon Solu...
IS43DR16320B-37CBLI ISSI-IS43DR16320B-37CBLI Datasheet
729Kb / 30P
   512Mb (x8, x16) DDR2 SDRAM
IS43DR86400B ISSI-IS43DR86400B Datasheet
760Kb / 29P
   512Mb (x8, x16) DDR2 SDRAM
IS43DR86400 ISSI-IS43DR86400 Datasheet
867Kb / 29P
   512Mb (x8, x16) DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com