Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C344B Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C344B
Description  32-Macrocell MAX짰 EPLD
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C344B Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C344B Datasheet HTML 3Page - Cypress Semiconductor CY7C344B Datasheet HTML 4Page - Cypress Semiconductor CY7C344B Datasheet HTML 5Page - Cypress Semiconductor CY7C344B Datasheet HTML 6Page - Cypress Semiconductor CY7C344B Datasheet HTML 7Page - Cypress Semiconductor CY7C344B Datasheet HTML 8Page - Cypress Semiconductor CY7C344B Datasheet HTML 9Page - Cypress Semiconductor CY7C344B Datasheet HTML 10Page - Cypress Semiconductor CY7C344B Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
CY7C344
CY7C344B
7
External Synchronous Switching Characteristics[7] Over Operating Range (continued)
7C344–20
7C344B–20
7C344–25
7C344B–25
Parameter
Description
Min.
Max.
Min.
Max.
Unit
fMAX1
External Maximum Frequency(1/(tCO1 + tS))
[4, 14]
Com’l/Ind
41.6
33.3
MHz
Mil
41.6
33.3
fMAX2
Maximum Frequency with Internal Only Feedback
(1/(tCF + tS))
[4, 15]
Com’l/Ind
62.5
45.4
MHz
Mil
62.5
45.4
fMAX3
Data Path Maximum Frequency, least of 1/(tWL + tWH),
1/(tS + tH), or (1/tCO1)
[4, 16]
Com’l/Ind
71.4
62.5
MHz
Mil
71.4
62.5
fMAX4
Maximum Register Toggle Frequency 1/(tWL + tWH)
[4, 17]
Com’l/Ind
71.4
62.5
MHz
Mil
71.4
62.5
tOH
Output Data Stable Time from
Synchronous Clock Input[4, 18]
Com’l/ Ind
3
3
ns
Mil
3
3
External Asynchronous Switching Characteristics Over Operating Range[7]
7C344B–10
7C344B–12
7C344–15
7C344B–15
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tACO1
Asynchronous Clock Input to Output Delay
Com’l/ Ind
10
12
15
ns
Mil
12
15
tACO2
Asynchronous Clock Input to Local Feedback to
Combinatorial Output[19]
Com’l/Ind
15
18
30
ns
Mil
18
30
tAS
Dedicated Input or Feedback Set-Up Time to
Asynchronous Clock Input
Com’l/Ind
4
4
7
ns
Mil
4
7
tAH
Input Hold Time from Asynchronous Clock Input
Com’l/Ind
3
4
7
ns
Mil
4
7
tAWH
Asynchronous Clock Input HIGH Time[4, 20]
Com’l/Ind
4
5
6
ns
Mil
5
6
tAWL
Asynchronous Clock Input LOW Time[4]
Com’l/Ind
5
6
7
ns
Mil
6
7
tACF
Asynchronous Clock to Local Feedback Input[4,
21]
Com’l /Ind
7
9
18
ns
Mil
9
18
tAP
External Asynchronous Clock Period (1/fMAX4)
[4]
Com’l/Ind
12
12.5
13
ns
Mil
12.5
13
fMAXA1
External Maximum Frequency in Asynchronous
Mode 1/(tACO1 + tAS)
[4, 22]
Com’l/Ind
71.4
62.5
45.4
MHz
Mil
62.5
45.4
fMAXA2
Maximum Internal Asynchronous Frequency
1/(tACF + tAS) or 1/(tAWH + tAWL)
[4, 23]
Com’l/Ind
90.9
76.9
40
MHz
Mil
76.9
40
fMAXA3
Data Path Maximum Frequency in Asynchronous
Mode[4, 24]
Com’l/Ind
100.0
83.3
66.6
MHz
Mil
83.3
66.6
fMAXA4
Maximum Asynchronous Register Toggle Fre-
quency 1/(tAWH + tAWL)
[4, 25]
Com’l /Ind
111.1
90.9
76.9
MHz
Mil
90.9
76.9
tAOH
Output Data Stable Time from Asynchronous
Clock Input[4, 26]
Com’l/Ind
12
12
15
ns
Mil
15
Shaded area contains preliminary information.


Similar Part No. - CY7C344B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C344B CYPRESS-CY7C344B Datasheet
241Kb / 16P
   32-Macrocell MAX EPLD
CY7C344B CYPRESS-CY7C344B Datasheet
352Kb / 12P
   32-Macrocell MAX짰 EPLD
CY7C344B CYPRESS-CY7C344B Datasheet
87Kb / 6P
   Multiple Array Matrix High-Density EPLDs
CY7C344B-15HC/HI CYPRESS-CY7C344B-15HC/HI Datasheet
352Kb / 12P
   32-Macrocell MAX짰 EPLD
CY7C344B-15JC/JI CYPRESS-CY7C344B-15JC/JI Datasheet
352Kb / 12P
   32-Macrocell MAX짰 EPLD
More results

Similar Description - CY7C344B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C344 CYPRESS-CY7C344_05 Datasheet
494Kb / 15P
   32-Macrocell MAX짰 EPLD
CY7C344B CYPRESS-CY7C344B_05 Datasheet
352Kb / 12P
   32-Macrocell MAX짰 EPLD
CY7C344-20JI CYPRESS-CY7C344-20JI Datasheet
556Kb / 15P
   32-Macrocell MAX짰 EPLD
5962-9061102XX CYPRESS-5962-9061102XX Datasheet
579Kb / 15P
   32-Macrocell MAX짰 EPLD
CY7C343B CYPRESS-CY7C343B_04 Datasheet
183Kb / 11P
   64-Macrocell MAX짰 EPLD
CY7C344B CYPRESS-CY7C344B Datasheet
241Kb / 16P
   32-Macrocell MAX EPLD
CY7C344 CYPRESS-CY7C344 Datasheet
475Kb / 15P
   32-Macrocell MAX EPLD
CY7C346B-25JC CYPRESS-CY7C346B-25JC Datasheet
435Kb / 15P
   128-Macrocell MAX EPLD
CY7C341B CYPRESS-CY7C341B Datasheet
334Kb / 12P
   192-Macrocell MAX EPLD
CY7C343B CYPRESS-CY7C343B Datasheet
173Kb / 12P
   64-Macrocell MAX EPLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com