Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF1040S20X Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ATF1040S20X
Description  FAST SWITCHING THYRISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATF1040S20X Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ATF1040S20X Datasheet HTML 1Page - List of Unclassifed Manufacturers ATF1040S20X Datasheet HTML 2Page - List of Unclassifed Manufacturers ATF1040S20X Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ATF1040 FAST SWITCHING THYRISTOR
FINAL SPECIFICATION
mag 97 - ISSUE : 06
Cathode terminal type DIN 46244 - A 4.8 - 0.8
Gate terminal type AMP 60598 - 1
Distributed by
ON-STATE CHARACTERISTIC
Tj = 125 °C
0
500
1000
1500
2000
2500
3000
3500
0.6
1.1
1.6
2.1
2.6
On-state Voltage [V]
TRANSIENT THERMAL IMPEDANCE
DOUBLE SIDE COOLED
0
5
10
15
20
25
30
35
0.001
0.01
0.1
1
10
100
t[s]
SURGE CHARACTERISTIC
Tj = 125 °C
0
2
4
6
8
10
12
14
1
10
100
n° cycles
ANSALDO
All the characteristics given in this data sheet are guaranteed only with uniform
clamping force, cleaned and lubricated heatsink, surfaces with flatness < .03 mm
and roughness < 2 µm.
In the interest of product improvement ANSALDO reserves the right to change
any data given in this data sheet at any time without previous notice.
If not stated otherwise the maximum value of ratings (simbols over shaded
background) and characteristics is reported.


Similar Part No. - ATF1040S20X

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
ATF1040S20S POSEICO-ATF1040S20S Datasheet
81Kb / 3P
   FAST SWITCHING THYRISTOR
More results

Similar Description - ATF1040S20X

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
TF219 DYNEX-TF219 Datasheet
252Kb / 13P
   Fast Switching Thyristor
TF708 DYNEX-TF708 Datasheet
250Kb / 13P
   Fast Switching Thyristor
TF440 DYNEX-TF440 Datasheet
249Kb / 13P
   Fast Switching Thyristor
logo
Power Semiconductors
ATF1040 POSEICO-ATF1040 Datasheet
81Kb / 3P
   FAST SWITCHING THYRISTOR
ATF401 POSEICO-ATF401 Datasheet
81Kb / 3P
   FAST SWITCHING THYRISTOR
ATF416 POSEICO-ATF416 Datasheet
81Kb / 3P
   FAST SWITCHING THYRISTOR
ATF413 POSEICO-ATF413 Datasheet
68Kb / 2P
   FAST SWITCHING THYRISTOR
ATF515 POSEICO-ATF515 Datasheet
122Kb / 6P
   FAST SWITCHING THYRISTOR
logo
Dynex Semiconductor
TF915 DYNEX-TF915 Datasheet
236Kb / 13P
   Fast Switching Thyristor
logo
Power Semiconductors
ATF857 POSEICO-ATF857 Datasheet
87Kb / 3P
   FAST SWITCHING THYRISTOR
ATF615 POSEICO-ATF615 Datasheet
84Kb / 3P
   FAST SWITCHING THYRISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com