Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK2358F Datasheet(PDF) 21 Page - Asahi Kasei Microsystems

Part # AK2358F
Description  Base-band LSI for Europian Cordless Telephones(CTI, CTI)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK2358F Datasheet(HTML) 21 Page - Asahi Kasei Microsystems

Back Button AK2358F Datasheet HTML 17Page - Asahi Kasei Microsystems AK2358F Datasheet HTML 18Page - Asahi Kasei Microsystems AK2358F Datasheet HTML 19Page - Asahi Kasei Microsystems AK2358F Datasheet HTML 20Page - Asahi Kasei Microsystems AK2358F Datasheet HTML 21Page - Asahi Kasei Microsystems AK2358F Datasheet HTML 22Page - Asahi Kasei Microsystems AK2358F Datasheet HTML 23Page - Asahi Kasei Microsystems AK2358F Datasheet HTML 24Page - Asahi Kasei Microsystems AK2358F Datasheet HTML 25Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
ASAHI
[AK2358FI
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
Signal Reception
signal receptio n
FSL set to “O”.
N
= “1”
I
FSL set to “ 1”
N
Reception data read i
Set so that a
detection signal (FD) is put out
the
pin .
Synchronization frame detection ?
: Reception voice u ut e
Set so that an
signal reception flag
is put ou t
the
pin .
Reception of 8 bit of data ?
: Reading of 8 bit of data. change to
= “H ”
I
FCLN set to “O”
I
: Waiting for the next synchronization
fram e
I
I
A
If the internal register “FCLN”
is “O”, the internal nodes RDATA, RCLK are fixed to
“l”.
After a synchronization frame is detected, FD goes to “L” during the period “T”, then
FCLN is set to “l”.
RDATA and RCLK put out the data following to the synchronized frame pattern, and these
are stored in the internal buffer.
After 8 bit of reception data have been entered to the internal buffer, RDF goes “L”.
After the CPU detect that RDF is “L”, it puts out 8
bits to SCLK, then read 8
bit of reception data from the SDATA pin.
input of 8
bits
SCLK, RDF goes “H”.
Afterwards,
repeating the steps (4) and (5) the necessary data bits are read.
After the necessary data have been read, DIR goes “H”,
is set to “O”
the
serial interface,
internal nodes RDATA and RCLK are set to “l”, then
system
waits for
synchronization frame.
0152-E-00
-20 ”
1996/12


Similar Part No. - AK2358F

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK230-2-R ASSMANN-AK230-2-R Datasheet
113Kb / 1P
   Extension Cable for 9 Pin InterfacE
logo
Asahi Kasei Microsystem...
AK2300 AKM-AK2300 Datasheet
224Kb / 19P
   3.3V Single channel PCM CODEC LSI
AK2301 AKM-AK2301 Datasheet
354Kb / 18P
   3.3V ?룔꺍?겹꺂?곥깵?띲꺂竊곤샬竊?궠?쇈깈?껁궚 竊э설竊
AK2301A AKM-AK2301A Datasheet
158Kb / 20P
   3.3V Single channel PCM CODEC LSI
AK2301BX AKM-AK2301BX Datasheet
372Kb / 23P
   3.3V Linear PCM CODEC LSI with PLL & Voltage Detector
More results

Similar Description - AK2358F

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK2368 AKM-AK2368 Datasheet
800Kb / 25P
   BASE-BAND LSI FOR CORDLESS TELEPHONES
AK2361E AKM-AK2361E Datasheet
734Kb / 25P
   Base-band LSI for European Cordless Telephones (CT1, CT1)
logo
National Semiconductor ...
DP8392C NSC-DP8392C Datasheet
227Kb / 12P
   CTI Coaxial Transceiver Interface
logo
List of Unclassifed Man...
XE0055CS2 ETC2-XE0055CS2 Datasheet
30Kb / 7P
   Miniature Telephone Line Interface Module for CTI Applications
logo
Toshiba Semiconductor
TLP222G TOSHIBA-TLP222G_07 Datasheet
189Kb / 6P
   Cordless Telephones
logo
Suntsu Electronics, Inc...
SATCA-3C1GF-DEB1 SUNTSU-SATCA-3C1GF-DEB1 Datasheet
1Mb / 6P
   Cordless Home Telephones
logo
CML Microcircuits
MX118 CMLMICRO-MX118 Datasheet
368Kb / 7P
   FULL-DUPLEX SCRAMBLER FOR CORDLESS TELEPHONES
logo
NXP Semiconductors
PCD5032 PHILIPS-PCD5032 Datasheet
136Kb / 24P
   ADPCM CODEC for digital cordless telephones
1997 Apr 03
logo
Toshiba Semiconductor
TLP222G TOSHIBA-TLP222G_14 Datasheet
255Kb / 6P
   Cordless Telephones PBX Modems
TLP222G TOSHIBA-TLP222G Datasheet
138Kb / 6P
   Cordless Telephones PBX Modems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com