Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK2358F Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # AK2358F
Description  Base-band LSI for Europian Cordless Telephones(CTI, CTI)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK2358F Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  AK2358F Datasheet HTML 1Page - Asahi Kasei Microsystems AK2358F Datasheet HTML 2Page - Asahi Kasei Microsystems AK2358F Datasheet HTML 3Page - Asahi Kasei Microsystems AK2358F Datasheet HTML 4Page - Asahi Kasei Microsystems AK2358F Datasheet HTML 5Page - Asahi Kasei Microsystems AK2358F Datasheet HTML 6Page - Asahi Kasei Microsystems AK2358F Datasheet HTML 7Page - Asahi Kasei Microsystems AK2358F Datasheet HTML 8Page - Asahi Kasei Microsystems AK2358F Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
KASEI
Base-band
for
Cordless
Feature s
I
•1
•1
•1
•1
•1
•1
•1
•1
•1
•1
•1
•1
u
•1
•1
u
u
•1
Meets to the specification of the
cordless telephones
Built-in voice filter for cordless telephone, MSK MODEM
and
scrambler circuit
Low / wide operation voltage range (1.9 V to
Built-in
output transient response circuit and time constant circuit
No external component is needed for COMPANDOR
Built-in buffer amplifier for ceramic receiver driving.
Built-in electronic volume for microphone sensitivity and modulator/demodulator
sensitivity
Receiving level
in 8 steps (-12 to
Built-in u uting function for voice transmitting and receiving
External adjustment for the limiter level
Built-in amplifier for transmission and reception gain adjustment
Low power CMOS and power-down function
Built-in
oscillator circuit
Scrambler circuit with frequency inversion. Two inversion frequencies can be
selected.
Bypassing the scrambler circuit available
Built-in frame detection function for the MSK demodulator
Control register and MSK MODEM data buffer controlled by serial interface
Few external component is necessary resulting cost reduction and small set size.
Package: 24 pin VSOP
Block
Diagra m
I
splatter f i lter
Data/Rx Data
\ control register
and data buffer
MODEM
Control data
Transmission
output
3
signa l
detection
Receiver
Reception
signal
input
0152 E 00
inn
1996/12


Similar Part No. - AK2358F

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK230-2-R ASSMANN-AK230-2-R Datasheet
113Kb / 1P
   Extension Cable for 9 Pin InterfacE
logo
Asahi Kasei Microsystem...
AK2300 AKM-AK2300 Datasheet
224Kb / 19P
   3.3V Single channel PCM CODEC LSI
AK2301 AKM-AK2301 Datasheet
354Kb / 18P
   3.3V ?룔꺍?겹꺂?곥깵?띲꺂竊곤샬竊?궠?쇈깈?껁궚 竊э설竊
AK2301A AKM-AK2301A Datasheet
158Kb / 20P
   3.3V Single channel PCM CODEC LSI
AK2301BX AKM-AK2301BX Datasheet
372Kb / 23P
   3.3V Linear PCM CODEC LSI with PLL & Voltage Detector
More results

Similar Description - AK2358F

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK2368 AKM-AK2368 Datasheet
800Kb / 25P
   BASE-BAND LSI FOR CORDLESS TELEPHONES
AK2361E AKM-AK2361E Datasheet
734Kb / 25P
   Base-band LSI for European Cordless Telephones (CT1, CT1)
logo
National Semiconductor ...
DP8392C NSC-DP8392C Datasheet
227Kb / 12P
   CTI Coaxial Transceiver Interface
logo
List of Unclassifed Man...
XE0055CS2 ETC2-XE0055CS2 Datasheet
30Kb / 7P
   Miniature Telephone Line Interface Module for CTI Applications
logo
Toshiba Semiconductor
TLP222G TOSHIBA-TLP222G_07 Datasheet
189Kb / 6P
   Cordless Telephones
logo
Suntsu Electronics, Inc...
SATCA-3C1GF-DEB1 SUNTSU-SATCA-3C1GF-DEB1 Datasheet
1Mb / 6P
   Cordless Home Telephones
logo
CML Microcircuits
MX118 CMLMICRO-MX118 Datasheet
368Kb / 7P
   FULL-DUPLEX SCRAMBLER FOR CORDLESS TELEPHONES
logo
NXP Semiconductors
PCD5032 PHILIPS-PCD5032 Datasheet
136Kb / 24P
   ADPCM CODEC for digital cordless telephones
1997 Apr 03
logo
Toshiba Semiconductor
TLP222G TOSHIBA-TLP222G_14 Datasheet
255Kb / 6P
   Cordless Telephones PBX Modems
TLP222G TOSHIBA-TLP222G Datasheet
138Kb / 6P
   Cordless Telephones PBX Modems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com